Part Number Hot Search : 
A1276 HYMD2 LM331 2SD382 6KE16CA BR2450A HT162 25HF20M
Product Description
Full Text Search
 

To Download 3-1462039-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07-2013, rev. 0713 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 signal relays im relay n slim line 10x6mm, low profle 5.65mm and min. board-space 60mm 2 n switching current 2/5a, switching power 60w/62.5va and switching voltage 220vdc/250vac n low coil power consumption, 140mw standard, 100mw for high sensitive version, 50mw for ultra high sensitive version and 100mw for bistable version n high dielectric and surge capability up to 2500vrms between open contacts and 2500vrms between coil and contacts n high mechanical shock resistance up to 50g functional typical applications telecommunication, access and transmission equipment, optical network terminals, modems, offce and business equipment, consumer electronics, measurement and test equipment, industrial control, medical equipment, automotive applications approvals ul 508 file no. e 111441 technical data of approved types on request contact data standard, c d p standard and high high contact high dielectric current stability version version version contact arrangement 2 form c, 2 co max. switching voltage 220vdc, 220vdc, 220vdc, 250vac 250vac 250vac rated current 2a 5a 2a limiting continuous current 2a 5a 2a switching power 60w, 62.5va contact material pdru agni pdru +au +au +au covered covered covered contact style twin contacts minimum switching voltage 100v initial contact resistance <50m at 10ma/30mv thermoelectric potential <10v operate time typ. 1ms, max. 3ms release time without diode in parallel typ. 1ms, max. 3ms with diode in parallel typ. 3ms, max. 5ms bounce time max. typ. 1ms, max. 5ms contact data (continued) electrical endurance at contact application 0 (30mv/10ma) min. 2.5x10 6 operations cable load open end min. 2.0x10 6 operations resistive, 125vdc / 0.24a - 30w min. 5x10 5 operations resistive, 220 vdc / 0.27a - 60w min. 1x10 5 operations resistive, 250vac / 0.25a - 62.5va min. 1x10 5 operations resistive, 30vdc / 1a - 30w min. 5x10 5 operations resistive, 30vdc / 2a - 60w min. 1x10 5 operations ul contact rating 30vdc, 2a, 60w, no only 110vdc, 0.3a, 33w 220vdc, 0.27a, 60w 125vac, 0.5a, 62.5w 250vac, 0.25a, 62.5w mechanical endurance 10 8 operations coil data magnetic system monostable, bistable coil voltage range 1.5 to 24vdc coil versions, standard version, monostable, 1 coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 00 1.5 1.13 0.15 16 140 08 2.4 1.80 0.24 41 140 01 3 2.25 0.30 64 140 02 4.5 3.38 0.45 145 140 03 5 3.75 0.50 178 140 04 6 4.50 0.60 257 140 05 9 6.75 0.90 579 140 06 12 9.00 1.20 1029 140 07 24 18.00 2.40 2880 200 all fgures are given for coil without pre-energization, at ambient temperature +23c 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 21 of 28 axicomsignalrelays im rela y contact data im-a im-b im-c im-d im-e number of contacts and type 1polebr eak 1polemake 1pole changeover 2polebr eak 2polemak e contact assembly bifur catedcontacts contact material palladium-ruthenium,gold-cover ed limiting continuous curr ent at max. ambient temperatur e 2a2 a 4 a2 a 2 a maximum switching curr ent 2a 2a 3a 2a 2 a maximum swichting voltage 220vdc 250v ac maximum switching capacity 60w ,62.5 va thermoelectric potential <10 v minimum switching voltage 100 v initial contact r esistance / measuring condition: 10 ma / 20 mv < 100 m? < 100 m? no < 100 m? < 50 m? < 50 m? electrical cc0 contact category 0 endurance ( 30 mv / 10 ma ) cable load open end resistive load at 125 vdc / 0.24 a - 30 w at 220 vdc / 0.27 a - 60 w at 250 v ac / 0.25 a - 62.5 va at 30 vdc / 1 a - 30 w at 30 vdc / 2 a - 60 w min.2.5x1 0 6 operations min.2.0x1 0 6 operations min.5x10 5 operations min.1x1 0 5 operations min.1x1 0 5 operations min.5x1 0 5 operations min.1x1 0 5 operations mechanical enduranc e typ.10 8 operations ul contact ratings 220 vdc / 0.24 a - 60 w 125 vdc / 0.24 a - 30 w 250 v ac / 0.25 a - 62.5 va 125 v ac / 0.5 a - 62.5 va 30 vdc / 2 a - 60 w max. dc load br eaking capacity dc v oltage [vdc] dc curr ent [a] r esistive load 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 24 of 28 axicomsignalrelays im rela y coil ope ra ting range u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils ar e continously ener gized u op. min. = lower limit of the operative range of the coil voltage (r eliable operate voltage) for latching r elays uset min. r esp. ur eset min. u r el. min. = lower limit of the operative range of the coil voltage (r eliable r elease voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -5 0- 40 -3 0- 20 -1 00 10 20 30 40 50 60 70 80 90 10 01 10 12 0 coil v oltage [u/unom] u max. at 0a u max. at 2x2a u m ax. at 2x1 a u nom. nominal coil voltage ambient t emperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50 -40 -30 -20 -10 01 02 03 04 05 06 07 08 09 0 100 110 120 ambient t emperature [c] coil v oltage [u/u nom ] u max. at 0a u max. at 2x2a u max. at 2x1a u nom. nominal coil voltage u re l. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -5 0- 40 -3 0- 20 -1 00 10 20 30 40 50 60 70 80 90 100 110 120 130 140 ambient t emperatur e [c] coil v oltage [u/u nom ] u max . - 5%coil duty at 2x2a (100mw) u max .-5%coil duty at 0a(100mw) u max .-5%coil duty at 0a (200mw) u max . -5% coil duty at 2x1a (100mw) u nom. nominal coil voltage u max. at 0a 140mw coil 200mw coil u r el. min. 50mw coil 100mw coil u op min. u max. at 0a u max . - 100% coil duty at 0a (100mw) u max . - 100% coil duty at 0a (200mw) u set min. 100 mw latching 200 mw latching coil operating range, standard version max. dc load breaking capacity u im_ axicom
07-2013, rev. 0713 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 signal relays im relay (continued) insulation data standard c d,p standard, high high current, sensitive, dielectric high contact ultra high version stability sensitive version version initial dielectric strength between open contacts 1000v rms 1500v rms 750v rms between contact and coil 1800v rms 1800v rms 1500v rms between adjacent contacts 1000v rms 1800v rms 750v rms initial surge withstand voltage between open contacts 1500v 2500v 1000v between contact and coil 2500v 2500v 2000v between adjacent contacts 1500v 2500v 1000v initial insulation resistance between insulated elements >10 9 >10 9 >10 9 capacitance between open contacts max. 1pf between contact and coil max. 2pf between adjacent contacts max. 2pf rf data isolation at 100mhz/900mhz 37.0db/18.8db insertion loss at 100mhz/900mhz 0.03db/0.33db voltage standing wave ratio (vswr) at 100mhz/900mhz 1.06/1.49 other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40c to +85c thermal resistance <150k/w category of environmental protection iec 61810 rt v - hermetically sealed degree of protection, iec 60529 ip 67, immersion cleanable vibration resistance (functional) 20g, 10 to 500hz shock resistance (functional), half sinus 11ms 50g shock resistance (destructive), half sinus 0.5ms 500g mounting position any weight max. 0.75g resistance to soldering heat tht peak value iec 60068-2-20 265c/10s resistance to soldering heat smt iec 60068-2-58 265c/10s moisture sensitive level, jedec j-std-020d msl3 related only to smt relays packed in orginal dry-packs ultrasonic cleaning not recommended packaging/unit tht version tube/50pcs., box/1000 pcs. smt version reel/1000 pcs., box/1000 or 5000 pcs. coil data (continued) coil versions, sensitive version, monostable, 1 coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 11 3 2.40 0.30 91 100 12 4.5 3.60 0.45 194 100 13 5 4.00 0.50 234 100 16 12 9.60 1.20 1315 110 17 24 19.20 2.40 4120 140 coil versions, ultra high sensitive version, monostable, 1 coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 21 3 2.55 0.30 180 50 22 4.5 3.83 0.45 405 50 23 5 4.25 0.50 500 50 26 12 10.20 1.20 2880 50 all fgures are given for coil without pre-energization, at ambient temperature +23c coil versions, standard, bistable 1 coil coil rated set reset coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 40 1.5 1.13 -1.13 23 100 48 2.4 1.80 -1.80 58 100 41 3 2.25 -2.25 90 100 42 4.5 3.38 -3.38 203 100 43 5 3.75 -3.75 250 100 44 6 4.50 -4.50 360 100 45 9 6.75 -6.75 810 100 46 12 9.00 -9.00 1440 100 47 24 18.00 -18.00 2880 200 all fgures are given for coil without pre-energization, at ambient temperature +23c 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 24 of 28 axicomsignalrelays im rela y coil ope ra ting range u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils ar e continously ener gized u op. min. = lower limit of the operative range of the coil voltage (r eliable operate voltage) for latching r elays uset min. r esp. ur eset min. u r el. min. = lower limit of the operative range of the coil voltage (r eliable r elease voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -5 0- 40 -3 0- 20 -1 00 10 20 30 40 50 60 70 80 90 10 01 10 12 0 coil v oltage [u/unom] u max. at 0a u max. at 2x2a u m ax. at 2x1 a u nom. nominal coil voltage ambient t emperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50 -40 -30 -20 -10 01 02 03 04 05 06 07 08 09 0 100 110 120 ambient t emperature [c] coil v oltage [u/u nom ] u max. at 0a u max. at 2x2a u max. at 2x1a u nom. nominal coil voltage u re l. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -5 0- 40 -3 0- 20 -1 00 10 20 30 40 50 60 70 80 90 100 110 120 130 140 ambient t emperatur e [c] coil v oltage [u/u nom ] u max . - 5%coil duty at 2x2a (100mw) u max .-5%coil duty at 0a(100mw) u max .-5%coil duty at 0a (200mw) u max . -5% coil duty at 2x1a (100mw) u nom. nominal coil voltage u max. at 0a 140mw coil 200mw coil u r el. min. 50mw coil 100mw coil u op min. u max. at 0a u max . - 100% coil duty at 0a (100mw) u max . - 100% coil duty at 0a (200mw) u set min. 100 mw latching 200 mw latching coil operating range, sensitive and ultra high sensitive coil 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 24 of 28 axicomsignalrelays im rela y coil ope ra ting range u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils ar e continously ener gized u op. min. = lower limit of the operative range of the coil voltage (r eliable operate voltage) for latching r elays uset min. r esp. ur eset min. u r el. min. = lower limit of the operative range of the coil voltage (r eliable r elease voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -5 0- 40 -3 0- 20 -1 00 10 20 30 40 50 60 70 80 90 10 01 10 12 0 coil v oltage [u/unom] u max. at 0a u max. at 2x2a u m ax. at 2x1 a u nom. nominal coil voltage ambient t emperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50 -40 -30 -20 -10 01 02 03 04 05 06 07 08 09 0 100 110 120 ambient t emperature [c] coil v oltage [u/u nom ] u max. at 0a u max. at 2x2a u max. at 2x1a u nom. nominal coil voltage u re l. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -5 0- 40 -3 0- 20 -1 00 10 20 30 40 50 60 70 80 90 100 110 120 130 140 ambient t emperatur e [c] coil v oltage [u/u nom ] u max . - 5%coil duty at 2x2a (100mw) u max .-5%coil duty at 0a(100mw) u max .-5%coil duty at 0a (200mw) u max . -5% coil duty at 2x1a (100mw) u nom. nominal coil voltage u max. at 0a 140mw coil 200mw coil u r el. min. 50mw coil 100mw coil u op min. u max. at 0a u max . - 100% coil duty at 0a (100mw) u max . - 100% coil duty at 0a (200mw) u set min. 100 mw latching 200 mw latching coil operating range, bistable 1 coil monostable version rest condition 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm terminal assignment top view on relay bistable version, 1 coil reset condition 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm contacts are shown in reset condition. contact position might change during transportation and must be reset before use. axicom
07-2013, rev. 0713 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 signal relays im relay (continued) tht version dimensions 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm smt version 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm standard version narrow version gull wings j-legs pcb layout top view on component side of pcb standard version narrow version gull wings j-legs 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 5 of 28 axicomsignalrelays im rela y 2 pole change over / 2 f orm c / dpdt dimensions dimensions in mm tht v ersion mounting hole la y out v iew onto the component side of the pcb (top view) non-lat ching t ype not ener gized condition lat ching t ype, 1 coil r eset condition imtht standar d imtht narr ow imsmt gullwings imsmt j-legs mm inch mm inch mm inch mm inch l w h 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 5.700.30 5.800.08 0.3930.003 0.2240.012 0.2300.003 10.000.08 6.000.08 5.65e0.20 0.3930.003 0.2360.003 0.222e0.008 10.000.08 6.000.08 5.65e0.02 0.3930.003 0.2360.003 0.222e0.008 smt v ersion standa rd v ersion narr ow v ersion solder pad la y out v iew onto the component side of the pcb (top view) gull w ings j-leg s standa rd v ersion narr ow v ersion gull w ings min.0.75 min.0.75 t erminal assignment relay ? top view contacts inr eset position. contact position might change during trans - portation and must ber eset befor e use. coplanarity 0.1mm coplanarity 0.1mm t t1 t2 d1 d2 tw s 3.2 n/a 5.080.10 3.200.15 2.200.15 0.40 0.75 0.125 n/a 0.2000.004 0.1260.006 0.0870.006 0.015 0.029 3.2 n/a 3.200.10 3.200.15 2.200.15 0.4 0.300.05 0.125 n/a 0.1260.004 0.1260.006 0.0870.006 0.015 0.0110.002 n/a 7.500.30 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.2950.011 0.2000.004 0.1260.006 0.0870.006 0.015 n/a n/a 2.800.20 5.080.10 3.200.15 2.200.15 0.4 n/a n/a 0.1100.007 0.2000.004 0.1260.006 0.0870.006 0.015 n/a 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.65-0.2 0.75 10.00.08 5.70.3 3.20.1 0.4 3.20.15 2.20.15 2.20.15 3.2 5.80.08 0.30.05 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 10.00.08 6.00.08 5.080.1 0.4 3.20.15 2.20.15 2.20.15 5.65-0.2 7.50.3 coplanarity 0.1mm 2.80.2 coplanarity 0.1mm recommended soldering conditions processing 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 25 of 28 axicomsignalrelays im rela y soldering conditions accor ding iec 60058-2-58 and ipc/jedec j-std-020b infrar ed soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) 240c 180c 130c 100c 20-40sec full line: typical dottedline: pr ocesslimits for ced cooling time (s) t emperature c time (s) infrar ed soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) t emperature c time (s) recommended soldering conditions recommended re?o w soldering pr o?le resistan ce to soldering heat - re?o w pr o?le t emperature c v apor phase soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) soldering conditions according iec 60058-2-58 and ipc/jedec j-std-020d vapor phase soldering: temperature/time profle (lead and housing peak temperature) 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 25 of 28 axicomsignalrelays im rela y soldering conditions accor ding iec 60058-2-58 and ipc/jedec j-std-020b infrar ed soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) 240c 180c 130c 100c 20-40sec full line: typical dottedline: pr ocesslimits for ced cooling time (s) t emperature c time (s) infrar ed soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) t emperature c time (s) recommended soldering conditions recommended re?o w soldering pr o?le resistan ce to soldering heat - re?o w pr o?le t emperature c v apor phase soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 25 of 28 axicomsignalrelays im rela y soldering conditions accor ding iec 60058-2-58 and ipc/jedec j-std-020b infrar ed soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) 240c 180c 130c 100c 20-40sec full line: typical dottedline: pr ocesslimits for ced cooling time (s) t emperature c time (s) infrar ed soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) t emperature c time (s) recommended soldering conditions recommended re?o w soldering pr o?le resistan ce to soldering heat - re?o w pr o?le t emperature c v apor phase soldering: t emperatur e/time pr o?le (lead and housing peak t emperatur e) recommended refow soldering profle resistance to soldering heat - refow profle infrared soldering: temperature/ time profle (lead and housing peak temperature) axicom
07-2013, rev. 0713 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 4 signal relays im relay (continued) packing 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 26 of 28 axicomsignalrelays im rela y packing dimensions in mm reel dimension t ube for tht version 50 r elays per tube 1,000 r elays per box t ape and r eel for smt version 1,000 r elays per r eel 1,000 or 5,000 r elays per box tube for tht version 50 relays per tube, 1000 relays per box 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 26 of 28 axicomsignalrelays im rela y packing dimensions in mm reel dimension t ube for tht version 50 r elays per tube 1,000 r elays per box t ape and r eel for smt version 1,000 r elays per r eel 1,000 or 5,000 r elays per box tape and reel for smt version 1000 relays per reel, 1000 or 5000 relays per box reel dimensions 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 26 of 28 axicomsignalrelays im rela y packing dimensions in mm reel dimension t ube for tht version 50 r elays per tube 1,000 r elays per box t ape and r eel for smt version 1,000 r elays per r eel 1,000 or 5,000 r elays per box 108-98001 re v. m all speci?cations subject to change. consult t yco electr onics for latest speci?cations. 26 of 28 axicomsignalrelays im rela y packing dimensions in mm reel dimension t ube for tht version 50 r elays per tube 1,000 r elays per box t ape and r eel for smt version 1,000 r elays per r eel 1,000 or 5,000 r elays per box product code structure typical product code im 03 g r type im signal relays im series contact arrangement blank 2 form c, 2 co coil coil code: please refer to coil versions table performance type blank standard version c high dielectric version d high current version p high contact stability version terminals t tht - standard j smt - j-leg n tht - narrow version g smt - gull wing packing s tube r reel axicom
07-2013, rev. 0713 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 5 signal relays product code arrangement perf. type coil coil type coil terminals part number im00gr 2 form c, standard 1.5vdc monostable standard smt gull wing 3-1462037-7 im00jr 2 co smt j-leg 3-1462037-9 im00ns contacts tht narrow 1-1462038-0 im01gr 3vdc smt gull wing 1462037-1 im01jr smt j-leg 4-1462037-0 im01ns tht narrow 1-1462038-1 im01ts tht standard 1462037-4 im02gr 4.5vdc smt gull wing 1462037-9 im02jr smt j-leg 1-1462037-1 im02ns tht narrow 1-1462038-2 im03gr 5vdc smt gull wing 1-1462037-4 im03jr smt j-leg 1-1462037-6 im03ns tht narrow 1-1462038-3 im03ts tht standard 1-1462037-8 im04gr 6vdc smt gull wing 4-1462037-2 im04jr smt j-leg 4-1462037-4 im04ns tht narrow 1-1462038-4 im05gr 9vdc smt gull wing 3-1462037-4 im05jr smt j-leg 4-1462037-5 im05ns tht narrow 1-1462038-5 im05ts tht standard 2-1462037-2 im06gr 12vdc smt gull wing 2-1462037-3 im06jr smt j-leg 4-1462037-6 im06ns tht narrow 1-1462038-6 im07gr 24vdc smt gull wing 4-1462037-7 im07jr smt j-leg 4-1462037-8 im07ns tht narrow 1-1462038-7 im08gr 2.4vdc smt gull wing 6-1462039-3 im11gr 3vdc high sens. 9-1462038-5 im12gr 4.5vdc 1462039-3 im13gr 5vdc 1462039-4 im16gr 12vdc 1462039-5 im17gr 24vdc 1462039-6 im17ts tht standard 4-1462039-6 im21gr 3vdc ultra smt gull wing 2-1462039-6 im21ts high tht standard 1-1462039-5 im22gr 4.5vdc sensitive smt gull wing 2-1462039-7 im22ts tht standard 2-1462039-8 im23gr 5vdc smt gull wing 2-1462039-9 im23ts tht standard 3-1462039-0 im26gr 12vdc smt gull wing 3-1462039-1 im26ts tht standard 3-1462039-2 im40gr 1.5vdc bistable standard smt gull wing 5-1462037-1 im40jr smt j-leg 5-1462037-2 im40ns tht narrow 1-1462038-8 im40ts tht standard 5-1462037-0 im41gr 3vdc smt gull wing 5-1462037-4 im41jr smt j-leg 5-1462037-5 im41ns tht narrow 1-1462038-9 im41ts tht standard 5-1462037-3 im42gr 4.5vdc smt gull wing 3-1462037-1 im42jr smt j-leg 5-1462037-7 im42ns tht narrow 2-1462038-0 im42ts tht standard 5-1462037-6 im43gr 5vdc smt gull wing 5-1462037-9 im43jr smt j-leg 6-1462037-0 im43ns tht narrow 2-1462038-1 im43ts tht standard 5-1462037-8 im44gr 6vdc smt gull wing 6-1462037-2 im44jr smt j-leg 6-1462037-3 im44ns tht narrow 2-1462038-2 im44ts tht standard 6-1462037-1 im45gr 9vdc smt gull wing 6-1462037-4 im45jr smt j-leg 6-1462037-5 im45ns tht narrow 2-1462038-3 im46gr 12vdc smt gull wing 6-1462037-7 im46jr smt j-leg 6-1462037-8 im46ns tht narrow 2-1462038-4 im46ts tht standard 6-1462037-6 im47gr 24vdc smt gull wing 7-1462037-0 im47jr smt j-leg 7-1462037-1 im47ns tht narrow 2-1462038-5 im47ts tht standard 6-1462037-9 im48gr 2.4vdc smt gull wing 1462039-8 signal relays im relay (continued) axicom
07-2013, rev. 0713 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 6 signal relays im relay (continued) product code arrangement perf. type coil coil type coil terminals part number im01cgr 2 form c high 3vdc monostable standard smt gull wing 1462038-4 im01cts 2 co dielectric tht standard 9-1462038-6 im02cgr contacts 4.5vdc smt gull wing 1462038-1 im03cgr 5vdc smt gull wing 1462038-2 im03cjr smt j-leg 4-1462039-8 im03cts tht standard 4-1462039-7 im05cgr 9vdc smt gull wing 1462038-3 im06cgr 12vdc smt gull wing 9-1462037-9 im06cjr smt j-leg 3-1462039-4 im06cts tht standard 4-1462037-9 im07cgr 24vdc smt gull wing 1462039-2 im07cts tht standard 1462039-1 im17cgr high sens. smt gull wing 1462039-7 im41cgr 3vdc bistable standard 4-1462039-2 im42cgr 4.5vdc 4-1462039-1 im43cgr 5vdc 9-1462038-7 im02dgr high 4.5vdc monostable standard 9-1462038-8 im03dgr current 5vdc 9-1462038-9 im03djr smt j-leg 3-1462039-3 im05dgr 9vdc smt gull wing 1-1462039-7 im06dgr 12vdc 1-1462039-8 im06djr smt j-leg 7-1462039-0 im06dts tht standard 3-1462039-8 im07dgr 24vdc smt gull wing 3-1462039-7 im07djr smt j-leg 7-1462039-4 im07dts tht standard 7-1462039-2 im22dts 4.5vdc u.h.sens. 7-1462039-6 im41dgr 3vdc bistable standard smt gull wing 6-1462039-8 im42dgr 4.5vdc 1-1462039-9 im42dns tht narrow 1-1462039-6 im46dns 12vdc 1-1462039-2 im47djr 24vdc smt j-leg 7-1462039-5 im48dgr 2.4vdc smt gull wing 1462039-9 im49dgr 2vdc 2-1462039-2 im02pgr high 4.5vdc monostable standard 5-1462039-4 im02pns contact tht narrow 5-1462039-8 im03pgr stability 5vdc smt gull wing 5-1462039-5 im03pjr smt j-leg 6-1462039-6 im03pns tht narrow 5-1462039-9 im06pgr 12vdc smt gull wing 5-1462039-6 im06pns tht narrow 6-1462039-0 im42pgr 4.5vdc bistable standard smt gull wing 5-1462039-7 im42pns tht narrow 7-1462039-8 im43pgr smt gull wing 7-1462039-3 im46pns 12vdc tht narrow 6-1462039-1 axicom


▲Up To Search▲   

 
Price & Availability of 3-1462039-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X