Part Number Hot Search : 
2160B WITCH BR5200 ULCE13 HV9860 6CUT04 MPR032 SF2N5601
Product Description
Full Text Search
 

To Download 2343-D-3113-A-005000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 3  3 www.schurter.com/pg07_ 2 connectors power cord with iec connector c17, angled c17 70 c description power supply cord / interconnection cord, protection class ii, pin tem - perature 70 c, cable approvals - ul license number: e45116 - csa license number: 27325 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 3 kvdc between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal moulded material: housing pvc, black or grey connector c17 acc. to iec/en 60320-2-2 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 2 dimensions 48.5 mm 18.5 47.4 48.5 25.2 10.4 11.2
2 cord sets 3  3 www.schurter.com/pg07_ 2 connectors config. code product configurato r type | - | r | - | 3113 | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ is placed for the connector type on the second end, length is the cord length in mm. type | - | r | - | 3113 | - | d | - | length | = cord end 2 cord end 2 zzzz, 222 5 , 222 8 , 234 3 , 412 1 , 607 b , 608 b , 609 b type | - | r | - | 3113 | - | d | - | length | = cord type cord type configuration key h03vv-f 2x0,75mm2 a h05vv-f 2x0,75mm2 d h05vv-f 2x1,0mm2 f svt 2x18awg m cord definition is detailed in general product information xxx type | - | r | - | 3113 | - | d | - | length | = color color configuration key jet black; ral9005 a silver grey; ral7001 b standard color: black type | - | r | - | 3113 | - | d | - | length | = cord length cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 cord length in mm mating inlets/plug s category / description appliance inlet overview complet e iec appliance inlet c18, screw-on mounting, rear side, pcb terminal 100 5 iec appliance inlet c18, snap-in mounting, front side, solder or quick-connect or screw-on terminal 601 5 iec appliance inlet c18, screw-on mounting, front side, solder or quick-connect, pcb or screw terminal 606 5 iec appliance inlet c18, screw-on mounting, front side, solder or quick-connect, pcb or screw terminal 606 6 iec appliance inlet c18, screw-on mounting, front or rear side, solder or quick-connect terminal 6102- 3 appliance inlet further types to 311 3 ... interconnection cord overview complet e interconnection cord with iec plug g, angled 607 b interconnection cord with iec plug g, angled 608 b interconnection cord with iec plug g, straight 609 b interconnection cord further types to 311 3 power entry module overview complet e iec appliance inlet c18 with fuseholder 1-pole 106 5 iec appliance inlet c18 with fuseholder 1- or 2-pole 106 6 iec appliance inlet c18 with fuseholder 1-pole 620 2 power entry module further types to 311 3 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2343-D-3113-A-005000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X