Part Number Hot Search : 
BUP22BF 100SG TDA84 ILX518 H836049 OM7500SC TV3006K 684M3
Product Description
Full Text Search
 

To Download 1N4755A-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4728a to 1n4764a www.vishay.com vishay semiconductors rev. 2.3. 13-nov-12 1 document number: 85816 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 zener diodes features ? silicon planar power zener diodes ? for use in stabilizing and clipping circuits with high power rating ? standard zener voltage tolerance is 5 % ? material categorization: for definitions of co mpliance please see www.vishay.com/doc?99912 applications ? voltage stabilization primary characteristics parameter value unit v z range nom. 3.3 to 100 v test current i zt 2.5 to 76 ma v z specification thermal equilibrium int. construction single ordering information device name ordering code taped units per reel minimum order quantity 1n4728a to 1n4764a 1n4728a to 1n4764a -series-tr 5000 per 13" reel 25 000/box 1n4728a to 1n4764a 1n4728a to 1n4764a-series-tap 5000 per ammopack (52 mm tape) 25 000/box package package name weight molding compound flammability rating moisture sensitivity level soldering conditions do-41 310 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit power dissipation valid provided that leads at a distance of 4 mm from case are kept at ambient temperature p tot 1300 mw zener current i z p v /v z ma thermal resistance junction to ambient air valid provided that leads at a distance of 4 mm from case are kept at ambient temperature r thja 110 k/w junction temperature t j 175 c storage temperature range t stg - 65 to + 175 c forward voltage (max.) i f = 200 ma v f 1.2 v
1n4728a to 1n4764a www.vishay.com vishay semiconductors rev. 2.3. 13-nov-12 2 document number: 85816 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) based on dc measurement at thermal equilibri um while maintaining the lead temperature (t l ) at 30 c + 1 c, 9.5 mm (3/8") from the diode body (2) valid provided that electrodes at a distance of 4 mm from case are kept at ambient temperature (3) t p = 10 ms. electrical characteristics (t amb = 25 c, unless otherwise specified) part number zener voltage range (1) test current reverse leakage current dynamic resistance f = 1 khz surge current (3) regulator current (2) v z at i zt1 i zt1 i zt2 i r at v r z zt at i zt1 z zk at i zt2 i r i zm v ma ma a v ? ma ma nom. max. typ. max. max. 1n4728a 3.3 76 1 100 1 10 400 1380 276 1n4729a 3.6 69 1 100 1 10 400 1260 252 1n4730a 3.9 64 1 50 1 9 400 1190 234 1n4731a 4.3 58 1 10 1 9 400 1070 217 1n4732a 4.7 53 1 10 1 8 500 970 193 1n4733a 5.1 49 1 10 1 7 550 890 178 1n4734a 5.6 45 1 10 2 5 600 810 162 1n4735a 6.2 41 1 10 3 2 700 730 146 1n4736a 6.8 37 1 10 4 3.5 700 660 133 1n4737a 7.5 34 0.5 10 5 4 700 605 121 1n4738a 8.2 31 0.5 10 6 4.5 700 550 110 1n4739a 9.1 28 0.5 10 7 5 700 500 100 1n4740a 10 25 0.25 10 7.6 7 700 454 91 1n4741a 11 23 0.25 5 8.4 8 700 414 83 1n4742a 12 21 0.25 5 9.1 9 700 380 76 1n4743a 13 19 0.25 5 9.9 10 700 344 69 1n4744a 15 17 0.25 5 11.4 14 700 304 61 1n4745a 16 15.5 0.25 5 12.2 16 700 285 57 1n4746a 18 14 0.25 5 13.7 20 750 250 50 1n4747a 20 12.5 0.25 5 15.2 22 750 225 45 1n4748a 22 11.5 0.25 5 16.7 23 750 205 41 1n4749a 24 10.5 0.25 5 18.2 25 750 190 38 1n4750a 27 9.5 0.25 5 20.6 35 750 170 34 1n4751a 30 8.5 0.25 5 22.8 40 1000 150 30 1n4752a 33 7.5 0.25 5 25.1 45 1000 135 27 1n4753a 36 7 0.25 5 27.4 50 1000 125 25 1n4754a 39 6.5 0.25 5 29.7 60 1000 115 23 1n4755a 43 6 0.25 5 32.7 70 1500 110 22 1n4756a 47 5.5 0.25 5 35.8 80 1500 95 19 1n4757a 51 5 0.25 5 38.8 95 1500 90 18 1n4758a 56 4.5 0.25 5 42.6 110 2000 80 16 1n4759a 62 4 0.25 5 47.1 125 2000 70 14 1n4760a 68 3.7 0.25 5 51.7 150 2000 65 13 1n4761a 75 3.3 0.25 5 56 175 2000 60 12 1n4762a 82 3 0.25 5 62.2 200 3000 55 11 1n4763a 91 2.8 0.25 5 69.2 250 3000 50 10 1n4764a 100 2.5 0.25 5 76 350 3000 45 9
1n4728a to 1n4764a www.vishay.com vishay semiconductors rev. 2.3. 13-nov-12 3 document number: 85816 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - admissible power dissipati on vs. ambient temperature p tot = f (t amb ) package dimensions in millimeters (inches): do-41_1n47xx 200 400 600 800 1000 1200 1400 p tot - power di ss ipation (mw) 0 0 50 100 150 200 t amb - ambient temperature (c) 22671 26 min. [1.024] 26 min. [1.024] ? 2.6 max. [0.102] 4.1 max. [0.161] ? 0.86 max. [0.034] cathode identification 3.3 min. [0.128] ? 0.7 min. [0.027] ? 2.1 min. [0.081] document no. s 8-v-3901.04-001(4) rev. 1 - date: 30. nov. 2011 22624
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 1N4755A-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X