Part Number Hot Search : 
10406 BFC60 AP9576GJ 3DD130 C7SZ1 LT1724CS LXM1653 MC68E
Product Description
Full Text Search
 

To Download VLSL4024A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 1 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high brightness led power module description the vlsl40xxa are metal core based high brightness led power modules, assembled with 12, 24 or 36 hb white leds. the color temperature is cool white in the typical range of 5000 k to 7000 k. the modules are designed for flexible use due to the option for using special reflectors to adjust the emission characteristics. product group and package data ? product group: led ?package: led module ? product series: power ? angle of half intensity: 80 features ? metal core pcb: al > 0.75 thickness ? single side/single layer pcb ? shiny white surface ? 12, 24, or 36 leds, max. current per led 1 a ? conductive top layer: cu (min. 18 m) ? isolation layer prepreg > 63 m ? standard solder mask material ? esd withstand voltage: up to 2 kv according to jesd22-a114-b ? lm80 certified leds ? compliant to rohs directive 2002/95/ec note ** please see document vishay material category policy: www.vishay.com/doc?99902 applications ? streetlight ? internal lighting in buildings ? tunnel lights ? general lighting application 22140 22139 parts table part color luminous flux (at i f = 700 ma typ.) color temperature k technology vlsl4012a cool white v = 2100 lm 5000 to 7000 ingan VLSL4024A cool white v = 4200 lm 5000 to 7000 ingan vlsl4036a cool white v = 6300 lm 5000 to 7000 ingan absolute maximum ratings (t amb = 25 c, unless otherwise specified) vlsl4012a, VLSL4024A, vlsl4036a parameter test condition symbol value unit forward current per row i f 750 ma power dissipation vlsl4012a total (max.) p tot 35 w power dissipation VLSL4024A p tot 69 w power dissipation vlsl4036a p tot 104 w junction temperature t j 120 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 85 c
vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 2 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v. luminous flux is measured at a cur rent pulse duration of 25 ms and an accuracy of 11 %. (1) calculated based on single led unit. (2) v f classes are marked at the led cluster and represent the technical classification only. the single groups cannot be specificall y ordered. notes ? forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v. luminous flux is measured at a cur rent pulse duration of 25 ms and an accuracy of 11 %. (1) calculated based on single led unit. (2) v f classes are marked at the led cluster and represent the technical classification only. the single groups cannot be specificall y ordered. notes ? forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v. luminous flux is measured at a cur rent pulse duration of 25 ms and an accuracy of 11 %. (1) calculated based on single led unit. (2) v f classes are marked at the led cluster and represent the technical classification only. the single groups cannot be specificall y ordered. optical and electrical characteristics (t amb = 25 c, unless otherwise specified) vlsl4012a, cool white parameter test condition symbol min. typ. max. unit luminous flux per row (1) i f = 700 ma v 860 1050 - lm luminous flux total (1) i board = 2 x 700 ma v 1720 2100 - lm color temperature i f = 700 ma tk 5000 - 7000 k forward voltage per row i f = 700 ma v f 19 21 23 v class a (v fmax. - v fmin. ) all rows (2) i f = 700 ma v f --0.9v temperature coefficient of v f per row i f = 350 ma tc vf -- 20-mv/k temperature coefficient of v i f = 350 ma (per row) tc v - - 0.4 - %/k optical and electrical characteristics (t amb = 25 c, unless otherwise specified) VLSL4024A, cool white parameter test condition symbol min. typ. max. unit luminous flux per row (1) i f = 700 ma v 860 1050 - lm luminous flux total (1) i board = 4 x 700 ma v 3440 4200 - lm color temperature i f = 700 ma tk 5000 - 7000 k forward voltage per row i f = 700 ma v f 19 21 23 v class a (v fmax. - v fmin. ) all rows (2) i f = 700 ma v f --0.9v temperature coefficient of v f per row i f = 350 ma tc vf -- 20-mv/k temperature coefficient of v i f = 350 ma (per row) tc v - - 0.4 - %/k optical and electrical characteristics (t amb = 25 c, unless otherwise specified) vlsl4036a, cool white parameter test condition symbol min. typ. max. unit luminous flux per row (1) i f = 700 ma v 860 1050 - lm luminous flux total (1) i board = 6 x 700 ma v 5160 6300 - lm color temperature i f = 700 ma tk 5000 - 7000 k forward voltage per row i f = 700 ma v f 19 21 23 v class a (v fmax. - v fmin. ) all rows (2) i f = 700 ma v f --0.9v temperature coefficient of v f per row i f = 350 ma tc vf -- 20-mv/k temperature coefficient of v i f = 350 ma (per row) tc v - - 0.4 - %/k
vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 3 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 color range and color binning vlsl4012a, VLSL4024A, vlsl4036a: 5000 k to 7000 k group 6p to7r fig. 1 - chromaticity coordinates of colorgroups 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.3 0.31 0.32 0.33 0.34 7r 7q 7p 6r 6q 6p 22138 x - coordinate y - coordinate black body curve
vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 4 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pcb basic design vlsl4012a dimensions in millimeters assembled with all jumpers. jumpers ca n be removed accordi ng driver design 135 20 18.5 5 x 18.5 = 92.5 21.25 0.35 16 0.35 20 20 21.5 21.5 20 20 - (6) ? 3.5 0.05 (18x) 4.075 16 16 s pecification s according to din technical drawing s not indicated tolerance s 0.15 drawing-no.: 9.920-6726.03-4 1.2 4 0.4 fiducial mark (3x) 6 + - + - + - + - + - + 20 23 20 20 0 3 16 50.5 67.5 84.5 129 132 135 4.075 126.85 6 7 jp jp jp i ss ue:1; 11.05.10 12x ? 0.25 row 1 2 3 4 5 6 - + - + - + + - + - + - jp jp jp 22137
vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 5 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pcb basic design VLSL4024A dimensions in millimeters assembled with all jumpers. jumpers ca n be removed accordi ng driver design 135 20 18.5 5 x 18.5 = 92.5 21.25 0.35 16 0.35 20 20 21.5 21.5 20 20 - (6) ? 3.5 0.05 (18x) 4.075 16 16 s pecification s according to din technical drawing s not indicated tolerance s 0.15 drawing-no.: 9.920-6726.02-4 1.2 4 0.4 fiducial mark (3x) 6 + - + - + - + - + - + 20 23 20 20 0 3 16 50.5 67.5 84.5 129 132 135 4.075 126.85 6 7 jp jp jp i ss ue:1; 11.05.10 24x ? 0.25 row 1 2 3 4 5 6 - + - + - + + - + - + - jp jp jp 22136
vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 6 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pcb basic design vlsl4036a dimensions in millimeters assembled with all jumpers. jumpers ca n be removed accordi ng driver design 135 20 18.5 5 x 18.5 = 92.5 21.25 0.35 16 0.35 20 20 21.5 21.5 20 20 - (6) ? 3.5 0.05 (18x) 4.075 16 16 s pecification s according to din technical drawing s not indicated tolerance s 0.15 drawing-no.: 9.920-6726.01-4 row 1 2 3 4 5 6 - + - + - + + - + - + - jp jp jp jp jp 1.2 4 0.4 fiducial mark (3x) 6 + - + - + - + - + - + 20 23 20 20 0 3 16 50.5 67.5 84.5 129 132 135 4.075 126.85 6 7 jp jp jp jp jp i ss ue:1; 11.05.10 22135 36x ? 0.25
vlsl4012a, VLSL4024A, vlsl4036a www.vishay.com vishay semiconductors rev. 1.4, 24-jan-12 7 document number: 83352 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pcb characteristics ? metal core pcb with typical al thickness of 800 m ? prepreg thickness typical 127 m ? conductive pattern cu typical 25 m ? total board thickness: 1 mm 15 % ? warpage max. 0.75 % of board dimension ? solder resist on top side ? shiny white surface ? galvanic of solder pads pure matte sn ( 0.8 m), immersion plated ? assembled with 12, 24 or 36 high brightness power leds. led position accuracy 0. 125 mm from middle axis, horizontal tilt max. 2 emission characteristics fig. 2 - rel. luminous inte nsity vs. angular displacement fig. 3 - sample board with reflectors (for info only) bar code product label a. type of component b. manufacturing plant c. sel - selection code (bin): e.g.: code for v f class (a, b, c) d. batch: 200707 = year 2007, week 07 ph19 = plant code e. total quantity 0.4 0.2 0 0.6 0.9 0.8 0 10 20 30 40 50 60 70 80 0.7 1.0 i v rel - relative luminous intensity ? - angular displacement horizontal vertical 22143 21853 a c b d e 20613
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of VLSL4024A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X