Part Number Hot Search : 
P1S21 ST202BD PN2906 MJ11016G CEIDL369 74AUP3G 33287 MDAG04
Product Description
Full Text Search
 

To Download VFT3045C-M3-4W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new product vft3045c www.vishay.com vishay general semiconductor revision: 23-sep-11 1 document number: 89355 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dual low-voltage trench mos barrier schottky rectifier ultra low v f = 0.30 v at i f = 5.0 a features ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? solder bath temperature 275 c max. 10 s, per jesd 22-b106 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition typical applications for use in high frequency dc/dc converters, switching power supplies, freewheeling diodes, or-ing diode, and reverse battery protection. mechanical data case: ito-220ab molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 2 01 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 2 x 15 a v rrm 45 v i fsm 200 a v f at i f = 15 a 0.39 v t j max. 150 c pin 1 pin 2 pin 3 tmbs ? ito-220ab 1 2 3 vft3045c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol vft3045c unit maximum repetitive pe ak reverse voltage v rrm 45 v maximum average forward rectified current (fig. 1) per device i f(av) 30 a per diode 15 peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 200 a isolation voltage from termal to heatsink t = 1 min v ac 1500 v operating junction and storage temperature range t j , t stg - 40 to + 150 c
new product vft3045c www.vishay.com vishay general semiconductor revision: 23-sep-11 2 document number: 89355 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve fig. 2 - forward power loss characteristics per diode electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage per diode i f = 5 a t a = 25 c v f (1) 0.42 - v i f = 7.5 a 0.44 - i f = 15 a 0.49 0.57 i f = 5 a t a = 125 c 0.30 - i f = 7.5 a 0.33 - i f = 15 a 0.39 0.48 reverse current per diode v r = 45 v t a = 25 c i r (2) - 2000 a t a = 125 c 17 50 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol vft3045c unit typical thermal resistance per diode r ? jc 6.0 c/w per device 4.0 ordering information (example) package preferred p/n unit weight (g) pac kage code base quantity delivery mode ito-220ab vft3045c-m3/4w 1.76 4w 50/tube tube case temperature (c) average forward rectified current (a) 35 30 25 20 5 0 0 75 100 125 150 175 15 10 50 25 0 1 6 7 8 9 02 6 10 1618 average forward current (a) average power loss (w) d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0 12 d = t p /t t p t 3 4 5 2 14 48
new product vft3045c www.vishay.com vishay general semiconductor revision: 23-sep-11 3 document number: 89355 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical instantaneous forward characteristics per diode fig. 4 - typical reverse characteristics per diode fig. 5 - typical junction capacitance per diode fig. 6 - typical transient thermal impedance per diode package outline dimensions in inches (millimeters) instantaneous forward voltage (v) 0 0.2 0.4 0.7 100 10 1 0.1 t a = 150 c t a = 125 c t a = 100 c t a = 25 c 0.6 instantaneous forward current (a) 0.1 0.3 0.5 20 40 60 80 100 1 0.1 0.01 0.001 100 10 percent of rated peak reverse voltage (%) instantaneous reverse current (ma) t a = 150 c t a = 25 c t a = 100 c t a = 125 c 100 10 000 100 000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 1000 10 0.1 0.01 0.1 1 10 100 t - pulse duration (s) junction to case 1 transient thermal impedance (c/w) ito-220ab 0.076 (1.93) ref. 45 ref. pi n 3 2 1 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) ref. 0.600 (15.24) 0.580 (14.73) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4.85) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41) 0.028 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 0.135 (3.43) dia. 0.122 (3.08) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4.83) 0.170 (4.32) 7 ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 0.350 (8.89) 0.330 (8.38)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VFT3045C-M3-4W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X