Part Number Hot Search : 
4815D NESW064T 30C1154 101EC S1100 N5607 S1100 1545CT
Product Description
Full Text Search
 

To Download STA506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 STA506 september 2003 n minimum input output pulse width distortion n 200m w r dson complementary dmos output stage n cmos compatible logic inputs n thermal protection n thermal warning output n under voltage protection description STA506 is a monolithic quad half bridge stage in mul- tipower bcd technology. the device can be used as dual bridge or reconfigured, by connecting config pin to vdd pin, as single bridge with double current capability, and as half bridge (binary mode) with half current capability. the device is particularly designed to make the out- put stage of a stereo all-digital high efficiency (ddx?) amplifier capable to deliver 60 + 60w @ thd = 10% at v cc 32v output power on 8 w load and 80w @ thd = 10% at v cc 36v on 8 w load in single btl configuration. in single btl configuration is also capable to deliver a peak of 120w @thd = 10% at v cc = 32v on 4 w load (t 1sec) the input pins have threshold proportional to ibias pin voltage. powerso36 ordering number: STA506 40v 4a quad power half bridge audio application circuit (dual btl) l18 22 m h l19 22 m h c30 1 m f c20 100nf c99 100nf c101 100nf c107 100nf c106 100nf c23 470nf c55 1000 m f c21 100nf c58 100nf c58 100nf r57 10k r59 10k r63 20 r98 6 r100 6 c53 100nf c60 100nf c31 1 m f c52 330pf r104 20 c109 330pf 15 m3 in1a in1a ibias config pwrdn pwrdn fault tri-state th_war th_war +3.3v in1b v dd v dd v ss v ss v cc sign v cc sign gnd-reg gnd-clean in2a in1b in2a in2b protections & logic regulators 29 23 24 25 27 26 28 30 21 22 33 34 35 36 m2 m5 m4 17 16 out1a gnd1a out1a v cc 1a 14 12 10 11 out1b gnd1b out1b v cc 1b 13 l113 22 m h l112 22 m h c32 1 m f +v cc c108 470nf c33 1 m f 7 m17 m15 m16 m14 8 9 out2a gnd2a out2a v cc 2a 6 4 2 3 out2b gnd2b d00au1148b out2b v cc 2b 5 19 31 20 gndsub 1 in2b 32 c110 100nf c111 100nf r103 6 r102 6 multipower bcd technology
STA506 2/9 pin function n pin description 1 gnd-sub substrate ground 35 ; 36 v cc sign signal positive supply 15 v cc 1a positive supply 12 v cc 1b positive supply 7v cc 2a positive supply 4v cc 2b positive supply 14 gnd1a negative supply 13 gnd1b negative supply 6 gnd2a negative supply 5 gnd2b negative supply 16 ; 17 out1a output half bridge 1a 10 ; 11 out1b output half bridge 1b 8 ; 9 out2a output half bridge 2a 2 ; 3 out2b output half bridge 2b 29 in1a input of half bridge 1a 30 in1b input of half bridge 1b 31 in2a input of half bridge 2a 32 in2b input of half bridge 2b 21 ; 22 v dd 5v regulator referred to ground 33 ; 34 v ss 5v regulator referred to +v cc 25 pwrdn stand-by pin 26 tri-state hi-z pin 27 fault fault pin advisor 24 config configuration pin 28 th-war thermal warning advisor 19 gnd-clean logical ground 23 ibias high logical state setting voltage 18 nc not connected 20 gnd-reg ground for regulator v dd
3/9 STA506 functional pin status (*) : the pin is open collector. to have the high logic value, it needs to be pulled up by a resistor. (**): to put config = 1 means connect pin 24 (config) to pins 21, 22 (vdd) pin connection thermal data pin name logical value ic -status fault 0 fault detected (short circuit, or thermal ..) fault (*) 1 normal operation tri-state 0 all powers in hi-z state tri-state 1 normal operation pwrdn 0 low absorpion pwrdn 1 normal operation thwar 0 temperature of the ic =130c thwar (*) 1 normal operation config 0 normal operation config (**) 1 out1a = out1b ; out2a=out2b (if in1a = in1b; in2a = in2b) symbol description value unit r th j-case thermal resistance junction-case max 1.5 c/w gnd-sub out2b out2b v cc 2b gnd1b v cc 1a gnd1a out1a out1a gnd-reg v dd v dd config ibias v ss v ss v cc sign v cc sign 18 16 17 15 6 5 4 3 2 21 22 31 32 33 35 34 36 20 1 19 n.c. gnd-clean d01au1273 out1b v cc 1b out1b pwrdn fault tri-state 9 8 7 28 29 30 out2a th_war 10 27 gnd2b out2a v cc 2a in1a in2b in1b 14 12 11 23 25 26 gnd2a in2a 13 24
STA506 4/9 absolute maximum ratings thermal data electrical characteristcs (i bias = 3.3v; v cc = 30v; t amb = 25c unless otherwise specified) symbol parameter value unit v ce dc supply voltage (pin 4,7,12,15) 40 v v max maximum voltage on pins 23 to 32 5.5 v p tot power dissipation (t case = 70c) 50 w t op operating temperature range 0 to 70 c t stg , t j storage and junction temperature -40 to 150 c symbol parameter min. typ. max. unit t j-case thermal resistance junction to case (thermal pad) 2.5 c/w t jsd thermal shut-down junction temperature 150 c t warn thermal warning temperature 130 c t hsd thermal shut-down hysteresis 25 c symbol parameter test conditions min. typ. max. unit r dson power pchannel/nchannel mosfet rdson id=1a 200 270 m w i dss power pchannel/nchannel leakage idss v cc =35v 50 m a g n power pchannel rdson matching id=1a 95 % g p power nchannel rdson matching id=1a 95 % dt_s low current dead time (static) see test circuit no.1; see fig. 1 10 20 ns dt_d high current dead time (dinamic) l=22 m h; c = 470nf; r l = 8 w id=3.5a; see fig. 3 50 ns t d on turn-on delay time resistive load 100 ns t d off turn-off delay time resistive load 100 ns t r rise time resistive load; as fig.1 25 ns t f fall time resistive load; as fig. 1 25 ns v cc supply voltage operating voltage 9 36 v v in-h high level input voltage ibias/2 +300mv v v in-l low level input voltage ibias/2 -300mv v i in-h hi level input current pin voltage = ibias 1 m a
5/9 STA506 notes: 1. the following table explains the vl, vh variation with ibias note 2: if used in single btl configuration, the device may be not short circuit protected logic truth table (see fig. 2) i in-l low level input current pin voltage = 0.3v 1 m a i pwrdn-h hi level pwrdn pin input current ibias = 3.3v 35 m a v l low logical state voltage vl (pin pwrdn, tristate) (note 1) ibias = 3.3v 0.8 v v h high logical state voltage vh (pin pwrdn, tristate) (note 1) ibias = 3.3v 1.7 v i vcc- pwrdn supply current from vcc in power down pwrdn = 0 3 ma i fault output current pins fault -th-warn when fault conditions vpin = 3.3v 1 ma i vcc-hiz supply current from vcc in tri- state v cc = 30v; tri-state = 0 22 ma i vcc supply current from vcc in operation both channel switching) v cc =30v; input pulse width = 50% duty; switching frequency = 384khz; no lc filters; 80 ma i vcc-q isc (short circuit current limit) (note 2) 468a v out-sh undervoltage protection threshold 7 v v ov output minimum pulse width no load 70 150 ns ibias vlmin vhmax unit 2.7 0.7 1.5 v 3.3 0.8 1.7 v 5 0.85 1.85 v tri-state inxa inxb q1 q2 q3 q4 output mode 0 x x off off off off hi-z 1 0 0 off off on on dump 1 0 1 off on on off negative 1 1 0 on off off on positive 1 1 1 on on off off not used symbol parameter test conditions min. typ. max. unit electrical characteristcs (continued)
STA506 6/9 figure 1. test circuit. figure 2. figure 3. low current dead time = max(dtr,dtf) outxy vcc (3/4)vcc (1/2)vcc (1/4)vcc t dtf dtr duty cycle = 50% inxy outxy gnd +vcc m58 m57 r 8 w + - v67 = vdc = vcc/2 d03au1458 inxa inxb +v cc q1 q3 q2 q4 outxa gnd outxb d00au1134 high current dead time for bridge application = abs(dtout(a)-dtin(a))+abs(dtout(b)-dtin(b)) +v cc rload=8 w q2 outb dtout(b) dtin(b) dtout(a) c71 470nf c70 470nf c69 470nf iout=4a iout=4a q4 q1 q3 m64 inb m63 d03au1517 m58 ina m57 dtin(a) duty cycle=a duty cycle=b duty cycle a and b: fixed to have dc output current of 4.5a in the direction shown in figure l68 22 m l67 22 m outa
7/9 STA506 figure 4. typical single btl configurationto obtain 120w @ thd 10%, r l = 4 w , v cc = 32v (note 1)) note: 1. "a pwm modulator as driver is needed . in particular, this result is performed using the sta30x+sta50x demo board". peak pow- er for t 1sec figure 5. typical quad half bridge configuration 10 m h 10 m h 100nf film 100nf x7r 100nf x7r 1 m f x7r 2200 m f 63v 470nf film 100nf film 100nf 10k 10k 6.2 1/2w 6.2 1/2w 100nf x7r 100nf x7r add. in1a in1a ibias config pwrdn npwrdn fault tri-state th_war th_war +3.3v 100nf 100nf x7r in1b v dd v dd v ss v ss v cc sign v cc sign gnd-reg gnd-clean in1b in2a 29 23 n.c. 24 25 27 26 28 30 21 22 33 34 35 36 17 16 18 out1a gnd1b out1a v cc 1b 10 13 11 out1b gnd1a out1b 14 32v 330pf 22 w 1/2w 4 w gnd2a 6 2 12 v cc 1a 15 v cc 2b 4 v cc 2a 7 3 out2b gnd2b d03au1514 out2b 5 19 31 20 gndsub 1 in2b 32 8 9 out2a out2a 1 m f x7r 32v l11 22 m h l12 22 m h c51 1 m f c71 100nf c91 1 m f c81 100nf c31 820 m f c21 2200 m f c58 100nf c58 100nf r57 10k r59 10k r41 20 r61 5k r62 5k r51 6 c53 100nf c60 100nf c61 100nf 15 m3 in1a in1a ibias config pwrdn pwrdn fault tri-state th_war th_war +3.3v in1b v dd v dd v ss v ss v cc sign v cc sign gnd-reg gnd-clean in2a in1b in2a in2b protections & logic regulators 29 23 24 25 27 26 28 30 21 22 33 34 35 36 m2 m5 m4 17 16 outpl pgnd1p outpl v cc 1p 14 12 10 11 outnl pgnd1n outnl v cc 1n 13 c52 1 m f +v cc c62 100nf 7 m17 m15 m16 m14 8 9 outpr pgnd2p outpr v cc 2p 6 4 2 3 outnr pgnd2n d03au1474 outnr v cc 2n 5 19 31 20 gndsub 1 in2b 32 c72 100nf c92 1 m f c82 100nf r52 6 c41 330pf r42 20 c42 330pf c32 820 m f l13 22 m h l14 22 m h c73 100nf c93 1 m f c83 100nf c33 820 m f r43 20 r53 6 c74 100nf c94 1 m f c84 100nf r54 6 c43 330pf r44 20 c44 330pf c34 820 m f r63 5k r64 5k r65 5k r66 5k r67 5k r68 5k
STA506 8/9 outline and mechanical data dim. mm inch min. typ. max. min. typ. max. a 3.25 3.5 0.128 0.138 a2 3.3 0.13 a4 0.8 1 0.031 0.039 a5 0.2 0.008 a1 0 0.075 0 0.003 b 0.22 0.38 0.008 0.015 c 0.23 0.32 0.009 0.012 d 15.8 16 0.622 0.630 d1 9.4 9.8 0.37 0.38 d2 1 0.039 e 13.9 14.5 0.547 0.57 e1 10.9 11.1 0.429 0.437 e2 2.9 0.114 e3 5.8 6.2 0.228 0.244 e4 2.9 3.2 0.114 1.259 e 0.65 0.026 e3 11.05 0.435 g 0 0.075 0 0.003 h 15.5 15.9 0.61 0.625 h 1.1 0.043 l 0.8 1.1 0.031 0.043 n 10? (max) s 8? (max) (1) d and e1 do not include mold flash or protusions. mold flash or protusions shall not exceed 0.15mm (0.006) (2) no intrusion allowed inwards the leads. powerso36 (slug up) 7183931 for more information refer to the application notes an1456 and an1661
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners ? 2003 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states www.st.com 9/9 STA506


▲Up To Search▲   

 
Price & Availability of STA506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X