Part Number Hot Search : 
24151 39311 EVALZ LTC35 XFATM LTC35 DRF1200 NM3SOL3
Product Description
Full Text Search
 

To Download SST32HF324C-70-4C-BFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2003 silicon storage technology, inc. s71230-00-000 7/03 1 the sst logo and superflash are registered trademarks of silicon st orage technology, inc. intel is a registered trademark of in tel corporation. mpf (multi-purpose flash) and combomemory are trademarks of silicon storage technology, inc. these specifications are subject to change without notice. preliminary specifications features: ? combomemories organized as: ? sst32hf324x: 2m x16 flash + 256k x16 sram ? sst32hf328x: 2m x16 flash + 512k x16 sram  single 2.7-3.3v read and write operations  concurrent operation ? read from or write to sram while erase/program flash  superior reliability ? endurance: 100,000 cycles (typical) ? greater than 100 years data retention  low power consumption: ? active current: 15 ma (typical) for flash or sram read ? standby current: - sst32hf32x: 80 a (typical) - sst32hf32xc: 25 a (typical)  flexible erase capability ? uniform 2 kword sectors ? uniform 32 kword size blocks  fast read access times: ? flash: 70 ns and 90 ns ? sram: 70 ns and 90 ns  latched address and data for flash  flash fast erase and word-program: ? sector-erase time: 18 ms (typical) ? block-erase time: 18 ms (typical) ? chip-erase time: 40 ms (typical) ? word-program time: 7 s (typical) ? chip rewrite time: sst32hf32x/32xc: 15 seconds (typical)  flash automatic erase and program timing ? internal v pp generation  flash end-of-write detection ? toggle bit ? data# polling  cmos i/o compatibility  jedec standard command set  package available ? 63-ball tfbga (8mm x 10mm x 1.2mm) ? 63-ball lfbga (8mm x 10mm x 1.4mm) ? 62-ball lfbga (8mm x 10mm x 1.4mm) product description the sst32hf32x/32xc combomemory devices integrate a 2m x16 cmos flash memory bank with a 256k x16 or 512k x16 cmos sram memory bank in a multi-chip package (mcp), manufactured with sst?s proprietary, high performance superflash technology. the sst32hf32x devices use a pseudo-sram. the sst32hf32xc devices use standard sram. featuring high performance word-program, the flash memory bank provides a maximum word-program time of 7 sec. the entire flash memory bank can be erased and programmed word-by-word in typically 15 seconds for the sst32hf32x/32xc, when using interface features such as toggle bit or data# polling to indicate the completion of program operation. to protect against inadvertent flash write, the sst32hf32x/32xc devices contain on-chip hardware and software data protection schemes. the sst32hf32x/32xc devices offer a guaranteed endurance of 10,000 cycles. data retention is rated at greater than 100 years. the sst32hf32x/32xc devices consist of two indepen- dent memory banks with respective bank enable signals. the flash and sram memory banks are superimposed in the same memory address space. both memory banks share common address lines, data lines, we# and oe#. the memory bank selection is done by memory bank enable signals. the memory bank selection is done by two bank enable signals. the sram bank enable signals, bes1# and bes2, select the sram bank. the flash mem- ory bank enable signal, bef#, has to be used with soft- ware data protection (sdp) command sequence when controlling the erase and program operations in the flash memory bank. the sst32hf32x/32xc provide the added functionality of being able to simultaneously read from or write to the sram bank while erasing or programming in the flash memory bank. the sram memory bank can be read or written while the flash memory bank performs sector- erase, bank-erase, or word-program concurrently. all flash memory erase and program operations will automati- cally latch the input address and data signals and complete the operation in background without further input stimulus requirement. once the internally controlled erase or pro- gram cycle in the flash bank has commenced, the sram bank can be accessed for read or write. multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c sst32hf324 / 32832mb flash + 4mb sram, 32mb flash + 8mb sram (x16) mcp combomemories
2 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 the sst32hf32x/32xc devices are suited for applications that use both flash memory and sram memory to store code or data. for systems requiring low power and small form factor, the sst32hf32x/32xc devices significantly improve performance and reliability, while lowering power consumption, when compared with multiple chip solutions. the sst32hf32x/32xc inherently use less energy during erase and program than alternative flash technologies. the total energy consumed is a function of the applied voltage, current, and time of application. since for any given voltage range, the superflash technology uses less current to pro- gram and has a shorter erase time, the total energy con- sumed during any erase or program operation is less than alternative flash technologies. the superflash technology provides fixed erase and pro- gram times, independent of the number of erase/program cycles that have occurred. therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose erase and program times increase with accumulated erase/pro- gram cycles. device operation the sst32hf32x/32xc use bes1#, bes2 and bef# to control operation of either the flash or the sram memory bank. when bef# is low, the flash bank is activated for read, program or erase operation. when bes1# is low, and bes2 is high the sram is activated for read and write operation. bef# and bes1# cannot be at low level, and bes2 cannot be at high level at the same time. if all bank enable signals are asserted, bus contention will result and the device may suffer permanent damage. all address, data, and control lines are shared by flash and sram memory banks which minimizes power consump- tion and loading. the device goes into standby when bef# and bes1# bank enables are raised to v ihc (logic high) or when bef# is high and bes2 is low. concurrent read/write operation the sst32hf32x/32xc provide the unique benefit of being able to read from or write to sram, while simultaneously erasing or programming the flash. this allows data alter- ation code to be executed from sram, while altering the data in flash. see figure 23 for a flowchart. the following table lists all valid states. the device will ignore all sdp commands when an erase or program operation is in progress. note that product identification commands use sdp; therefore, these com- mands will also be ignored while an erase or program operation is in progress. flash read the read operation of the sst32hf32x/32xc devices is controlled by bef# and oe#. both have to be low, with we# high, for the system to obtain data from the outputs. bef# is used for flash memory bank selection. when bef# is high, the chip is deselected and only standby power is consumed. oe# is the output control and is used to gate data from the output pins. the data bus is in high impedance state when oe# is high. refer to figure 6 for further details. c oncurrent r ead /w rite s tates flash sram program/erase read program/erase write
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 3 ?2003 silicon storage technology, inc. s71230-00-000 7/03 flash word-program operation the flash memory bank of the sst32hf32x/32xc devices is programmed on a word-by-word basis. before program operations, the memory must be erased first. the program operation consists of three steps. the first step is the three- byte load sequence for software data protection. the sec- ond step is to load word address and word data. during the word-program operation, the addresses are latched on the falling edge of either bef# or we#, whichever occurs last. the data is latched on the rising edge of either bef# or we#, whichever occurs first. the third step is the internal program operation which is initiated after the rising edge of the fourth we# or bef#, whichever occurs first. the pro- gram operation, once initiated, will be completed, within 10 s. see figures 7 and 8 for we# and bef# controlled pro- gram operation timing diagrams and figure 19 for flow- charts. during the program operation, the only valid flash read operations are data# polling and toggle bit. during the internal program operation, the host is free to perform additional tasks. any sdp commands loaded during the internal program operation will be ignored. flash sector/block-erase operation the flash sector/block-erase operation allows the system to erase the device on a sector-by-sector (or block-by- block) basis. the sst32hf32x/32xc offer both sector- erase and block-erase mode. the sector architecture is based on uniform sector size of 2 kword. the block-erase mode is based on uniform block size of 32 kword. the sector-erase operation is initiated by executing a six-byte command sequence with sector-erase command (30h) and sector address (sa) in the last bus cycle. the address lines a 20 -a 11 are used to determine the sector address. the block-erase operation is initiated by executing a six- byte command sequence with block-erase command (50h) and block address (ba) in the last bus cycle. the address lines a 20 -a 15 are used to determine the block address. the sector or block address is latched on the fall- ing edge of the sixth we# pulse, while the command (30h or 50h) is latched on the rising edge of the sixth we# pulse. the internal erase operation begins after the sixth we# pulse. the end-of-erase operation can be deter- mined using either data# polling or toggle bit methods. see figures 12 and 13 for timing waveforms. any com- mands issued during the sector- or block-erase operation are ignored. flash chip-erase operation the sst32hf32x/32xc provide a chip-erase operation, which allows the user to erase the entire memory array to the ?1? state. this is useful when the entire device must be quickly erased. the chip-erase operation is initiated by executing a six- byte command sequence with chip-erase command (10h) at address 5555h in the last byte sequence. the erase operation begins with the rising edge of the sixth we# or ce#, whichever occurs first. during the erase operation, the only valid read is toggle bit or data# polling. see table 4 for the command sequence, figure 9 for tim- ing diagram, and figure 22 for the flowchart. any com- mands issued during the chip-erase operation are ignored. flash write operation status detection the sst32hf32x/32xc provide one hardware and two software means to detect the completion of a write (pro- gram or erase) cycle, in order to optimize the system write cycle time. the software detection includes two status bits: data# polling (dq 7 ) and toggle bit (dq 6 ). the end-of-write detection mode is enabled after the ris- ing edge of we#, which initiates the internal program or erase operation. the actual completion of the nonvolatile write is asynchro- nous with the system; therefore, either a data# polling (dq 7 ) or toggle bit (dq 6 ) read may be simultaneous with the completion of the write cycle. if this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either dq 7 or dq 6 . in order to pre- vent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. if both reads are valid, then the device has completed the write cycle, otherwise the rejection is valid.
4 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 flash data# polling (dq 7 ) when the sst32hf32x/32xc flash memory banks are in the internal program operation, any attempt to read dq 7 will produce the complement of the true data. once the program operation is completed, dq 7 will produce true data. note that even though dq 7 may have valid data immediately following the completion of an internal write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive read cycles after an interval of 1 s. during internal erase operation, any attempt to read dq 7 will pro- duce a ?0?. once the internal erase operation is completed, dq 7 will produce a ?1?. the data# polling is valid after the rising edge of the fourth we# (or bef#) pulse for program operation. for sector- or block-erase, the data# polling is valid after the rising edge of the sixth we# (or bef#) pulse. see figure 9 for data# polling timing diagram and figure 20 for a flowchart. flash toggle bit (dq 6 ) during the internal program or erase operation, any con- secutive attempts to read dq 6 will produce alternating 1s and 0s, i.e., toggling between 1 and 0. when the internal program or erase operation is completed, the toggling will stop. the flash memory bank is then ready for the next operation. the toggle bit is valid after the rising edge of the fourth we# (or bef#) pulse for program operation. for sector- or bank-erase, the toggle bit is valid after the rising edge of the sixth we# (or bef#) pulse. see figure 10 for toggle bit timing diagram and figure 20 for a flowchart. flash memory da ta protection the sst32hf32x/32xc flash memory bank provides both hardware and software features to protect nonvolatile data from inadvertent writes. flash hardware data protection noise/glitch protection : a we# or bef# pulse of less than 5 ns will not initiate a write cycle. v dd power up/down detection: the write operation is inhibited when v dd is less than 1.5v. write inhibit mode: forcing oe# low, bef# high, or we# high will inhibit the flash write operation. this prevents inadvertent writes during power-up or power-down. flash software data protection (sdp) the sst32hf32x/32xc provide the jedec approved software data protection scheme for all flash memory bank data alteration operations, i.e., program and erase. any program operation requires the inclusion of a series of three-byte sequence. the three byte-load sequence is used to initiate the program operation, providing optimal protection from inadvertent write operations, e.g., during the system power-up or power-down. any erase operation requires the inclusion of six-byte load sequence. the sst32hf32x/32xc devices are shipped with the software data protection permanently enabled. see table 4 for the specific software command codes. during sdp command sequence, invalid commands will abort the device to read mode, within t rc. the contents of dq 15 -dq 8 can be v il or v ih, but no other value, during any sdp command sequence. concurrent read and write operations the sst32hf32x/32xc provide the unique benefit of being able to read from or write to sram, while simultaneously erasing or programming the flash. this allows data alter- ation code to be executed from sram, while altering the data in flash. the following table lists all valid states. the device will ignore all sdp commands when an erase or program operation is in progress. note that product identification commands use sdp; therefore, these com- mands will also be ignored while an erase or program operation is in progress. c oncurrent r ead /w rite s tates flash sram program/erase read program/erase write
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 5 ?2003 silicon storage technology, inc. s71230-00-000 7/03 product identification the product identification mode identifies the devices as the sst32hfxxx and manufacturer as sst. this mode may be accessed by software operations only. the hardware device id read operation, which is typically used by programmers, cannot be used on this device because of the shared lines between flash and sram in the multi-chip package. therefore, application of high voltage to pin a 9 may damage this device. users may use the software product identification operation to identify the part (i.e., using the device id) when using multi- ple manufacturers in the same socket. for details, see tables 3 and 4 for software operation, figure 14 for the software id entry and read timing diagram and figure 21 for the id entry command sequence flowchart. product identification mode exit/reset in order to return to the standard read mode, the software product identification mode must be exited. exiting is accomplished by issuing the exit id command sequence, which returns the device to the read operation. please note that the software reset command is ignored during an internal program or erase operation. this command may also be used to reset the device to read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g. not read correctly. see table 4 for software command codes, figure 15 for timing waveform, and figure 21 for the software id entry com- mand sequence flowchart. sram operation with bes1# low, bes2 and bef# high, the sst32hf32x/32xc operate as either 256k x16 or 512k x16 cmos sram, with fully static operation requiring no external clocks or timing strobes. the sst32hf32x/32xc sram is mapped into the first 512 kword address space. when bes1#, bef# are high and bes2 is low, all memory banks are deselected and the device enters standby. read and write cycle times are equal. the con- trol signals ubs# and lbs# provide access to the upper data byte and lower data byte. see table 3 for sram read and write data byte control modes of operation. sram read the sram read operation of the sst32hf32x/32xc is controlled by oe# and bes1#, both have to be low with we# and bes2 high for the system to obtain data from the outputs. bes1# and bes2 are used for sram bank selec- tion. oe# is the output control and is used to gate data from the output pins. the data bus is in high impedance state when oe# is high. refer to the read cycle timing diagram, figure 3, for further details. sram write the sram write operation of the sst32hf32x/32xc is controlled by we# and bes1#, both have to be low, bes2 must be high for the system to write to the sram. during the word-write operation, the addresses and data are ref- erenced to the rising edge of either bes1#, we#, or the falling edge of bes2 whichever occurs first. the write time is measured from the last falling edge of bes#1 or we# or the rising edge of bes2 to the first rising edge of bes1#, or we# or the falling edge of bes2. refer to the write cycle timing diagrams, figures 4 and 5, for further details. design considerations sst recommends a high frequency 0.1 f ceramic capac- itor to be placed as close as possible between v dd and v ss , e.g., less than 1 cm away from the v dd pin of the device. additionally, a low frequency 4.7 f electrolytic capacitor from v dd to v ss should be placed within 1 cm of the v dd pin. table 1: p roduct i dentification address data manufacturer?s id 0000h 00bfh device id sst32hf32x/32xc 0001h 2783h t1.0 1230
6 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 i/o buffers 1230 b1.2 address buffers dq 15 - dq 8 a ms -a 0 superflash memory sram/ psram control logic bes1# bes2 bef# oe# 1 we# 1 address buffers & latches lbs# ubs# dq 7 - dq 0 notes: 1. for ls package only: we# = wef# and/or wes# oe# = oef# and/or oes# f unctional b lock d iagram
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 7 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 1: p in a ssignments for 62- ball tfbga and lfbga (8 mm x 10 mm ) i ntel c ompatible p ackage figure 2: p in a ssignments for 63- ball tfbga and lfbga (8 mm x 10 mm ) 1230 62-lfb g a p1.1 nc nc a20 a16 wef# v sss nc lbs# a18 nc a11 a8 nc nc nc ubs# a17 a5 a15 a10 a19 oes# a7 a4 a14 a9 dq11 a6 a0 a13 dq15 dq13 dq12 dq9 a3 bef# a12 wes# dq6 bes2 dq10 dq8 a2 v ssf v ssf dq14 dq4 v dds dq2 dq0 a1 oef# nc dq7 dq5 v ddf dq3 dq1 bes1# nc nc nc a b c d e f g h j k 8 7 6 5 4 3 2 1 top view (balls facing down) 1230 63-lf-tfbga p2.1 a11 a8 we# nc lbs# a7 a15 a12 a19 bes2 nc ubs# a6 a3 nc a13 a9 a20 nc a18 a5 a2 nc a14 a10 a17 a4 a1 a16 nc dq6 dq1 v ss a0 nc dq15 dq13 dq4 dq3 dq9 oe# bef# nc nc nc nc nc nc nc v ss dq7 dq12 v dds v ddf dq10 dq0 bes1# dq14 dq5 nc dq11 dq2 dq8 a b c d e f g h j k 8 7 6 5 4 3 2 1 top view (balls facing down)
8 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 table 2: p in d escription symbol pin name functions a ms 1 to a 0 address inputs to provide flash address, a msf -a 0 . to provide sram address, a mss -a 0 dq 15 -dq 0 data inputs/outputs to output data during read cycles and receive input data during write cycles. data is internally latched during a flash erase/program cycle. the outputs are in tri-state when oe# is high or bes1# is high or bes2 is low and bef# is high. bef# flash memory bank enable to activate the flash memory bank when bef# is low bes1# sram memory bank enable to activate the sram memory bank when bes1# is low bes2 sram memory bank enable to activate the sram memory bank when bes2 is high oef# 2 output enable to gate the data output buffers for flash 2 only oes# 2 output enable to gate the data output buffers for sram 2 only wef# 2 write enable to control the write operations for flash 2 only wes# 2 write enable to control the write operations for sram 2 only oe# output enable to gate the data output buffers we# write enable to control the write operations ubs# upper byte control (sram) to enable dq 15 -dq 8 lbs# lower byte control (sram) to enable dq 7 -dq 0 v ssf 2 ground flash 2 only v sss 2 ground sram 2 only v ss ground v dd f power supply (flash) 2.7-3.3v power supply to flash only v dd s power supply (sram) 2.7-3.3v power supply to sram only nc no connection unconnected pins t2.0 1230 1. a msf = most significant flash address a msf = a 20 for sst32hf32xx a mss = most significant sram address a mss = a 17 for sst32hf324x and a 18 for sst32hf328x 2. ls package only
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 9 ?2003 silicon storage technology, inc. s71230-00-000 7/03 table 3: o perational m odes s election 1 mode bef# bes1# bes2 2 oe# 3 we# 3 lbs# ubs# dq 0-7 dq 8-15 full standby v ih v ih x xxxxhigh-zhigh-z xv il xxxx output disable v ih v il v ih v ih v ih x x high-z high-z v il v ih xxv ih v ih v il v ih xv ih v ih x x high-z high-z xv il flash read v il v ih xv il v ih xxd out d out xv il flash write v il v ih x v ih v il xx d in d in xv il flash erase v il v ih xv ih v il xx x x xv il sram read v ih v il v ih v il v ih v il v il d out d out v ih v il high-z d out v il v ih d out high-z sram write v ih v il v ih xv il v il v il d in d in v ih v il high-z d in v il v ih d in high-z product identification 4 v il v ih x v il v ih x x manufacturer?s id 5 device id 5 xv il t3.0 1230 1. x can be v il or v ih , but no other value. 2. do not apply bef# = v il , bes1# = v il and bes2 = v ih at the same time 3. oe# = oef# and oes# we# = wef# and wes# for ls package only 4. software mode only 5. with a ms -a 1 = 0;sst manufacturer?s id = 00bfh, is read with a 0 =0, sst32hf32xx device id = 2783h, is read with a 0 =1.
10 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 table 4: s oftware c ommand s equence command sequence 1st bus write cycle 2nd bus write cycle 3rd bus write cycle 4th bus write cycle 5th bus write cycle 6th bus write cycle addr 1 data 2 addr 1 data 2 addr 1 data 2 addr 1 data 2 addr 1 data 2 addr 1 data 2 word-program 5555h aah 2aaah 55h 5555h a0h wa 3 data sector-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h sa x 4 30h block-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h ba x 4 50h chip-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h 5555h 10h software id entry 5,6 5555h aah 2aaah 55h 5555h 90h software id exit xxh f0h software id exit 5555h aah 2aaah 55h 5555h f0h t4.0 1230 1. address format a 14 -a 0 (hex),address a 15 can be v il or v ih , but no other value, for the command sequence. 2. dq 15 -dq 8 can be v il or v ih , but no other value, for the command sequence. 3. wa = program word address 4. sa x for sector-erase; uses a ms -a 11 address lines ba x for block-erase; uses a 20 -a 15 address lines a ms = most significant address a ms = a 20 for sst32hf32x/32xc 5. the device does not remain in software product id mode if powered down. 6. with a ms -a 1 = 0; sst manufacturer?s id = 00bfh, is read with a 0 =0, sst32hf32x/32xc device id = 2783h, is read with a 0 =1.
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 11 ?2003 silicon storage technology, inc. s71230-00-000 7/03 absolute maximum stress ratings (applied conditions greater than those listed under ?absolute maximum stress ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. exposure to absolute maximum stress rating conditions may affect device reliability.) operating temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20c to +85c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65c to +150c d. c. voltage on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5v to v dd 1 +0.3v transient voltage (<20 ns) on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0v to v dd 1 +1.0v package power dissipation capability (ta = 25c) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0w output short circuit current 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 ma 1. v dd = v ddf and v dds 2. outputs shorted for no more than one second. no more than one output shorted at a time. o perating r ange range ambient temp v dd commercial 0c to +70c 2.7-3.3v extended -20c to +85c 2.7-3.3v ac c onditions of t est input rise/fall time . . . . . . . . . . . . . . 5 ns output load . . . . . . . . . . . . . . . . . . . . c l = 30 pf see figures 17 and 18
12 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 table 5: dc o perating c haracteristics (v dd = v ddf and v dds = 2.7-3.3v) symbol parameter limits test conditions min max units i dd active v dd current address input = v ilt /v iht, at f=1/t rc min, v dd =v dd max, all dqs open read oe#=v il , we#=v ih flash 18 ma bef#=v il , bes1#=v ih , or bes2=v il sram 30 ma bef#=v ih , bes1#=v il , bes2=v ih concurrent operation 40 ma bef#=v ih , bes1#=v il , bes2=v ih write 1 we#=v il flash 35 ma bef#=v il , bes1#=v ih , or bes2=v il , oe#=v ih sram 30 ma bef#=v ih , bes1#=v il , bes2=v ih i sb standby v dd current sst32hf32x sst32hf32xc 110 45 a a v dd = v dd max, bef#=bes1#=v ihc , bes2=v ilc i li input leakage current 1 a v in =gnd to v dd , v dd =v dd max i lo output leakage current 10 a v out =gnd to v dd , v dd =v dd max v il input low voltage 0.8 v v dd =v dd min v ilc input low voltage (cmos) 0.3 v v dd =v dd max v ih input high voltage 0.7 v dd vv dd =v dd max v ihc input high voltage (cmos) v dd -0.3 v v dd =v dd max v olf flash output low voltage 0.2 v i ol =100 a, v dd =v dd min v ohf flash output high voltage v dd -0.2 v i oh =-100 a, v dd =v dd min v ols sram output low voltage 0.4 v iol =1 ma, v dd =v dd min v ohs sram output high voltage 2.2 v ioh =-500 a, v dd =v dd min t5.0 1230 1. i dd active while erase or program is in progress. table 6: r ecommended s ystem p ower - up t imings symbol parameter minimum units t pu-read 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. power-up to read operation 100 s t pu-write 1 power-up to program/erase operation 100 s t6.0 1230 table 7: c apacitance (ta = 25c, f=1 mhz, other pins open) parameter description test condition maximum c i/o 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. i/o pin capacitance v i/o = 0v 12 pf c in 1 input capacitance v in = 0v 12 pf t7.0 1230 table 8: f lash r eliability c haracteristics symbol parameter minimum specification units test method n end 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. endurance 10,000 cycles jedec standard a117 t dr 1 data retention 100 years jedec standard a103 i lt h 1 latch up 100 + i dd ma jedec standard 78 t8.0 1230
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 13 ?2003 silicon storage technology, inc. s71230-00-000 7/03 ac characteristics table 9: sram r ead c ycle t iming p arameters symbol parameter sst32hfx1/x1c-70 sst32hfx1/x1c-90 units min max min max t rcs read cycle time 70 90 ns t aas address access time 70 90 ns t bes bank enable access time 70 90 ns t oes output enable access time 35 45 ns t byes ubs#, lbs# access time 70 90 ns t blzs 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. bes# to active output 0 0 ns t olzs 1 output enable to active output 0 0 ns t bylzs 1 ubs#, lbs# to active output 0 0 ns t bhzs 1 bes# to high-z output 25 35 ns t ohzs 1 output disable to high-z output 0 25 0 35 ns t byhzs 1 ubs#, lbs# to high-z output 35 45 ns t ohs output hold from address change 10 10 ns t9.0 1230 table 10: sram w rite c ycle t iming p arameters symbol parameter sst32hfx1/x1c-70 sst32hfx1/x1c-90 units min max min max t wcs write cycle time 70 90 ns t bws bank enable to end-of-write 60 80 ns t aws address valid to end-of-write 60 80 ns t asts address set-up time 0 0 ns t wps write pulse width 60 80 ns t wrs write recovery time 0 0 ns t byws ubs#, lbs# to end-of-write 60 80 ns t odws output disable from we# low 30 40 ns t oews output enable from we# high 0 0 ns t dss data set-up time 30 40 ns t dhs data hold from write time 0 0 ns t10.0 1230
14 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 table 11: f lash r ead c ycle t iming p arameters v dd = 2.7-3.6v symbol parameter sst32hfx1/x1c-70 sst32hfx1/x1c-90 units min max min max t rc read cycle time 70 90 ns t ce chip enable access time 70 90 ns t aa address access time 70 90 ns t oe output enable access time 35 45 ns t blz 1 bef# low to active output 0 0 ns t olz 1 oe# low to active output 0 0 ns t bhz 1 bef# high to high-z output 20 30 ns t ohz 1 oe# high to high-z output 20 30 ns t oh 1 output hold from address change 0 0 ns t11.0 1230 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. table 12: f lash p rogram /e rase c ycle t iming p arameters symbol parameter min max units t bp word-program time 10 s t as address setup time 0 ns t ah address hold time 30 ns t bs we# and bef# setup time 0 ns t bh we# and bef# hold time 0 ns t oes oe# high setup time 0 ns t oeh oe# high hold time 10 ns t bp bef# pulse width 40 ns t wp we# pulse width 40 ns t wph 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. we# pulse width high 30 ns t bph 1 bef# pulse width high 30 ns t ds data setup time 30 ns t dh 1 data hold time 0 ns t ida 1 software id access and exit time 150 ns t se sector-erase 25 ms t be block-erase 25 ms t sce chip-erase 50 ms t12.0 1230
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 15 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 3: sram r ead c ycle t iming d iagram addresses a mss-0 dq 15-0 ubs#, lbs# oe# bes1# bes2 t rcs t aas t bes t oes t blzs t olzs t byes t bylzs t byhzs data valid t ohzs t bhzs t ohs 1230 f03.1 t bes note: a mss = most significant sram address a mss = a 17 for sst32hf324x and a 18 for sst32hf328x
16 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 4: sram w rite c ycle t iming d iagram (we# c ontrolled ) 1 t aws addresses a mss 3 -0 bes1# bes2 we# ubs#, lbs# t wps t wrs t wcs t asts t bws t bws t byws t odws t oews t dss t dhs 1230 f04.1 note 2 note 2 dq 15-8, dq 7-0 valid data in note: 1. if oe# is high during the write cycle, the outputs will remain at high impedance. 2. if bes1# goes low or bes2 goes high coincident with or after we# goes low, the output will remain at high impedance. if bes1# goes high or bes2 goes low coincident with or before we# goes high, the output will remain at high impedance. because d in signals may be in the output state at this time, input signals of reverse polarity must not be applied. 3. a mss = most significant sram address a mss = a 17 for sst32hf324xx and a 18 for sst32hf328x
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 17 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 5: sram w rite c ycle t iming d iagram (ubs#, lbs# c ontrolled ) 1 addresses a mss 3 -0 we# bes1# bes2 t bws t bws t aws t wcs t wps t wrs t asts t byws dq 15-8, dq 7-0 valid data in note 2 note 2 t dss t dhs ubs#, lbs# 1236 f05.1 note: 1. if oe# is high during the write cycle, the outputs will remain at high impedance. 2. because d in signals may be in the output state at this time, input signals of reverse polarity must not be applied. 3. a mss = most significant sram address a mss = a 17 for sst32hf324x and a 18 for sst32hf328x
18 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 6: f lash r ead c ycle t iming d iagram figure 7: f lash we# c ontrolled p rogram c ycle t iming d iagram 1230 f06.1 addresses a msf-0 dq 15-0 we# oe# bef# t be t rc t aa t oe t olz v ih high-z t blz t oh t bhz high-z data valid data valid t ohz note: a msf = most significant flash address a msf = a 20 for sst32hf32xx 1230 f07.0 addresses a msf-0 dq 15-0 t dh t wph t ds t wp t ah t as t ch t cs bef# sw0 sw1 sw2 5555 2aaa 5555 addr xxaa xx55 xxa0 data internal program operation starts word (addr/data) oe# we# t bp note: a msf = most significant flash address a msf = a 20 for sst32hf32xx
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 19 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 8: bef# c ontrolled f lash p rogram c ycle t iming d iagram figure 9: f lash d ata # p olling t iming d iagram 1230 f08.0 addresses a msf-0 dq 15-0 t dh t cph t ds t cp t ah t as t ch t cs we# sw0 sw1 sw2 5555 2aaa 5555 addr xxaa xx55 xxa0 data internal program operation starts word (addr/data) oe# bef# t bp note: a msf = most significant flash address a msf = a 20 for sst32hf32xx 1230 f09.1 addresses a msf-0 dq 7 data data# data# data we# oe# bef# t oeh t oe t be t oes note: a msf = most significant flash address a msf = a 20 for sst32hf32xx
20 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 10: f lash t oggle b it t iming d iagram figure 11: we# c ontrolled f lash c hip -e rase t iming d iagram 1230 f10.1 addresses a msf-0 dq 6 and dq 2 we# oe# bef# t oe t oeh t be t oes two read cycles with same outputs note: a msf = most significant flash address a msf = a 20 for sst32hf32xx 1230 f11.0 address a msf-0 d 15-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 xx55 xx10 xx55 xxaa xx80 xxaa 5555 oe# bef# six-byte code for chip-erase t sce t wp note: a msf = most significant flash address a msf = a 20 for sst32hf32xx this device also supports bef# controlled chip-erase operation. the we# and bef# signals are interchangeable as long as minimum timings are meet. (see table 12.) x can be v il or v ih, but no other value.
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 21 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 12: we# c ontrolled f lash b lock -e rase t iming d iagram figure 13: we# c ontrolled f lash s ector -e rase t iming d iagram 1230 f12.0 addresses a msf-0 d 15-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 xx55 xx50 xx55 xxaa xx80 xxaa ba x oe# bef# six-word code for block-erase t sbe t wp note: a msf = most significant flash address a msf = a 20 for sst32hf32xx this device also supports bef# controlled block-erase operation. the we# and bef# signals are interchangeable as long as minimum timings are meet. (see table 12.) ba x = block address x can be v il or v ih, but no other value. 1230 f13.0 addresses a msf-0 dq 15-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 xx55 xx30 xx55 xxaa xx80 xxaa sa x oe# bef# six-word code for sector-erase t se t wp note: a msf = most significant flash address a msf = a 20 for sst32hf32xx this device also supports bef# controlled sector-erase operation. the we# and bef# signals are interchangeable as long as minimum timings are meet. (see table 12.) sa x = sector address x can be v il or v ih, but no other value.
22 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 14: s oftware id e ntry and r ead figure 15: s oftware id 1230 f14.1 address a 14-0 t ida dq 15-0 we# sw0 sw1 sw2 mfg id 5555 2aaa 5555 0000 0001 oe# bef# three-word sequence for software id entry t wp t wph t aa 00bf device id xx55 xxaa xx90 note: x can be v il or v ih, but no other value. device id - see table 1 on page 5 1230 f16.1 address a 14-0 t ida dq 15-0 we# sw0 sw1 sw2 5555 2aaa 5555 0000 0001 oe# ce# three-byte sequence for software id entry t wp t wph t aa 00bf device id xx55 xxaa xx90 note: x can be v il or v ih, but no other value. device id - see table 1 on page 5
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 23 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 16: f lash s ec id e ntry 1230 f17.1 address a msf-0 t ida dq 15-0 we# sw0 sw1 sw2 5555 2aaa 5555 oe# bef# t wp t wph t aa xx55 xxaa xx88 note: a msf = most significant flash address a msf = a 20 for sst32hf32xx wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence. x can be v il or v ih, but no other value.
24 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 17: ac i nput /o utput r eference w aveforms figure 18: a t est l oad e xample 1230 f20.0 reference points output input v it v iht v ilt v ot ac test inputs are driven at v iht (0.9 v dd ) for a logic ?1? and v ilt (0.1 v dd ) for a logic ?0?. measurement reference points for inputs and outputs are v it (0.5 v dd ) and v ot (0.5 v dd ). input rise and fall times (10% ? 90%) are <5 ns. note: v it - v input te s t v ot - v output te s t v iht - v input high test v ilt - v input low test 1230 f21.0 to tester to dut c l
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 25 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 19: w ord -p rogram a lgorithm 1230 f22.0 start write data: xxaah address: 5555h write data: xx55h address: 2aaah write data: xxa0h address: 5555h write word address/word data wait for end of program (t bp , data# polling bit, or toggle bit operation) program completed note: x can be v il or v ih , but no other value
26 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 20: w ait o ptions 1230 f23.0 wait t bp , t sce, or t be program/erase initiated internal timer toggle bit ye s ye s no no program/erase completed does dq 6 match? read same word data# polling program/erase completed program/erase completed read word is dq 7 = true data? read dq 7 program/erase initiated program/erase initiated
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 27 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 21: s oftware id c ommand s equence 1230 f24.1 load data: xxaah address: 5555h software id entry command sequence load data: xx55h address: 2aaah load data: xx90h address: 5555h wait t ida read software id load data: xxaah address: 5555h software id exit command sequence load data: xx55h address: 2aaah load data: xxf0h address: 5555h load data: xxf0h address: xxh return to normal operation wait t ida wait t ida return to normal operation x can be v il or v ih , but no other value
28 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 22: e rase c ommand s equence 1230 f25.0 load data: xxaah address: 5555h chip-erase command sequence load data: xx55h address: 2aaah load data: xx80h address: 5555h load data: xx55h address: 2aaah load data: xx10h address: 5555h load data: xxaah address: 5555h wait t sce chip erased to ffffh load data: xxaah address: 5555h sector-erase command sequence load data: xx55h address: 2aaah load data: xx80h address: 5555h load data: xx55h address: 2aaah load data: xx30h address: sa x load data: xxaah address: 5555h wait t se sector erased to ffffh load data: xxaah address: 5555h block-erase command sequence load data: xx55h address: 2aaah load data: xx80h address: 5555h load data: xx55h address: 2aaah load data: xx50h address: ba x load data: xxaah address: 5555h wait t be block erased to ffffh note: x can be v il or v ih , but no other value.
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 29 ?2003 silicon storage technology, inc. s71230-00-000 7/03 figure 23: c oncurrent o peration f lowchart 1230 f26.0 load sdp command sequence concurrent operation flash program/erase initiated wait for end of write indication flash operation completed end concurrent operation read or write sram end wait
30 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 product ordering information device speed suffix1 suffix2 sst32 h fxxxc -xxx -x x -x x package modifier fs = 63 balls s = 62 balls package type b = tfbga (8mm x 10mm x 1.2mm, 0.40mm ball size) l = lfbga (8mm x 10mm x 1.4mm, 0.40mm ball size) temperature range c = commercial = 0c to +70c e = extended = -20c to +85c minimum endurance 4 = 10,000 cycles read access speed 70 = 70 ns 90 = 90 ns device blank = pseudo-sram c = standard sram sram density 1 4 = 4 mbit 8 = 8 mbit flash density 32 = 32 mbit voltag e h = 2.7-3.3v device family 32 = multi-purpose flash + sram combomemory 1. no sram and 2 mbit sram options not currently planned. however, if business conditions merit, these devices could go into production. contact your sst sales representative for availability.
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 31 ?2003 silicon storage technology, inc. s71230-00-000 7/03 valid combinations for sst32hf324 sst32hf324-70-4c-bfs sst32hf324-70-4c-ls sst32hf324-70-4c-lfs sst32hf324-90-4c-bfs sst32hf324-90-4c-ls sst32hf324-90-4c-lfs sst32hf324-70-4e-bfs sst32hf324-70-4e-ls sst32hf324-70-4e-lfs sst32hf324-90-4e-bfs sst32hf324-90-4e-ls sst32hf324-90-4e-lfs valid combinations for sst32hf324c SST32HF324C-70-4C-BFS sst32hf324c-70-4c-ls sst32hf324c-70-4c-lfs sst32hf324c-90-4c-bfs sst32hf324c-90-4c-ls sst32hf324c-90-4c-lfs sst32hf324c-70-4e-bfs sst32hf324c-70-4e-ls sst32hf324c-70-4e-lfs sst32hf324c-90-4e-bfs sst32hf324c-90-4e-ls sst32hf324c-90-4e-lfs valid combinations for sst32hf328 sst32hf328-70-4c-bfs sst32hf328-70-4c-ls sst32hf328-70-4c-lfs sst32hf328-90-4c-bfs sst32hf328-90-4c-ls sst32hf328-90-4c-lfs sst32hf328-70-4e-bfs sst32hf328-70-4e-ls sst32hf328-70-4e-lfs sst32hf328-90-4e-bfs sst32hf328-90-4e-ls sst32hf328-90-4e-lfs valid combinations for sst32hf328c sst32hf328c-70-4c-bfs sst32hf328c-70-4c-ls sst32hf328c-70-4c-lfs sst32hf328c-90-4c-bfs sst32hf328c-90-4c-ls sst32hf328c-90-4c-lfs sst32hf328c-70-4e-bfs sst32hf328c-70-4e-ls sst32hf328c-70-4e-lfs sst32hf328c-90-4e-bfs sst32hf328c-90-4e-ls sst32hf328c-90-4e-lfs note: valid combinations are those products in mass production or will be in mass production. a bga package with a height of 1.2mm is not currently planned. however, if business conditions merit, these devices could go into production. consult your sst sales representative to confirm availability of valid combinations and to determine availability of new combinations.
32 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 packaging diagrams 63- ball t hin - profile , f ine - pitch b all g rid a rray (tfbga) 8 mm x 10 mm sst p ackage c ode : bfs a1 corner k j h g f e d c b a a b c d e f g h j k bottom view top view 8 7 6 5 4 3 2 1 8.0 0.1 0.40 0.05 (63x) a1 corner 10.0 0.1 0.80 5.60 0.80 7.20 63-tfbga-bfs-8x10-400mic-0 note: 1. although many dimensions are similar to those of jedec publication 95, mo-210, this specific package is not registered. 2. all linear dimensions are in millimeters. 3. coplanarity: 0.12 mm 8 7 6 5 4 3 2 1 1mm side view seating plane 0.32 0.05 1.2 max 0.12
preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c 33 ?2003 silicon storage technology, inc. s71230-00-000 7/03 62- ball l ow - profile , f ine - pitch b all g rid a rray (lfbga) 8 mm x 10 mm sst p ackage c ode : ls a1 corner k j h g f e d c b a a b c d e f g h j k bottom view top view 8 7 6 5 4 3 2 1 8.00 0.20 0.40 0.05 (62x) a1 corner 10.00 0.20 0.80 5.60 0.80 7.20 62-lfbga-ls-8x10-400mic-3 note: 1. although many dimensions are similar to those of jedec publication 95, mo-210, this specific package is not registered. 2. all linear dimensions are in millimeters. 3. coplanarity: 0.12 mm 4. the actual shape of the corners may be slightly different than as portrayed in the drawing. 8 7 6 5 4 3 2 1 1mm side view seating plane 0.32 0.05 1.30 0.10 0.12
34 preliminary specifications multi-purpose flash + sram combomemory sst32hf324 / sst32hf328 sst32hf324c / sst32hf328c ?2003 silicon storage technology, inc. s71230-00-000 7/03 63- ball l ow - profile , f ine - pitch b all g rid a rray (lfbga) 8 mm x 10 mm sst p ackage c ode : lfs table 13: r evision h istory number description date 00  initial release jul 2003 a1 corner k j h g f e d c b a a b c d e f g h j k bottom view top view 8 7 6 5 4 3 2 1 8.0 0.1 0.40 0.05 (63x) a1 corner 10.0 0.1 0.80 5.60 0.80 7.20 63-lfbga-lfs-8x10-400mic-0 note: 1. although many dimensions are similar to those of jedec publication 95, mo-210, this specific package is not registered. 2. all linear dimensions are in millimeters. 3. coplanarity: 0.12 mm 4. ball opening size: 0.32 mm 8 7 6 5 4 3 2 1 1mm side view seating plane 0.32 0.05 1.3 0.1 0.12 silicon storage technology, inc.  1171 sonora court  sunnyvale, ca 94086  telephone 408-735-9110  fax 408-735-9036 www.superflash.com or www.sst.com


▲Up To Search▲   

 
Price & Availability of SST32HF324C-70-4C-BFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X