Part Number Hot Search : 
1N5779 SS210 48S15 FZT593 IRF1404S CM6515 CR0510 55C4V
Product Description
Full Text Search
 

To Download SAMTECINC-FJ-30-D-5080-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,00mm) .03937" fj series double or reversed ended variable lengths (1,00mm) .03937" pitch fj?20?d?06.50?6 fj?05?d?04.80?2 www.samtec.com for complete speci cations see www.samtec.com?fj conductor: tin plated copper conductor resistance: 300 /km max insulation resistance: 10 m/km min (conductor-to-conductor) dielectric test: 400 vac during 1 minute (conductor-to-conductor) temperature rating: -30? to +80? voltage rating: 300 vac flame resistance: vw-1 (ul 758) current rating: 1.9a @ 50? ambient (4 contacts powered) rohs compliant: ye s overall length fj no. of positions ?2 = (2,00mm) .079" ?4 = (4,00mm) .157" (required for mating with fc1) ?6 = (6,00mm) .236" ?05, ?10, ?15, ?20, ?25, ?30 style note: some sizes, styles and options are non-standard, non-returnable. strip length ??xx.xx? = specify overall length in inches (1/8 inch) (?d = (50,80mm) 2.00" minimum) ?d = double end ?r = reversed end c overall length (0,10) .004 (1,00) .03937 (no. of positions x (1,00) .03937) + (1,00) .03937 (0,70) .028 (0,30) .012 (5,26) .207 (0,52) .021 (0,33) .013 c strip length ?2 ?4 ?6 (2,00) .079 (4,00) .157 (6,00) .236 ?d style ?r style mates with: fc1, zf1 note: stiffener color will be blue or black at samtecs discretion. specifications flat flexible cable (ffc) jumper f-211


▲Up To Search▲   

 
Price & Availability of SAMTECINC-FJ-30-D-5080-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X