Part Number Hot Search : 
FM4749W 0S50ES B25655 ODEL1 2228M GD82541 AP1509 TEA1081T
Product Description
Full Text Search
 

To Download S-8200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description ?for 1/4" x 1-1/4" (6.3mm x 32mm) fuses ?bolt-in and snap-in mounting available ?tight cluster mounting ?all types of terminal configurations ?clips made of spring-bronze ?anti-rotational pin provided ?flame retardant thermoplastic meets ul 94 vo environmental data ? emperature rating (rti): the mounting body for all devices (except those with suffix ?-snp or ?-snp), has a temperature rating of 130?. the mounting body f or all devices with suffix ?-snp has a temperature r ating of 110?. 1/4" x 1-1/4" fuseblocks s-8000 series specifications v oltage voltage rating rating ac dc s-8000 300v 300v s-8100 300v 300v S-8200 300v 300v s-8300 300v 300v dimensions no. of inches millimeters p oles a b a b 1 **** 2 1 1/8" 5/8" 28.6 15.9 3 1 3/4" 1 1/4" 44.4 31.8 4 2 3/8" 1 7/8" 60.3 47.6 5 3" 2 1/2" 76.2 63.5 6 3 5/8" 3 1/8" 92.1 79.4 7 4 1/4" 3 3/4" 108 95.2 8 4 7/8" 4 3/8" 123.8 111.1 9 5 1/2" 5" 139.7 127.0 10 6 1/8" 5 5/8" 155.6 142.9 11 6 3/4" 6 1/4" 171.4 158.8 12 7 3/8" 6 7/8" 187.3 174.6 multiple pole dimensions s-8000 single pole bolt-in mounting series s-8000 single pole snap-in mounting series component material clip spring-bronze, bright tin-lead plate body thermoplastic
1/4" x 1-1/4" fuseblocks s-8000 series visit us on the web at www.cooperet.com 3601 quantum boulevard boynton beach, florida 33426-8638 t el: +1-561-752-5000 toll free: +1-888-414-2645 fax: +1-561-742-1178 this bulletin is intended to present product design solutions and technical information that will help the end user with design applications. cooper electronic technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. cooper electronic technologies also reserves the right to change or update, without notice, any technical informa tion contained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. oc-2608 5/03 ? cooper electronic t echnologies 2003 pa ckaging code pa ck a ging code description blank va r ies with number of poles. contact customer service. bk/ va r ies with number of poles. contact customer service. example: bk/s-8001-01-snp bk/ s-8 0 01 ?1 snp 1234 5 6 1. packaging code: bk/ 2. series number: s-8 3. type terminal: 0 = solder 1 = 3/16" quick connect 2 = 1/4" quick connect 3 = screw 4. terminal angle: 01 = straight (0? 02 = 40 angle 03 = side* 5. number of poles: (01 ?12) 1x = one pole, no mounting stud 6. mounting style: snp = snap-in mounting *available only in single pole


▲Up To Search▲   

 
Price & Availability of S-8200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X