Part Number Hot Search : 
L513UBC 2545ET 79M05 19200 SMB13508 C1008 APM4953 72905
Product Description
Full Text Search
 

To Download RGP25G-HE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rgp25a thru rgp25m document number 88703 19-sep-05 vishay general semiconductor www.vishay.com 1 do-201ad p a t e n t e d * ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, and brazed-lead assembly by patent no. 3,930,306 glass passivated junction fast switching rectifier major ratings and characteristics i f(av) 2.5 a v rrm 50 v to 1000 v i fsm 100 a t rr 150 ns, 250 ns, 500 ns i r 5.0 a v f 1.3 v t j max. 175 c features ? superectifier struct ure for high reliability condition ? cavity-free glass-passivated junction ? fast switching for high efficiency ? low leakage current, typical i r less than 0.2 a ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 260 c, 40 seconds typical applications for general purpose of medium frequency rectifica- tion mechanical data case: do-201ad, molded epoxy over glass body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol rgp25a rgp25b rgp25d rgp25g rgp25j rgp25k rgp25m unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c i f(av) 2.5 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 100 a maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length at t a = 55 c i r(av) 100 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com 2 document number 88703 19-sep-05 rgp25a thru rgp25m vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol rgp25a rgp25b rgp25d rgp25g rgp25j rgp25k rgp25m unit maximum instantaneous forward voltage at 2.5 a v f 1.3 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 5.0 200 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 150 250 500 ns typical junction capacitance at 4.0 v, 1 mhz c j 60 pf parameter symbol rgp25a rgp25b rgp25d rgp25g rgp25j rgp25k rgp25m unit typical thermal resistance (1) r ja 20 c/w figure 1. forward current derating curve am b ient temperat u re (c) a v erage for w ard rectified c u rrent (a) 20 40 60 8 0 100 120 140 160 1 8 0 0 0.5 1.0 1.5 2.0 2.5 3.0 0.375" (9.5mm) lead length resisti v eor ind u cti v e load figure 2. maximum non-repetitive peak forward surge current 1 10 100 10 100 peak for w ard s u rge c u rrent (a) nu m b er of cycles at 60 hz t j = t j max. 8 .3 ms single half sine- w a v e
rgp25a thru rgp25m document number 88703 19-sep-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 10 instantaneo u sfor w ard v oltage ( v ) instantaneo u sfor w ard c u rrent (a) t j = 25 c p u lse w idth = 300 s 1% d u ty cycle 0 20 40 60 8 0 100 0.01 0.1 1.0 10 20 percent of rated peak re v erse v oltage (%) i ns t an t aneo u s r e v erse l ea k age c u rrent ( a) t j = 100 c t j = 125 c t j = 25 c t j = 75 c figure 5. typical junction capacitance 10 100 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50m v p-p 0.210 (5.3) 0.190 (4.8) dia. 0.052 (1.32) 0.048 (1.22) dia. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2) 1.0 (25.4) min. do-201ad
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of RGP25G-HE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X