Part Number Hot Search : 
2SA1689 HCS412 CONTRO 00145 89C51R P2P50E FM5819 B1000
Product Description
Full Text Search
 

To Download PSD2508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 PSD2508 thru psd2516 high current glass passivated molding three -phase bridge rectifier reverse voltage 800 to 1600v forward current 25a features l plastic package has underwriters laboratory flammability classification 94v-0 l high current capacity with small package l glass passivated chip junctions l superior thermal conductivity l high ifsm 1. maximum & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. item symbol PSD2508 psd2512 psd2514 psd2516 unit maximum repetitive voltage vrm 800 1200 1400 1600 v maximum rms voltage vrms 560 840 980 1120 v maximum dc blocking voltage vdc 800 1200 1400 1600 v 5 a peak reverse current (per leg) @tj = 25 c at rated dc blocking voltage @tj = 125 c ir 5.0 ma average recified forward current 60hz sine wave,r-load with heatsink tc=62 io 25 a non-repetitive peak forward surge current (no voltage reapplied t = 8.3ms at 60hz) (no voltage reapplied t = 10ms at 50hz) (100% vrrm reapplied t = 8.3ms at 60hz) (100% vrrm reapplied t = 8.3ms at 50hz) i fsm 400 380 400 360 a rms isolation voltage from case to lead v isol 2500 v max instantaneous forward voltage @12.5a/25 vf 1.05 v typical thermal resistance per element r jc 1.55 /w i2t rating for fusing i 2 t 750 a 2 sec operating junction temperature tj -40~150 storage temperature tstg -40~150
3 PSD2508 thru psd2516 2. ratings and characteristic curves ( ta = 25 c unless otherwise noted )
4 PSD2508 thru psd2516 3. marking identification note 4 ? 1108 ? 11 ?? 2011 ? 08 ? 8 ???? 2011 8 ?? psd 25 16 bridge reverse voltage=1600v average rectified forward current=25a mean psd series bridge 4. dimension


▲Up To Search▲   

 
Price & Availability of PSD2508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X