Part Number Hot Search : 
FM306 C74HC3 CJF31A S0504F1 61FS3 ELECTRON CR200 5KE11A
Product Description
Full Text Search
 

To Download JPS10-2Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 catalog 9-177349-0 dimensions are in inches and dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 revised 4-05 millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in brackets specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 ?2005 by tyco electronics corporation. all rights reserved. cii and tyco are trademarks. product facts qualified to mil-prf-28750d (mil p/n m28750/10-001y and m28750/10-002y). optically coupled all solid state relay. ttl compatible input. zero voltage turn-on for low emi. custom power package. the jps10 series solid state relay is designed for ac power switching up to 25 amps at 250vrms. the circuit employs back-to- back photo scrs with zero voltage turn-on for reliable switching of resistive or reactive loads. ttl compatible input circuitry is optically isolated to 1,500vrms from the ac load circuit. the relay is offered in two versions: the jps10-1y with a maximum zero voltage turn-on window of 15 volts (preferred version for resistive loads), and the JPS10-2Y with a maximum window of 40 volts (preferred version for reactive loads). cii part number military part number zero crossing window jps10-1y m28750/10-001y 15 v pk max. JPS10-2Y m28750/10-002y 40 v pk max. dc control source + _ 12 34 load ac power 1 2 3 4 contrasting bead is + input terminal copper cored wire for #8 [.164 (4.17)] screw 2.41 max. .245 .025 2 pls .505 .025 2 pls 1.99 2.05 .825 .172 (4.37) - 3 pls 1.845 max. 1.30 max. 1.57 max. .040 .002 dia. .080 .002 dia. (61.2) (6.22 .63) (12.83 .63) (50.5) (52.1) (20.96) (39.9) (1.02 .05) (2.03 .05) (46.86) (33.0) tolerance: .010 (.25) unless otherwise noted terminal numbers shown are for reference only, and do not appear on relay. outline drawing circuit diagram terminal view jps10 series high performance solid state relays for ac loads up to 2a @ 250vrms
9-1773439-0?df?rg?-05 2 high performance electronic products jps10 series high performance solid state relays (continued) electrical specifications (-55? to +105? unless otherwise specified) input input supply voltage range (vcc) 4 - 32 vdc input current (max.) 16madc must turn-on voltage 4vdc must turn-off voltage 1vdc reverse voltage protection -32vdc i/o dielectric strength (min.) 1,500vrms/60 hz. insulation resistance (min.) @ 500vdc 10 9 ohms capacitance (max.) 20pf output output current rating (max.) 25arms (fig. 2, note 1) surge current (max.) 80a pk (fig. 1, note 2) continuous load voltage (max.) 250vrms transient blocking voltage (max.) 500v pk frequency range 45 - 440 hz. output voltage drop (max.) @ 25a load current 1.5vrms off-state leakage current (max.) @ 220vrms/400 hz. 10marms turn-on time (max.) 1/2 cycle turn-off time (max.) 1 cycle off-state dv/dt (min.), with snubber 200v /? (note 3) zero voltage turn-on window (max.), jps10-1y 15v pk zero voltage turn-on window (max.), JPS10-2Y 40v pk waveform distortion (max.) 4vrms output chip junction temperature (max.) 125? (note 4) thermal resistance (max.), junction to ambient 6.8?/w thermal resistance (max.), junction to case 1.2?/w environmental characteristics ambient temperature range: operating: -55? to +110?. storage: -55? to +125?. vibration resistance: 30 g?, 10-3,000 hz. shock resistance: 1,500 g?, 0.5 ms pulse. constant acceleration resistance (y1 axis): 5,000 g?. dimensions are in inches and dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in brackets specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 mechanical characteristics weight (max.): 6 oz. (170 grams) materials: case: aluminum, hot tin dipped terminals: copper cored wire, gold plated. notes 1. operation at elevated load currents up to 25 amps is dependent on the use of suitable heatsink to maintain case temperature per fig. 2. 2. heating of output chips during and after a surge may cause loss of output blocking capability until junction temperature fal ls below maximum rating. 3. internal snubber network is provided across output chips. 4. case temperature measurement point is center of mounting surface. figure 1 - peak surge current vs. surge current duration figure 2 - load current vs. temperature 10 100 1000 10,000 0 200 400 600 800 1000 surge current duration (msec) peak surge current, non-repetitive (% of rated current) -55 -35 -15 05 25 45 65 85 105 125 0 4 8 2 6 10 12 14 16 18 20 22 24 26 output current (amps rms) temperature ( c) ambient temperature (w/o heat sink) case temperature


▲Up To Search▲   

 
Price & Availability of JPS10-2Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X