Part Number Hot Search : 
AON6538 22100 RJJ060 MAH36018 4ALVCH SM512 SR5004 RCA113B
Product Description
Full Text Search
 

To Download IRFML8244TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRFML8244TRPBF hexfet   power mosfet application(s) micro3 tm (sot-23) IRFML8244TRPBF      ?? load/ system switch features and benefits v ds 25 v v gs max 20 v r ds(on) max (@v gs = 10v) 24 m ? r ds(on) max (@v gs = 4.5v) 41 m ? features benefits low r ds(on) ( ? 24m ? ) lower switching losses industry-standard pinout multi-vendor compatibility compatible with existing surface mount techniques results in easier manufacturing rohs compliant containing no lead, no bromide and no halogen ? environmentally friendly msl1, consumer qualification increased reliability absolute maximum ratings symbol parameter units v ds drain-source voltage v i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c maximum power dissipation p d @t a = 70c maximum power dissipation linear derating factor w/c v gs gate-to-source voltage v t j, t stg junction and storage temperature range c thermal resistance symbol parameter typ. max. units r ? ja junction-to-ambient ??? 100 r ? ja junction-to-ambient (t<10s)  ??? 99 1.25 0.80 24 w c/w a max. 5.8 4.6 -55 to + 150 20 0.01 25 product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com
d s g electric characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 25 ??? ??? v ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.02 ??? v/c ??? 20 24 ??? 32 41 v gs(th) gate threshold voltage 1.35 1.7 2.35 v i dss ??? ??? 1.0 ??? ??? 150 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 r g internal gate resistance ??? 1.6 ??? ? gfs forward transconductance 10 ??? ??? s q g total gate charge ??? 5.4 ??? q gs gate-to-source charge ??? 1.0 ??? q gd gate-to-drain ("miller") charge ??? 0.81 ??? t d(on) turn-on delay time ??? 2.7 ??? t r rise time ??? 2.1 ??? t d(off) turn-off delay time ??? 9.0 ??? t f fall time ??? 2.9 ??? c iss input capacitance ??? 430 ??? c oss output capacitance ??? 110 ??? c rss reverse transfer capacitance ??? 49 ??? source - drain ratings and characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.2 v t rr reverse recovery time ??? 11 17 ns q rr reverse recovery charge ??? 4.2 6.3 nc di/dt = 100a/ s  v gs = 20v v gs = -20v t j = 25c, i s = 5.8a, v gs = 0v  integral reverse p-n junction diode. v ds = 10v, i d = 5.8a i d = 5.8a i d = 1.0a t j = 25c, v r = 20v, i f =5.8a showing the v ds =13v conditions v gs = 10v v gs = 0v v ds = 10v ? = 1.0mhz r g = 6.8 ? v gs = 10v  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma mosfet symbol v ds = v gs , i d = 10 a v ds = 20v, v gs = 0v v ds = 20v, v gs = 0v, t j = 125c drain-to-source leakage current a v dd =13v  na nc ns pf a 1.25 24 ??? ??? ??? ??? r ds(on) static drain-to-source on-resistance m ? v gs = 10v, i d = 5.8a  v gs = 4.5v, i d = 4.6a  IRFML8244TRPBF product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of IRFML8244TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X