Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download G6B-4FPND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  202 te r m i n a l r e l ay g6b-4 @@nd terminal relay g6b-4 @@nd compact terminal rela y with 4 independent outputs  equipped with four g6b mini-relays that are compact, highly sensitive, and highly resistant to dielectric surges, and that can switch 5 amps of power.  sealed plastic construction used for relays.  easy wiring with separated input/output terminals.  special p6b mounting socket used to facilitate maintenance (except for high-reliability models).  standard models meet ul508 and csa requirements.  din track mounting, and screw mounting models are available. model number structure model number legend note: ul508 and csa requirements met by standard models. 1. number of poles 4: 4 poles (4pst-no standard circuit) 47: 4 poles (4pst-no long-life circuit) 48: 4 poles (4pst-no high-reliability circuit) 2. mounting none: din track or screw mounting f: screw mounting 3. input terminal b: phillips screw (3.5 mm) terminals (4 independent points) b1: flat-bladed screw terminals (4 points with same common) p: connector terminals (4 independent points) ordering information list of models note: 1. for replacement relays, use relays with the same voltage specific ations as the relays provided with the terminal when it was pu rchased. longer operating life can be achiev ed by replacing the g6b-4 @@ nd with the g6b-1147p-fd-us. 2. standard models are also available without relays mounted to the sockets. to obtain such terminals, replace the ?g6b? portion o f the model number with ?p6bf.? for example, to order g6b-4bnd with empty sockets, use model number p6bf-4bnd. also specify voltage specifications for models with operation indicators. 1 2 3 g6b- @@@@ nd classification contact form mounting method terminals rated voltage model equipped with operation indicator and diode to absorb coil surge 4pst (standard) din track or screw mounting phillips screw terminal 5 vdc 12 vdc 24 vdc g6b-4bnd 4pst (long-life) din track or screw mounting phillips screw terminal 5 vdc 12 vdc 24 vdc g6b-47bnd 4pst (high reliability) din track or screw mounting phillips screw terminal 5 vdc 12 vdc 24 vdc g6b-48bnd 4pst (standard) screw mounting flat-bladed screw terminal 5 vdc 12 vdc 24 vdc g6b-4fb1nd 4pst (standard) screw mounting connector 5 vdc 12 vdc 24 vdc G6B-4FPND
te r m i n a l r e l ay g6b-4 @@nd 203 specifications ratings coil ratings (per g6b relay) note: 1. rated current and coil resistance were measured at a coil temperature of 23 c with a tolerance of 20%. 2. operating characteristics were meas ured at a coil temperature of 23 c. 3. the maximum allowable voltage is the maximum value of the allowable voltage range for the relay coil operating power supply. th ere is no continuous allowance. 4. diodes to absorb coil surge are equivalent to s5688j (reverse voltage resistance: 600 v; forward current: 1 a). contact ratings note: this value fulfills the p reference value of opening/closing at a rate of 120 times per min (ambient operating environment and determination criteria according to jis c5442). characteristics note: 1. the above values are initial values. 2. measurement condition: 1 a at 5 vdc rated voltage 5 vdc 12 vdc 24 vdc rated current 35.5 ma 19.1 ma 10.7 ma coil resistance 125 ? 720 ? 2,880 ? must operate voltage 80% max. of rated voltage must release voltage 10% min. of rated voltage max. voltage 130% of rated voltage power consumption approx. 200 mw classification g6b-4bnd (standard), g6b-47bnd (long- life) g6b-48bnd (high-reliability) load resistive load (cos = 1) inductive load (cos = 0.4, l/r = 7 ms) resistive load (cos = 1) inductive load (cos = 0.4, l/r = 7 ms) rated load 5 a at 250 vac, 5 a at 30 vdc 2 a at 250 vac, 2 a at 30 vdc 2 a at 250 vac, 2aat 30 vdc 0.5 a at 250 vac, 0.5 a at 30 vdc rated carry current 5 a 2 a max. switching voltage 380 vac, 125 vdc max. switching current 5 a 2 a max. switching power 1,250 va, 150 w 500 va, 60 w 500 va, 60 w 125 va, 15 w error rate (reference value) (see note) 10 ma at 5 vdc 1 ma at 1 vdc contact resistance (see note 2) 100 m ? max. operate time 10 ms max. (approx. 3 ms) release time 15 ms max. (approx. 4 ms) switching power mechanical: 18,000 operations/hr rated load: 1,800 operations/hr insulation resistance 1,000 m ? min. (at 500 vdc) dielectric strength 2,000 vac, 50/60 hz for 1 min between coil and contacts 2,000 vac, 50/60 hz for 1 min between contacts of different polarity 1,000 vac, 50/60 hz for 1 min between contacts of same polarity 250 vac, 50/60 hz for 1 min between coils of different polarity vibration resistance destruction: 10 to 55 to 10 hz, 0.75-mm single amplitude (1.5-mm double amplitude) malfunction: 10 to 55 to 10 hz, 0.75-mm single amplitude (1.5-mm double amplitude) shock resistance destruction: 1,000 m/s 2 (approx. 100g) malfunction: 100 m/s 2 (approx. 10g) endurance mechanical: 50,000,000 operations min. (at 18,000 operations/hr) electrical: 100,000 operations min. (at 1,800 operations/hr, rated load) 500,000 operations min. for long-life at 2 a 100,000 operations min for long-life at 5 a ambient temperature operating: ?25 c to 55 c (with no icing or condensation) storage: ?25 c to 55 c (with no icing or condensation) ambient humidity operating: 35% to 85% weight approx. 75 g
204 te r m i n a l r e l ay g6b-4 @@nd engineering data 4,000 1,000 500 300 100  endurance switching current (a) endurance (x10 3 operations) switching voltage (v) switching current (a) contact resistance (m ? ) ac resistive load dc resistive load g6b-4 @ (standard)  contact reliability (high-reliability models) ac inductive load (cos = 0.4) dc inductive load (l/r = 7 ms) g6b-47 @ (long life) 250 vac resistive load 30 vdc resistive load 250 vac resistive load 30 vdc resistive load g6b-4 @ (standard) g6b-47 @ (long-life) 250 vac inductive load (cos = 0.4) 30 vdc inductive load (l/r = 7 ms) g6b-48 @ (high-reliability) 250 vac resistive load 30 vdc resistive load  maximum switching power number of switching operations ( 10 4 times)
te r m i n a l r e l ay g6b-4 @@nd 205 dimensions note: all units are in millimeters unless otherwise indicated. philip screw terminals note: g6b-4bnd is shown in illustration (terminal numbers are incised). mounting holes flat screw terminal g6b-4fb1nd mounting holes connector terminal G6B-4FPND mounting holes note: do not reverse the coil polarity. 16, m3.5 phillips head screws in side 43 max. 28 max. 78 max. in side out side in side 43 max. 61 max. 24 max. five, m2.6 in side out side in side 43 max. 60 max. in side note: do not reverse the coil polarity. note: do not reverse the coil polarity. g6b-4bnd g6b-47bnd g6b-48bnd operation indicator out side (30 max. for g6b-47 @@ long-life model) terminal arrangement/ internal connections (top view) operation indicator out side eight, m3.5 phillips head screws terminal arrangement/ internal connections (top view) terminal arrangement/ internal connections (top view) eight, m3.5 phillips head screws operation indicator out side 24 max. out side two, 4 dia. holes or m3.5 screw holes two, 4 dia. holes or m3.5 screw holes two, 4 dia. holes or m3.5 screw holes
206 te r m i n a l r e l ay g6b-4 @@nd accessories (order separately) replacement relays note: relays cannot be replaced for g6b-48bnd, which is mounted directly to boards. relay mounting products applicable terminal relay rated voltage model g6b-4bnd 5 vdc 12 vdc 24 vdc g6b-1114p-fd-us g6b-47bnd 5 vdc 12 vdc 24 vdc g6b-1174p-fd-us name model relay removal tool p6b-y1 short bars g6b-4-sb mounting track pfp-100n pfp-50n pfp-100n2 end plate pfp-m spacer pfp-s p6b-y1 relay removal tool g6b-4-sb short bars short bars are used to wire crossovers for common terminals for coils or contacts. g6b-4-c terminal covers (two per set)
te r m i n a l r e l ay g6b-4 @@nd 207 precautions wiring be sure to turn off the power when wiring the unit and do not touch the charged terminals of the unit. otherwise, an electric shock may result. do not apply overvoltage to the input terminals. otherwise, the unit may malfunction or burn. relay models do not connect the unit to loads exceeding the rated switching power (switching voltage or current). otherwise, faulty insulation, contact weld, or faulty contact of relays, or damage to relays may result, or the relays may malfunction or burn. the life of relays varies with the switching condition. test the relays under the actual operating conditions before using the relays within the permissible switching frequency. the use of deteriorated relays may result in the faulty insulation of the relays or cause the relays to burn. do not use the unit in locations with inflammable gas. otherwise, a fire or explosion due to the heat of the relays or sparks from the relays may result when they are switched. correct use mounting heat generated by the relays must be considered when gang-mount- ing. space must be provided between the relays or other methods must be taken to maintain the relays? ambient temperature at 55 c or lower. replacement of relays g6b-4 @@ nd use the p6b-y1 removal tool as shown in the following diagram. be sure to turn off the power to the unit before replacing a relay. relays must be inserted straight onto the socket connector pins to ensure proper connection. g6b-48bnd models (high reliability) are connected directly to boards to increase reliability and the relays are thus not replaceable. if relay replacement is necessary, use the p6bf-4bnd terminal sockets together with the g6b-1184p mini relays. p6bf-4bnd ter- minal sockets are equipped with relay replacement sockets. do not mount relays that are different to one another in voltage. relays mounted g6b-4 @@ nd standard: g6b-1114p-fd-us g6b-4 @@ nd long life: g6b-1174p-fd g6b-4 @@ nd high reliability: g6b-1184p-us replacement is not possible for g6b-48bnd. wiring be sure to connect the input terminals with the correct polarity. coil voltage be sure not to impose voltage exceeding the permissible voltage on the coil continuously. do not use the relays when other inductive loads are connected in parallel with the coil input or when there are surges during power supply because the built-in diodes used to absorb surge may be destroyed. do not use the following circuit handling do not drop, shock, or vibrate the unit excessively. otherwise, dam- age to the unit may result or the unit may malfunction. make sure that all the relays are properly mounted before use. screw tightening torque tighten each terminal screw to a torque of 0.78 to 1.18nm. tighten each mounting screw to a torque of 0.59 to 0.98 nm. installation environment do not install the unit in the following locations. otherwise, damage to the unit may result or the unit may malfunction. locations with direct sunlight. locations with an ambient temperature range not within 0 c to 55 c. locations with rapid temperature changes resulting in condensation or locations with relative humidity ranges not within 10% to 90%. locations with corrosive or inflammable gas. locations with excessive dust, salinity, or metal powder. locations with vibration or shock affecting the unit. locations with water, oil, or chemical sprayed on the unit. disassembly, repair, and modification do not disassemble, repair, or modify the unit. otherwise, an electric shock may result or the unit may malfunction. inductive load g6b coil coil surge current absorption diode in the interest of product improvement, spec ifications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0. 03937. to convert grams into ounces, multiply by 0.03527. cat. no. j098-e1-02a


▲Up To Search▲   

 
Price & Availability of G6B-4FPND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X