Part Number Hot Search : 
KPC6N136 125FU SPX1581 NEA005 B3060 LH168M H57AD K4S56
Product Description
Full Text Search
 

To Download FHC048-111-2-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type c/2 flex-fit female pcb connector twopiece connectors standard din flex-fit 225 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in millimeters (inches). lr92984 e60980 p hysical p roperties i nsulation m aterial : glass filled thermoplastic rated ul 94v-0 c olor : gray c ontacts : copper alloy, nickel plate overall, gold finish in contact zone. tin/lead on solder tails, tin/lead or gold on posts. e lectrical p roperties c urrent r ating : 2 amps per pin i nsulation r esistance : >1 x 10 9 0hms d ielectric s trength : > 500 vdc at sea level e nvironmental p roperties t emperature r ating : -55?c to 125? i nitial i nsertion f orce p er p in 40 lbs. maximum when staked into glass epoxy pcb substrate 0.037" diameter finished through-hole r etention f orce p er p in 10 lbs. minimum when staked into glass epoxy pcb substrate 0.043" diameter finished through-hole ordering information no. of contacts contact loading catalog no. termination style mm specify x and y (inches) 32 a, c 1, 2, 3 ?6 fhc032-081- x a = 4.7 48 a, b, c 1, 2, 3 ?6 fhc048-081- x (.184) 32 a, c 1, 2, 3 ?6 fhc032-091- x-y a = 13.0 48 a, b, c 1, 2, 3 ?6 fhc048-091- x-y (.512) 32 a, c 1, 2, 3 ?6 fhc032-101- x-y a = 17.0 48 a, b, c 1, 2, 3 ?6 fhc048-101- x-y (.669) 32 a, c 1, 2, 3 ?6 fhc032-111- x-y a = 20.9 48 a, b, c 1, 2, 3 ?6 fhc048-111- x-y (.823) press-fit wire wrap post 0.64 x 0.64 (.025 x .025) recommended printed circuit board layout x performance level 1 level 1 - 500 mating cycles 2 level 2 - 400 mating cycles 3 level 3 - 50 mating cycles y tail plating 1 tin/lead 2 gold flash (.200" from pin tip) gold plate 3 (30 microinches .200" from pin tip)


▲Up To Search▲   

 
Price & Availability of FHC048-111-2-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X