Part Number Hot Search : 
STZ8027B EUP7180 2SK3426G 402ML EUP7180 K1122 BLF88 00110
Product Description
Full Text Search
 

To Download FDS9958F085 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2 008 fairchild semiconductor corporation fds9958_f085 rev.a www.fairchildsemi.com 1 fds9958_f085 dual p-channel powertrench ? mosfet fds9958 _f085 dual p-channel powertrench ? mosfet -60v, -2.9a, 105m ? features ? max r ds(on) =105m ? at v gs = -10v, i d = -2.9a ? max r ds(on) =135m ? at v gs = -4.5v, i d = -2.5a ? rohs compliant general description these p-channel logic level specified mosfets are produced using fairchild semiconduc tor?s advanced powertrench ? process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance. these devices are well suit ed for portable electronics applications: load switching and power management, battery charging and protection circuits. applications ? load switch ? power management mosfet maximum ratings t a = 25c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage -60 v v gs gate to source voltage 20 v i d drain current -continuous (note 1a) -2.9 a -pulsed -12 e as single pulse avalanche energy (note 3) 54 mj p d power dissipation for dual operation 2 w power dissipation (note 1a) 1.6 power dissipation (note 1b) 0.9 t j , t stg operating and storage junction temperature range -55 to +150 c r jc thermal resistance, junction to case 40 c/w r ja thermal resistance, junction to ambient (note 1a) 78 device marking device package reel size tape width quantity q2 q1 q2 q1 g2 s1 g1 s2 d2 d2 d1 d1 5 6 7 8 3 2 1 4 pin 1 so-8 d1 d1 d2 d2 s2 s1 g1 g2 november 2008 ? qualified to aec q101 fds9958 fds9958_f085 so-8 330mm 12mm 2500units
fds9958_f085 dual p-channel powertrench ? mosfet www.fairchildsemi.com 2 ?2 008 fairchild semiconductor corporation fds9958 _f085 rev.a electrical characteristics t j = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain to source breakdown voltage i d = -250 a, v gs = 0v -60 v ? bv dss ? t j breakdown voltage temperature coefficient i d = -250 a, referenced to 25 c -52 mv/ c i dss zero gate voltage drain current v ds = -48v, -1 a v gs = 0v t j = 125 c -100 i gss gate to source leakage current v gs = 20v, v ds = 0v 100 na on characteristics v gs(th) gate to source threshold voltage v gs = v ds , i d = -250 a -1.0 -1.6 -3.0 v ? v gs(th) ? t j gate to source threshold voltage temperature coefficient i d = -250 a, referenced to 25 c 4 mv/ c r ds(on) static drain to source on resistance v gs = -10v, i d = -2.9a 82 105 m ? v gs = -4.5v, i d = -2.5a 103 135 v gs = -10v, i d = -2.9a, t j = 125 c 131 190 g fs forward transconductance v dd = -5v, i d = -2.9a 7.7 s dynamic characteristics c iss input capacitance v ds = -30v, v gs = 0v, f = 1mhz 765 1020 pf c oss output capacitance 90 120 pf c rss reverse transfer capacitance 40 65 pf switching characteristics t d(on) turn-on delay time v dd = -30v, i d = -2.9a, v gs = -10v, r gen = 6 ? 6 12 ns t r rise time 3 10 ns t d(off) turn-off delay time 27 43 ns t f fall time 6 12 ns q g total gate charge v gs = 0v to -10v v dd = -30v, i d = -2.9a 16 23 nc q g total gate charge v gs = 0v to -4.5v 8 12 nc q gs gate to source charge 2 nc q gd gate to drain ?miller? charge 3 nc drain-source diod e characteristics v sd source to drain diode forward voltage v gs = 0v, i s = -1.3a (note 2) -0.8 -1.2 v t rr reverse recovery time i f = -2.9a, di/dt = 100a/ s 26 42 ns q rr reverse recovery charge 21 35 nc notes: 1. r ja is determined with the device mounted on a 1in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 30 0 s, duty cycle < 2.0%. 3. uil condition: starting t j = 25c, l = 3mh, i as = 6a, v dd = 60v, v gs = 10v. b) 135c/w when mounted on a minimun pad a) 78c/w when mounted on a 1 in 2 pad of 2 oz copper
fds9958_f085 dual p-channel powertrench ? mosfet www.fairchildsemi.com 3 ?2 008 fairchild semiconductor corporation fds9958 _f085 rev.a typical characteristics t j = 25c unless otherwise noted figure 1. 01234 0 2 4 6 8 10 12 v gs = -3.5v v gs = - 4v v gs = -5v pulse duration = 300 s duty cycle = 2.0%max v gs = - 4.5v v gs = -10v v gs = -3v -i d , drain current (a) -v ds , drain to source voltage (v) on-region characteristics figure 2. 024681012 0.5 1.0 1.5 2.0 2.5 v gs = -4.5v v gs = -3.5v pulse duration = 300 s duty cycle = 2.0%max normalized drain to source on-resistance -i d , drain current(a) v gs = -5v v gs = -4v v gs = -3v v gs = -10v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n - r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i d = -2.9a v gs = -10v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 246810 60 90 120 150 180 210 240 pulse duration = 300 s duty cycle = 2.0%max t j = 125 o c t j = 25 o c i d = -2.9a r ds(on) , drain to source on-resistance ( m ? ) -v gs , gate to source voltage ( v ) o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 012345 0 2 4 6 8 10 12 v dd = -5v pulse duration = 300 s duty cycle = 2.0%max t j = -55 o c t j = 25 o c t j = 150 o c -i d , drain current (a) -v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1e-3 0.01 0.1 1 10 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0v -i s , reverse drain current (a) -v sd , body diode forward voltage (v) 20 s o u r c e t o d r a i n d i o d e forward voltage vs source current
fds9958_f085 dual p-channel powertrench ? mosfet www.fairchildsemi.com 4 ?2 008 fairchild semiconductor corporation fds9958 _f085 rev.a figure 7. 0 5 10 15 20 0 2 4 6 8 10 i d = -2.9a v dd = -40v v dd = -20v -v gs , gate to source voltage(v) q g , gate charge(nc) v dd = -30v gate charge characteristics figure 8. 0.1 1 10 10 100 1000 f = 1mhz v gs = 0v capacitance (pf) -v ds , drain to source voltage (v) c rss c oss c iss 60 2000 c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 100 1 2 3 4 t j = 25 o c t j = 125 o c t av , time in avalanche(ms) -i as , avalanche current(a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 r ja = 78 o c/w v gs = -4.5v v gs = -10v -i d , drain current (a) t a , ambient temperature ( o c ) m a x i m u m c o n t i n u o u s d r a i n current vs ambient temperature f i g u r e 1 1 . f o r w a r d b i a s s a f e operating area 0.1 1 10 100 0.01 0.1 1 10 1ms dc 10s 1s 100ms 10ms 0.1ms -i d , drain current (a) -v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r ja = 135 o c/w t a = 25 o c 20 200 figure 12. 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 1 10 100 single pulse r ja = 135 o c/w t a = 25 o c 0.5 v gs = -10v p ( pk ) , peak transient power (w) t, pulse width (s) 200 s i n g l e p u l s e m a x i m u m power dissipation typical characteristics t j = 25c unless otherwise noted
fds9958_f085 dual p-channel powertrench ? mosfet www.fairchildsemi.com 5 ?2 008 fairchild semiconductor corporation fds9958 _f085 rev.a figure 13. transient thermal response curve 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 0.01 0.1 1 0.005 single pulse r ja = 135 o c/w duty cycle-descending order normalized thermal impedance, z ja t, rectangular pulse duration (s) d = 0.5 0.2 0.1 0.05 0.02 0.01 2 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z ja x r ja + t a typical characteristics t j = 25c unless otherwise noted
fds9958_f085 n-channel powertrench ? mosfet fd s9958 _f085 rev.a www.fairchildsemi.com 7 rev. i37 anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. farichild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in t he industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts exper ience many problems such as lo ss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing de lays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. farichild strongly encourages customers to purchase farichild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to farichild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. farichild is committed to combat this global problem and encourage our customer s to do their part in stopping this practice by buying direct or from authorized distributors. product status definitions definition of terms trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. * ezswitch? and flashwriter ? are trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairch ild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical co mponents in life support de vices or systems without the express written approval of fa irchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? ecospark ? efficentmax? ezswitch? * ? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? ? saving our world, 1mw /w /kw at a time? smartmax? smart start? spm ? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 supremos? syncfet? ? the power franchise ? tinyboost? tinybuck? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? ? tm tm datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final spec ifications. fairchild semicond uctor reserves the right to make changes at any time withou t notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only.


▲Up To Search▲   

 
Price & Availability of FDS9958F085

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X