Part Number Hot Search : 
SD02H0B 2SC3502E 1N5378B KA2138N LR3636 BCX71JL 2SC3502E HB0914
Product Description
Full Text Search
 

To Download EZ480A12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ez series ? compact design for low-profile appl ications; ratings from 5a to 18a @ 600 vac ? scr output for heavy industrial loads ? ac or dc control ? 1/4" fast-on terminals for easy installation ? ul/csa/vde approved, ce compliant to en60950-1 product selection control voltage 5a 12a 18a 3-15 vdc ez240d5 ez240d12 ez240d18 15-32 vdc eze240d12 eze240d18 90-140 vrms ez240a12 ez240a18 18-36 vrms eze240a12 eze240a18 4-15 vdc ez480d12 ez480d18 15-32 vdc eze480d12 eze480d18 90-140 vrms EZ480A12 ez480a18 18-36 vrms eze480a12 eze480a18 available options output specifications (1) description 5 a 12 a 18 a 12 a 18 a operating voltage (47-63hz) [vrms] 24-280 24-280 24-280 48-660 48-660 transient overvoltage [vpk] 600 600 600 1200 1200 maximum off-state leakage current @ rated voltage [marms](5) 0.1 0.1 0.1 0.1 0.1 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 500 maximum load current (4) [arms] 5 12 18 12 18 minimum load current [marms] 150 150 150 150 150 maximum 1 cycle surge current (50/60) [apk] 38/40 143/150 191/200 143/150 191/200 maximum on-state voltage drop @ rated current [vpk] 1.5 1.5 1.5 1.5 1.5 thermal resistance juncti on to case (rjc) [c/w] 2 2 1.1 2 1.1 maximum i2 t for fusing 50/60hz (1/2 cycle) [a2 sec] 102/93 102/93 182/166 102/93 182/166 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5 0.5
input specifications (1) description ez240d5 ez240dxx ez480dxx ezexxxdxx ezxxxaxx ezexxxaxx control voltage range 3-15 vdc 3-15 vdc 4-15 vdc 15-32 vdc 90-140 vrms 18-36 vrms minimum turn-on voltage 3.0 vdc 3.0 vdc 4.0 vdc 15.0 vdc 90.0 vrms 18.0 vrms minimum turn-off voltage 1.0 vdc 1.0 vdc 1.0 vdc 1.0 vdc 10.0 vrms 2.0 vrms typical input current @ nominal voltage 15 madc 15 madc 15 madc 15 madc 10 ma 10 ma nominal input impedance 300 ohm 300 ohm 240 ohm 1500 ohm 10.6 k ohm 1.8 k ohm maximum turn-on time [msec] (6) 1/2 cycle 1/2 cycle 1/2 cycle 1/2 cycle 10 10 maximum turn-off time [msec] 1/2 cycle 1/2 cycle 1/2 cycle 1/2 cycle 40 40 general specifications description parameters dielectric strength, inpu t/output/base (50/60hz)(3) 4000 vrms * minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 1.5 oz (43 g) encapsulation thermally conductive epoxy terminals 0.25 inch faston mounting screw torque (8-32 unc screw) [in lbs/nm] 8-14/1.1-1.5 general notes 1) all parameters at 25c un less otherwise specified. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) 240v, dc control models only, all others 2500vrms 4) heat sinking required, see derating curves. 5) off- state leakage for snubbered version (s uffix s, 240v version only) is 10.0marms 6) turn-on time for random turn-on versi ons is 0.1 msec (dc control models). * 240v, dc control models only wiring diagram
mechanical specifications thermal derate information agency approvals designed in accordance with the requirements of iec 62314 en60950 : meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7: e116950 lr81689 10139 ug (240 vdc control only) rev. 022912

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of EZ480A12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X