Part Number Hot Search : 
A1574T SRC12 MFRC52 MNTXG H646LJC 74F241SJ SM6S17A BTS3408G
Product Description
Full Text Search
 

To Download EXBN4V4720X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. chip resistor array & 1 9 2 # 3 7 4  5 7 6  7  8  9 + 10 7 11 thick film chip resistor networks chip resistor array type: inch product code 0201 array 0402 array 0603 array 0402 array 0603 array 0805 array 1 2 3 n v s 4 8 h 4 terminal 8 terminal 16 terminal no. of terminal schematics v isolated type the ?rst two digits are signi?cant ?gures of resistance value and the third one denotes the number of zeros following. jumper is expressed by r00 resistance value example : 222  2.2 k? resistance tolerance j 0 5 % jumper convex terminal concave terminal packaging methods code nil x v packaging type embossed carrier taping 4 mm pitch, 2,500 pcs. punched carrier taping 2 mm pitch, 10,000 pcs. punched carrier taping 4 mm pitch, 5,000 pcs. exbs8v exb14v, 18v, 24v, 28v, n8v exb2hv, 34v, 38v, v4v, v8v protective coating thick ?lm resistive element electrode (inner) electrode (between) electrode (outer) alumina substrate 43 12 8 1 7 2 6 3 5 4 16 1 15 2 14 3 13 4 12 5 11 6 10 7 9 8 construction (example : concave terminal) schematics isolated type 14v, 24v, 34v, v4v 18v, 28v, n8v, 38v, v8v, s8v 2 resistors 4 resistors 2hv 8 resistors features high density 2 resistors in 0.8 mm 0.6 mm size (exb14v) 4 resistors in 1.4 mm 0.6 mm size (exb18v) 2 resistors in 1.0 mm 1.0 mm size (exb24v) 4 resistors in 2.0 mm 1.0 mm size (exb28v, n8v) 8 resistors in 3.8 mm 1.6 mm size (exb2hv) 2 resistors in 1.6 mm 1.6 mm size (exb34v, v4v) 4 resistors in 3.2 mm 1.6 mm size (exb38v, v8v) 4 resistors in 5.1 mm 2.2 mm size (exbs8v) type: exb1 : 0201 array exb2 : 0402 array exb3 : 0603 array exbn : 0402 array exbv : 0603 array exbs : 0805 array explanation of part numbers chip resistor array improvement of placement ef? ciency placement ef? ciency of chip resistor array is two, four or eight times of the ? at type chip resistor reference standard iec 60115-9, jis c 5201-9, eiaj rc-2129 rohs compliant  packaging methods, land pattern, soldering conditions and safety precautions please see data files aug. 2012 01 29
chip resistor array design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. p p l l g g g w g b b w b b a1 a1 a2 &9#77 &9#/7 77 47 t t p l t g w g b b a1 a2 &9#7 a1 p t p l t l bb g bb gg w w g a1 a2 &9#7 7 7 &9#7 7 p t l g w g bb a1 a2 &9#)7 type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwta 1a 2bpg exbn8v (0402 4) 2.00 0.10 1.00 0.10 0.45 0.10 0.30 0.10 0.30 0.10 0.20 0.15 (0.50) 0.30 0.15 3.0 exbv4v (0603 2) 1.60 +0.20 1.60 +0.20 0.60 0.10 0.60 0.10 0.30 0.15 (0.80) 0.45 0.15 5.0 exbv8v (0603 4) 3.20 +0.20 1.60 +0.20 0.60 0.10 0.60 0.10 0.60 0.10 0.30 0.15 (0.80) 0.45 0.15 10 exbs8v (0805 4) 5.08 +0.20 2.20 +0.20 0.70 0.20 0.80 0.15 0.80 0.15 0.50 0.15 (1.27) 0.55 0.15 30 type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwta 1a 2bpg exb14v (0201 2) 0.80 0.10 0.60 0.10 0.35 0.10 0.35 0.10 0.15 0.10 (0.50) 0.15 0.10 0.5 exb24v (0402 2) 1.00 0.10 1.00 0.10 0.35 0.10 0.40 0.10 0.18 0.10 (0.65) 0.25 0.10 1.2 exb28v (0402 4) 2.00 0.10 1.00 0.10 0.35 0.10 0.45 0.10 0.35 0.10 0.20 0.10 (0.50) 0.25 0.10 2.0 exb2hv (0402 8) 3.80 0.10 1.60 0.10 0.45 0.10 0.35 0.10 0.35 0.10 0.30 0.10 (0.50) 0.30 0.10 9.0 exb34v (0603 2) 1.60 0.20 1.60 0.15 0.50 0.10 0.65 0.15 0.30 0.20 (0.80) 0.30 0.20 3.5 exb38v (0603 4) 3.20 0.20 1.60 0.15 0.50 0.10 0.65 0.15 0.45 0.15 0.30 0.20 (0.80) 0.35 0.20 7. 0 C0.10 C0.10 C0.10 C0.10 C0.10 C0.10 type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwta 1a 2bpg exb18v (0201 4) 1.40 0.10 0.60 0.10 0.35 0.10 0.20 0.10 0.20 0.10 0.10 0.10 (0.40) 0.20 0.10 1.0 ( ) reference dimensions in mm (not to scale) (1) convex terminal type (2) concave terminal type (3) flat terminal type ( ) reference ( ) reference aug. 2012 01 30
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. chip resistor array C60 C40 C20 0 20 40 60 80 100 120 140 160 180 0 20 40 60 80 100 70 c C55 c 125 c ambient temperature (c) rated load (%) item speci? cations resistance range 10 to 1 m : e 24 series resistance tolerance j : 5 % number of terminals 14v, 24v,v4v,34v 4 terminal 18v, 28v,n8v,38v,v8v,s8v 8 terminal 2hv 16 terminal number of resistors 14v, 24v,v4v,34v 2 element 18v, 28v,n8v,38v,v8v,s8v 4 element 2hv 8 element power rating at 70 c 14v,n8v 0.031 w/element 18v 0.031 w/element (0.1 w/package) 24v, 28v,v4v,34v,v8v,38v 0.063 w/element s8v 0.1 w/element 2hv 0.063 w/element (0.25 w/package) ratings (1) rated continuous working voltage (rcwv) shall be de ter mined from rcwv= power rating resistance value, or limiting element voltage listed above, whichever less. (2) overload (short-time overload) test voltage (sotv) shall be determined from sotv=2.5 power rating or max. overload voltage list ed above whichever less. power derating curve for resistors operated in ambient temperature above 70 c, power rating shall be derated in accordance with the ? gure on the right. item speci? cations limiting element voltage (1) 14v,18v 12.5 v 2hv 25 v 24v, 28v,n8v,38v,34v,v4v,v8v 50 v s8v 100 v maximum overload voltage (2) 14v,18v 25 v 2hv 50 v 24v, 28v,n8v,38v,34v,v4v,v8v 100 v s8v 200 v t.c.r. 200 10 -6 /c category temperature range C55 c to 125 c jumper array rated current 14v,18v 0.5 a 2hv, 24v, 28v,n8v,38v,34v,v4v,v8v 1 a s8v 2 a maximum overload current 14v,18v 1 a 2hv, 24v, 28v,n8v,38v,34v,v4v,v8v 2 a s8v 4 a aug. 2012 01 31


▲Up To Search▲   

 
Price & Availability of EXBN4V4720X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X