DTC144 em/ee/eua/eca/esa npn small signal transistor small signal diode package packing marking sot-723 8k / 7" reel 26 sot-523 3k / 7" reel 26 sot-323 3k / 7" reel 26 sot-23 3k / 7" reel 26 to-92s 3k / 7" reel em ee esa 100 150 300 mw v v c notes:1. valid provided that electrodes are kept at ambient temperature symbol min typ max unit v i(on) 3 v i(off) 0.5 v o(on) 0.3 v i i 0.18 ma i o off) 0.5 a g i 68 r 1 32.9 47 61.1 k ? r 2 /r 1 0.8 1 1.2 f t 250 mhz DTC144 eca DTC144 esa v in output current pd type number v cc i o units 50 supply voltage symbol 200 power dissipation value eua eca part no. DTC144 em DTC144 ee DTC144 eua output voltage i c(max) 100 -10 40 input voltage i o /i i =10ma/0.5ma condtion v o =0.3v,i o =2 ma v maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. junction and storage temperature range tj, t stg -55 to + 150 parameter input voltage 30 ma v i =5v v cc =50v,v i =0 v o =5v,i o =5ma v cc =5v,i o =100a orderin g information v o =10v,i o =5ma,f=100mhz input resistance resistance ratio transition frequency output current dc current gain input current features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. ? only the on/off conditions need to be set for operation,marking device design easy. ? the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. version:a12
DTC144 em/ee/eua/eca/esa npn small signal transistor aa c c min max min max min max min max 2.80 3.00 0.11 0.12 1.90 2.10 0.07 0.08 1.20 1.40 0.05 0.06 1.15 1.35 0.05 0.05 0.30 0.50 0.01 0.02 0.25 0.35 0.01 0.01 1.80 2.00 0.07 0.08 1.20 1.40 0.05 0.06 2.25 2.55 0.09 0.10 2.00 2.20 0.08 0.09 0.90 1.20 0.04 0.04 0.80 1.00 0.03 0.04 a a c c min max min max min max min max 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.80 0.03 0.03 0.75 0.85 0.03 0.03 0.25 0.35 0.01 0.01 0.17 0.27 0.01 0.01 0.90 1.10 0.04 0.04 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.90 0.03 0.04 0.50 0.02 a e bg f c min max min max 3.85 4.15 0.15 0.16 3.01 3.31 0.12 0.13 15.10 15.50 0.59 0.61 0.38 0.55 0.01 0.02 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 0.36 0.51 0.01 0.02 e f g a b c d e f to-92s dimensions unit (mm) unit (inch) c d 0.8 typ 0.31typ unit (mm) unit (inch) a b d e f sot-723 unit (inch) a b c dimensions f sot-523 dimensions unit (mm) 0.550 ref 0.022 ref f g unit (inch) a b c unit (inch) a b c dimensions unit (mm) sot-323 d e sot-23 dimensions unit (mm) d e b d f e g b d f e b d f e b d f e version:a12
|