Part Number Hot Search : 
DS923 US1010CY IRF1404Z TC4V7 SMAJ24 MB90V C85FCBAA SI5447
Product Description
Full Text Search
 

To Download DMP2035UVT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMP2035UVT document number: ds35190 rev. 5 - 2 1 of 6 www.diodes.com march 2012 ? diodes incorporated DMP2035UVT -20v p-channel enhancement mode mosfet product summary v (br)dss r ds(on) max i d t a = 25c -20v 35m @ v gs = -4.5v -6.0a 45m @ v gs = -2.5v -5.2a description and applications this new generation mosfet has been designed to minimize the on- state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal fo r high efficiency power management applications. ? dc-dc converters ? motor control ? power management functions ? analog switch features and benefits ? low input capacitance ? low on-resistance ? fast switching speed ? esd protected up to 3kv ? lead, halogen, and antimony free, rohs compliant (note 1) ? "green" device (note 2) ? qualified to aec-q101 standards for high reliability mechanical data ? case: tsot26 ? case material: molded plastic, ?g reen? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram ? terminals: finish ? mattetin annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.0013 grams (approximate) ordering information (note 3) part number case packaging DMP2035UVT-7 tsot26 3,000/tape & reel DMP2035UVT-13 tsot26 10,000/tape & reel notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. no purposely added lead. halogen and antimony free. 2. diodes inc.?s ?green? policy can be f ound on our website at http://www.diodes.com. 3. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2011 2012 2013 2014 2015 2016 2017 code y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d 20p = product type marking code ym = date code marking y = year (ex: y = 2011) m = month (ex: 9 = september) tsot26 top view top view pin-out esd protected to 3kv equivalent circuit 1 2 3 6 5 4 dd dd gs source gate protection diode gate drain 20p ym
DMP2035UVT document number: ds35190 rev. 5 - 2 2 of 6 www.diodes.com march 2012 ? diodes incorporated DMP2035UVT maximum ratings @t a = 25c unless otherwise specified characteristic symbol value units drain-source voltage v dss -20 v gate-source voltage v gss 12 v continuous drain current (note 5) v gs = -4.5v steady state t a = 25 c t a = 70 c i d -6.0 -4.8 a t<10s t a = 25 c t a = 70 c i d -7.2 -5.7 a continuous drain current (note 5) v gs = -2.5v steady state t a = 25 c t a = 70 c i d -5.2 -4.1 a t<10s t a = 25 c t a = 70 c i d -6.2 -4.9 a maximum continuous body diode forward current (note 5) i s -2.0 a pulsed drain current (10 s pulse, duty cycle = 1%) i dm -24 a thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value units total power dissipation (note 4) p d 1.2 w thermal resistance, junction to ambient (note 4) steady state r ja 106 c/w t<10s 74 total power dissipation (note 5) p d 2.0 w thermal resistance, junction to ambient (note 5) steady state r ja 65 c/w t<10s 46 thermal resistance, junction to case (note 5) steady state r jc 11.8 operating and storage temperature range t j, t stg -55 to 150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 6) drain-source breakdown voltage bv dss -20 ? ? v v gs = 0v, i d = -250 a zero gate voltage drain current i dss ? ? -1 a v ds = -20v, v gs = 0v gate-source leakage i gss ? ? 10 a v gs = 8v, v ds = 0v on characteristics (note 6) gate threshold voltage v gs ( th ) -0.4 -0.7 -1.5 v v ds = v gs , i d = -250 a gate threshold voltage temperature coefficient v gs(th) / t j ? 2.5 ? mv/c i d = -250 a , referenced to 25c static drain-source on-resistance r ds (on) ? 23 35 m v gs = -4.5v, i d = -4.0a ? 30 45 v gs = -2.5v, i d = -4.0a ? 41 62 v gs = -1.8v, i d = -2.0a forward transfer admittance |y fs | ? 18 ? s v ds = -5v, i d = -5.5a diode forward voltage (note 5) v sd ? -0.7 -1.0 v v gs = 0v, i s = -1a dynamic characteristics (note 7) input capacitance c iss ? 1610 2400 pf v ds = -10v, v gs = 0v f = 1.0mhz output capacitance c oss ? 157 210 reverse transfer capacitance c rss ? 145 200 gate resistance r g ? 9.4 14.1 v ds = 0v, v gs = 0v, f = 1.0mhz total gate charge q g ? 15.4 23.1 nc v ds = -10v, v gs = -4.5v i d = -4a gate-source charge q g s ? 2.5 ? gate-drain charge q g d ? 3.3 ? turn-on delay time t d ( on ) ? 17 33 ns v gs = -4.5v, v ds = -10v, r g = 6 , i d = -1a, r l = 10 turn-on rise time t r ? 12 19 turn-off delay time t d ( off ) ? 94 150 turn-off fall time t f ? 42 64 reverse recovery time t r r ? 14 25 ns i f =-4.5a, di/dt=100a/s reverse recovery charge q r r ? 4 8 nc notes: 4. device mounted on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layout. 5. device mounted on fr-4 substrate pc board, 2oz copper, with 1inch square copper plate. 6. short duration pulse test used to minimize self-heating effect. 7. guaranteed by design. not subject to product testing.
DMP2035UVT document number: ds35190 rev. 5 - 2 3 of 6 www.diodes.com march 2012 ? diodes incorporated DMP2035UVT 01 2 3 45 0 5 10 15 20 25 -i , d r ain c u r r en t (a) d -v , drain -source voltage(v) fig. 1 typical output characteristics ds v = 3.0v gs v = 3.2v gs v = 3.5v gs v = 4.5v gs v = 8.0v gs v = 2.5v gs v = 2.0v gs v = 1.5v gs 0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 -i , d r ain c u r r en t (a) d -v , gate-source voltage (v) gs fig. 2 typical transfer characteristics t = 150c a t = 125c a t = 85c a t = 25c a t = -55c a v = -5.0v ds 0.02 0.03 0.04 0.05 0.06 0.0 7 0.1 1 10 100 -i , drain source current fig. 3 typical on-resistance vs. drain current and gate voltage d r ,d r ain-s o u r ce o n- r esistance( ) ds(on) 0.01 0.02 0.03 0.04 0.05 04 8121620 -i , drain source current (a) fig. 4 typical on-resistance vs. drain current and temperature d r , d r ain-s o u r ce o n- r esistance( ) ds(on) t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a v= -4.5v gs -50 -25 0 25 50 75 100 125 150 t , junction temperature ( c) j fig. 5 on-resistance variation with temperature 0.5 0.7 0.9 1.1 1.3 1.5 1.7 r , d r ai n -s o u r c e on-resistance (normalized) ds(on) 0.01 0.02 0.03 0.04 0.05 0.06 -50 -25 0 25 50 75 100 125 150 t , junction temperature ( c) j fig. 6 on-resistance variation with temperature r , d r ai n -s o u r c e o n - r esis t a n c e ( ) ds(on) v = -4.5v i= a gs d -10 v=5v i= a gs d -2. -5
DMP2035UVT document number: ds35190 rev. 5 - 2 4 of 6 www.diodes.com march 2012 ? diodes incorporated DMP2035UVT 0 0.2 0.4 0.6 0.8 1.0 1.2 -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) fig. 7 gate threshold variation vs. ambient temperature a v, g a t e t h r es h o ld v o l t a g e(v) gs(th) 0 2 4 6 8 10 12 14 16 18 20 0 0.3 0.6 0.9 1.2 1.5 -v , source-drain voltage (v) fig. 8 diode forward voltage vs. current sd -i , s o u r c e c u r r e n t (a) s 2 4 6 8 10 12 14 16 18 20 -v , drain-source voltage(v) fig. 9 typical drain-source leakage current vs. voltage ds 1 10 100 1,000 10,000 -i , leaka g e c u r r en t (na) dss t = 150c a t = 125c a t = 85c a t = 25c a t = -55c a 24 6 810 1 10 100 1,000 100,000 -i , leaka g e c u r r en t (na) gss 10,000 -v , gate-source voltage(v) fig. 10 typical gate-source leakage current vs. voltage gs t = 150c a t = 125c a t = 85c a t = 25c a t = -55c a 0246 8101214161820 -v , drain-source voltage (v) fig. 11 typical junction capacitance ds 100 1,000 10,000 c , j u n c t i o n c a p a c i t an c e (p f ) t c oss c rss f = 1mhz c iss 0 4 8 1216202428323640 q , total gate charge (nc) fig. 12 gate-charge characteristics g 0 2 4 6 8 10 -v , g a t e-s o u r c e v o l t a g e (v) gs
DMP2035UVT document number: ds35190 rev. 5 - 2 5 of 6 www.diodes.com march 2012 ? diodes incorporated DMP2035UVT 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1,000 t1, pulse duration times (sec) fig. 13 transient thermal resistance 0.001 0.01 0.1 r(t), t r ansien t t h e r mal r esis t an c e 1 r (t) = r(t) * r ? ja ja r = 88c/w duty cycle, d = t1/ t2 ja d = 0.7 d = 0.9 d = 0.5 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 single pulse package outline dimensions suggested pad layout tsot26 dim min max typ a ? 1.00 ? a1 0.01 0.10 ? a2 0.84 0.90 ? d ? ? 2.90 e ? ? 2.80 e1 ? ? 1.60 b 0.30 0.45 ? c 0.12 0.20 ? e ? ? 0.95 e1 ? ? 1.90 l 0.30 0.50 l2 ? ? 0.25 0 8 4 1 4 12 ? all dimensions in mm dimensions value (in mm) c 0.950 x 0.700 y 1.000 y1 3.199 c a1 l e1 e a2 d e1 e 6x b 4x 1 l2 a y1 c c x (6x) y (6x)
DMP2035UVT document number: ds35190 rev. 5 - 2 6 of 6 www.diodes.com march 2012 ? diodes incorporated DMP2035UVT important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMP2035UVT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X