Part Number Hot Search : 
035CT A2655 FKBP210 AN1457 NTE5174A HS6725 DG509A C02WM
Product Description
Full Text Search
 

To Download DMP2035U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMP2035U new product p-channel enhancem ent mode mosfet features ? low on-resistance ? low input capacitance ? fast switching speed ? low input/output leakage ? esd protected up to 3kv ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot23 ? case material: molded plasti c, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram below ? weight: 0.008 grams (approximate) ordering information (note 4) part number qualification case packaging DMP2035U-7 commercial sot23 3000 / 7? tape & reel DMP2035Uq-7 automotive sot23 3000 / 7? tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. ? 2. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. marking information date code key year 2009 2010 2011 2012 2013 2014 2015 code w x y z a b c month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view internal schematic to p view ? d g s source gate protection diode gate drain mp3 = product type marking code ym = date code marking y = year (ex: w = 2009) m = month (ex: 9 = september) mp3 ym sot23 esd protected to 3kv product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com
new product maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit drain-source voltage v dss -20 v gate-source voltage v gss 8 v continuous drain current (note 5) steady state t a = +25c t a = +70c i d -3.6 -2.9 a pulsed drain current (note 6) i dm -24 a thermal characteristics characteristic symbol value unit power dissipation (note 5) p d 0.81 w thermal resistance, junction to ambient @t a = +25c r ja 153.5 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7) drain-source breakdown voltage bv dss -20 - - v v gs = 0v, i d = -250 a zero gate voltage drain current t j = +25c i dss - - -1.0 a v ds = -20v, v gs = 0v gate-source leakage i gss - - 10 a v gs = 8v, v ds = 0v on characteristics (note 7) gate threshold voltage v gs ( th ) -0.4 -0.7 -1.0 v v ds = v gs , i d = -250 a static drain-source on-resistance r ds(on) - 23 30 41 35 45 62 m v gs = -4.5v, i d = -4.0a v gs = -2.5v, i d = -4.0a v gs = -1.8v, i d = -2.0a forward transfer admittance |y fs | - 14 - s v ds = -5v, i d = -4a diode forward voltage v sd - -0.7 -1.0 v v gs = 0v, i s = -1a dynamic characteristics input capacitance c iss - 1610 - pf v ds = -10v, v gs = 0v f = 1.0mhz output capacitance c oss - 157 - pf reverse transfer capacitance c rss - 145 - pf gate resistance r g - 9.45 - v ds = 0v, v gs = 0v, f = 1mhz total gate charge q g - 15.4 - nc v gs = -4.5v, v ds = -10v, i d = -4a gate-source charge q g s - 2.5 - nc gate-drain charge q g d - 3.3 - nc turn-on delay time t d ( on ) - 16.8 - ns v ds = -10v, v gs = -4.5v, r l = 10 ? , r g = 6.0 ? , i d = -1a turn-on rise time t r - 12.4 - ns turn-off delay time t d ( off ) - 94.1 - ns turn-off fall time t f - 42.4 - ns notes: 3. device mounted on fr-4 pcb wi th 2 oz. copper and test pulse width t # 10s. 4. repetitive rating, pulse width limited by junction temperature. 5. short duration pulse test used to minimize self-heating effect. sales@twtysemi.com 2 of 2 http://www.twtysemi.com DMP2035U product specification


▲Up To Search▲   

 
Price & Availability of DMP2035U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X