Part Number Hot Search : 
APM3007N 100GP MCF5307 C5000 29F400BT RS804 FN4724 24008
Product Description
Full Text Search
 

To Download BZX84B5V1-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.2-oct.5.2009 bzx84b2v4$8 series surface mount silicon zener diodes voltage 2.4 to 75 volts power 410 mwatts maximum ratings and electrical characteristics notes: a. mounted on 5.0mm 2 (.013mm thick) land areas. retemarap lobmys eulav stinu 52ta)aseton(noitapissidrewopmumixam o c p d 014 wm egnarerutarepmetegarotsdnanoitcnujgnitarepo t j 051+ot55- o c single 12 3 mechanical ? case: sot-23, molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? approx. weight: 0.0003 ounces, 0.0084 grams ? mounting position: any data 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) features ? planar die construction ? 410mw power dissipation ? zener voltages from 2.4~75v ? ideally suited for automated assembly processes ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free)
page . 2 bzx84b2v4$8 series rebmuntrap egatlovrenezlanimo ne cnadepmirenez.xam esreverxam tnerrucegakael gnikram edoc v z @i zt z zt @i zt z zk @i zk i r @v r v.mo nv .ni mv .xam am am a v sedoidrenezsttawm014 1 2 3 4 5 6 7 8 9 a b c d e c f g h i k j l m c n o p r s c t u w x y z a 2 3 4 5 rev.0.2-oct.5.2009 4 . 25 3. 25 4. 20 0 10 . 50 0 60 0. 10 50 . 1 w 7 . 24 6. 25 7. 20 0 10 . 50 0 60 0. 10 20 . 1 w 0 . 34 9. 26 0. 35 90 . 50 0 60 0. 10 10 . 1 w 3 . 33 2. 37 3. 35 90 . 50 0 60 0. 10 . 50 . 1 w 6 . 32 5. 37 6. 30 90 . 50 0 60 0. 10 . 50 . 1 w 9 . 32 8. 38 9. 30 90 . 50 0 60 0. 10 . 30 . 1 w 3 . 41 2. 49 3. 40 90 . 50 0 60 0. 10 . 30 . 1 w 7 . 41 6. 49 7. 40 80 . 50 0 50 0. 10 . 30 . 2 w 1 . 50 0. 50 2. 50 60 . 50 8 40 0. 10 . 20 . 2 w 6 . 59 4. 51 7. 50 40 . 50 0 40 0. 10 . 10 . 2 w 2 . 68 0. 62 3. 60 10 . 50 5 10 0. 10 . 30 . 4 w 8 . 66 6. 64 9. 65 10 . 50 80 0. 10 . 20 . 4 w 5 . 75 3. 75 6. 75 10 . 50 80 0. 10 . 10 . 5 w 2 . 84 0. 86 3. 85 10 . 50 80 0. 17 . 00 . 5 w 7 . 83 5. 87 8. 85 10 . 50 0 10 0. 17 . 00 . 5 78 1 . 92 9. 88 2. 95 10 . 50 0 10 0. 15 . 00 . 6 w 0 10 8. 90 2.0 10 20 . 50 5 10 0. 12 . 00 . 7 w 1 18 7.0 12 2.1 10 20 . 50 5 10 0. 11 . 00 . 8 w 2 16 7.1 14 2.2 15 20 . 50 5 10 0. 11 . 00 . 8 w 3 14 7.2 16 2.3 10 30 . 50 7 10 0. 11 . 00 . 8 w 4 12 7.3 18 2.4 10 30 . 50 7 10 0. 11 . 00 .0 1 w 5 10 7.4 10 3.5 10 30 . 50 0 20 0. 11 . 05 .0 1 w 6 18 6.5 12 3.6 10 40 . 50 0 20 0. 11 . 02 .1 1 w 7 16 6.6 14 3.7 10 40 . 50 0 20 0. 11 . 02 .2 1 71 8 14 6.7 16 3.8 15 40 . 55 2 20 0. 11 . 06 .2 1 w 0 20 6.9 10 4.0 25 50 . 55 2 20 0. 11 . 00 .4 1 w 2 26 5.1 24 4.2 25 50 . 50 5 20 0. 11 . 04 .5 1 w 4 22 5.3 28 4.4 20 70 . 50 5 20 0. 11 . 08 .6 1 w 7 26 4.6 24 5.7 20 80 . 50 0 30 0. 11 . 09 .8 1 w 8 24 4.7 26 5.8 20 80 . 50 0 30 0. 11 . 05 .0 2 82 0 30 4.9 20 6.0 30 80 . 50 0 30 0. 11 . 00 .1 2 w 3 34 3.2 36 6.3 30 80 . 55 2 30 0. 11 . 01 .3 2 w 6 38 2.5 32 7.6 30 90 . 50 5 30 0. 11 . 02 .5 2 w 9 32 2.8 38 7.9 30 3 10 . 50 5 30 0. 11 . 03 .7 2 w 3 44 1.2 46 8.3 40 5 10 . 55 7 30 0. 11 . 01 .0 3 w 7 46 0.6 44 9.7 40 7 10 . 55 7 30 0. 11 . 09 .2 3 w 1 58 9.9 42 0.2 50 0 10 . 50 0 40 0. 11 . 00 .8 3 x 6 58 8.4 52 1.7 55 3 15 . 20 00 10 0. 11 . 00 .2 4 x 2 66 7.0 64 2.3 60 5 15 . 20 00 10 0. 11 . 00 .6 4 x 8 64 6.6 66 3.9 60 0 25 . 20 00 10 0. 11 . 00 .1 5 x 5 70 5.3 70 5.6 70 5 25 . 20 00 10 0. 11 . 00 .6 5 x bzx84b2v4-au bzx84b2v7-au bzx84b3-au bzx84b3v3-au bzx84b3v6-au bzx84b3v9-au bzx84b4v3-au bzx84b4v7-au BZX84B5V1-AU bzx84b5v6-au bzx84b6v2-au bzx84b6v8-au bzx84b7v5-au bzx84b8v2-au bzx84b8v7-au bzx84b9v1-au bzx84b10-au bzx84b11-au bzx84b12-au bzx84b13-au bzx84b14-au bzx84b15-au bzx84b16-au bzx84b17-au bzx84b18-au bzx84b20-au bzx84b22-au bzx84b24-au bzx84b27-au bzx84b28-au bzx84b30-au bzx84b33-au bzx84b36-au bzx84b39-au bzx84b43-au bzx84b47-au bzx84b51-au bzx84b56-au bzx84b62-au bzx84b68-au bzx84b75-au
page . 3 bzx84b2v4$8 series 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 t=25c a o 150 fig.2 temperature coefficents fig.4 typical forward voltage fig.1 steady state power derating nominal zener voltage,volts forward voltage, volts temperature ( c) o temperature coefficient,(mv/ c) o power dissipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 8070605040302010 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current,ua normal zener voltage, volts rev.0.2-oct.5.2009
page . 4 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information bzx84b2v4$8 series rev.0.2-oct.5.2009 sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm)
page . 5 rev.0.2-oct.5.2009 bzx84b2v4$8 series part no_packing code_version bzx84b2v4-au _r1_000 a 1 f or example : rb500v-40 _ r2 _ 00001 bzx84b2v4 -au _r2_000 a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. bzx84b2v4$8 series page . 6 rev.0.2-oct.5.2009


▲Up To Search▲   

 
Price & Availability of BZX84B5V1-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X