Part Number Hot Search : 
4C10B BU323Z D2014UK C3329 C3329 HD74LS37 DA3674A URF1660
Product Description
Full Text Search
 

To Download BCS-150-L-S-TEDEPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcs?110?l?s?de bcs?112?l?d?pe bcs?108?l?d?he bcs?110?l?s?he bcs?112?l?d?te www.samtec.com box connector strips entry option row option plat ing op tion ?s = single ?d = double bcs 1 no. pins per row ?l = 10" (0,25m) gold on contact, matte tin on tail 01 thru 50 (2,79) .110 (5,33) .210 (2,54) .100 (0,51) .020 (0,89) .035 sq typ             (2,54) .100 (0,25) .010 (3,05) .120 (0,25) .010 (7,87) .310 (8,13) .320 (3,18) .125 (5,72) .225 (3,18) .125 (0,25) .010 (1,78) .070 (4,32) .170 (3,05) .120 (2,54) .100 01 01 02 02 (2,54) .100 x no. of spaces (5,08) .200 (0,89) .035 sq typ (2,54) .100 (7,37) .290 (0,48) .019 (2,54) .100 x no. of positions (2,54) .100 (0,51) .020 ts s ss note: some lengths, styles and options are non-standard, non-returnable. ?te = top entry ?de = top entry (for bottom entry specify ?de?be) cannot be used with plated through-holes ?he = horizontal entry ?pe = pass through entry (for bottom entry specify ?pe?be) bcs series f-208 mates with: tsw, mtsw, tss, zss, dw, ew, zw, hw, tsm, mtlw other option ??xx? = polarized position (?be not available) horizontal applications bcs tsw for complete speci cations see www.samtec.com?bcs insulator ma te ri al: black liquid crystal polymer contact material: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: 3a @ 80? ambient (-te/-de/-pe mated with tsm) 4a @ 80? ambient (-he mated with tsw-d) voltage rating: 475 vac (-te/-de/-pe mated with tsm) 450 vac (-he mated with tsw) operating temp range: -55? to +125? contact re sis tance: 10 m max insertion depth: (4,34mm) .171" to (7,24mm) .285" from top, (5,64mm) .222" plus board thickness minimum from bottom. he is (4,34mm) .171" to (6,35mm) .250" insertion force: (single contact only) 5oz (1,39n) avg. (.025" (0,64mm) sq pin) withdrawal force: (single contact only) 3oz (0,83n) avg. (.025" (0,64mm) sq pin) rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s specifications


▲Up To Search▲   

 
Price & Availability of BCS-150-L-S-TEDEPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X