Part Number Hot Search : 
78L09 PJP4NA70 MMBT29 E470M 25F160 1015MP D472A FSB50450
Product Description
Full Text Search
 

To Download BAV7413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav74 225mw 50 volt dual switching diode sot-23 suggested solder pad layout features ? fast switching speed ? for general purpose switching applications ? surface mount package ideally suited for automatic insertion dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? maximum thermal resistance; 556 o c/w junction to ambient electrical characteristics @ 25 c unless otherwise specified reverse voltage v r 50v average rectified output current i o 200ma power dissipation p d 225mw maximum instantaneous forward voltage v f 1v i fm = 100ma; reverse voltage leakage current i r 0.1a typical junction capacitance c j 2 pf measured at 1.0mhz, v r =0v reverse recovery time t rr 4ns i f =i r =10ma i rr = 0.1xi r r l =100? a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035 .900 . 03 7 .950 .037 .950 c aa k  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: b 2013/01/01 tm micro commercial components 1 of 3 v r =50volts ? lead free finish/rohs compliant ("p"suffix designates roh scompliant. see ordering information) b .083 .104 2.10 2.64 ? halogen free available upon request by adding suffix "-hf" epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? high conductance ? marking:ja
bav74 mcc www. mccsemi .com revision: b 2013/01/01 tm micro commercial components 2 of 3 typical characteristics
mcc revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of BAV7413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X