Part Number Hot Search : 
SM3508 KSH117 BD639 NTE70 74HC573A MV5026A CC78K4 15JGQ100
Product Description
Full Text Search
 

To Download BAS116UDJ-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas116udj document number: ds35244 rev. 3 - 2 1 of 4 www.diodes.com april 2012 ? diodes incorporated bas116udj advance information dual surface mount switching diode features ? ultra-small surface mount package (1.0 x 0.8mm) ? ultra-low profile package (0.45mm) ? ultra low leakage current (5na @ v r = 75v) ? low capacitance ? ideal for battery powered portable applications ? lead free by design/rohs compliant (note 1) ? halogen and antimony free "green" device (notes 2 & 3) mechanical data ? case: sot963 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram ? terminals: finish ? matte tin annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.003 grams (approximate) ordering information (note 4) part number case packaging BAS116UDJ-7 sot963 10,000/tape & reel notes: 1. fully eu directive 2002/9 5/ec (rohs) & 2011/65/eu (rohs 2) compliant. no purposely added lead. 2. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm to tal br + cl) and <1000ppm antimony compounds. 3. diodes inc.'s "green" policy can be found on our website at http://www.diodes.com. 4. for packaging details, go to our website at http://www.diodes.com. marking information 7k = product type marking code top view internal schematic 7k a1 nc k2 a2 k1 nc d2 d1 sot963
bas116udj document number: ds35244 rev. 3 - 2 2 of 4 www.diodes.com april 2012 ? diodes incorporated bas116udj advance information maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 85 v rms reverse voltage v r ( rms ) 60 v forward continuous current (note 5) i fm 215 ma repetitive peak forward current i frm 500 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0ms @ t = 1.0s i fsm 4.0 1.0 0.5 a thermal characteristics characteristic symbol value unit power dissipation (note 5) p d 250 mw thermal resistance junction to ambient air (note 5) r ja 500 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 6) v ( br ) r 85 ? ? v i r = 100 a forward voltage v f ? ? 0.95 1.05 1.15 1.35 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma leakage current (note 6) i r ? 0.9 16 5.0 500 na na v r = 75v v r = 75v, t j = 150 c total capacitance c t ? 2 ? pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 0.12 3.0 s i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 5. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com . 6. short duration pulse test used to minimize self-heating effect.
bas116udj document number: ds35244 rev. 3 - 2 3 of 4 www.diodes.com april 2012 ? diodes incorporated bas116udj advance information 0 50 100 25 50 75 100 125 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature (c) fig. 1 power dissipation vs. ambient temperature a 150 200 250 300 0 note 5 0.001 0.01 0.1 1 10 100 1,000 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 i, ins t an t ane o u s f o r wa r d c u r r en t (ma) f fig. 2 typical forward characteristics - per element v , instantaneous forward voltage (v) f t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a 0102030405060708090100 fig. 3 typical reverse characteristics - per element v , instantaneous reverse voltage (v) r 0.01 0.1 1 10 100 i , ins t an t ane o u s r eve r se c u r r en t (na) r t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a 0 5 10 15 20 25 30 35 40 fig. 4 typical total capacitance vs. reverse voltage - per element v , dc reverse voltage (v) r 0.25 0.75 1.25 1.75 0.50 1.00 1.50 2.00 0 c , t o t al c a p a c i t a n c e (p f ) t f = 1mhz package outline dimensions sot963 dim min max typ a 0.40 0.50 0.45 a1 0 0.05 - c 0.120 0.180 0.150 d 0.95 1.05 1.00 e 0.95 1.05 1.00 e1 0.75 0.85 0.80 l 0.05 0.15 0.10 b 0.10 0.20 0.15 e 0.35 typ e1 0.70 typ all dimensions in mm l c e d e1 e e1 b (6 places) a a1
bas116udj document number: ds35244 rev. 3 - 2 4 of 4 www.diodes.com april 2012 ? diodes incorporated bas116udj advance information suggested pad layout important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com dimensions value (in mm) c 0.350 x 0.200 y 0.200 y1 1.100 y1 y (6x) c c x (6x)


▲Up To Search▲   

 
Price & Availability of BAS116UDJ-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X