Part Number Hot Search : 
DMBTA64 1N4002 TDA8010 IL78L05 GBJ6B TDA8010 MPF102RL TX1N5
Product Description
Full Text Search
 

To Download B66359A1013T001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  etd accessories series/type: etd 29/16/10 the following products presented in this data sheet are being withdrawn. ordering code substitute product date of withdrawal deadline last orders last shipments b66359a2000x000 b66359s2000x000 2009-12-04 2010-03-31 2010-05-31 for further information please contact your nearest epcos sales office, which will also support you in selecting a suitable substitute. the addresses of our worldwide sales network are presented at www.epcos.com/sales.
2 09/06 please read cautions and warnings and important notes at the end of this document. to iec 61185 for smps transformers with optimum weight/performance ratio at small volume delivery mode: single units magnetic characteristics (per set) l / a = 0.93 mm ?1 l e = 70.4 mm a e = 76.0 mm 2 a min = 71.0 mm 2 v e = 5350 mm 3 approx. weight 28 g/set ungapped gapped the a l value in the table applies to a core set comprising one ungapped core (dimension g = 0) and one gapped core (dimension g > 0). material a l value nh e p v w/set ordering code n27 2000 +30/?20% 1470 < 1.04 (200 mt, 25 khz, 100 c) b66358g0000x127 n87 2200 +30/?20% 1610 < 2.80 (200 mt, 100 khz, 100 c) b66358g0000x187 n97 2250 +30/?20% 1670 < 2.40 (200 mt, 100 khz, 100 c) b66358g0000x197 material g mm a l value approx. nh e ordering code ** = 27 (n27) ** = 87 (n87) n27, 0.10 0.02 621 457 b66358g0100x1** n87 0.20 0.02 383 281 b66358g0200x1** 0.50 0.05 201 148 b66358g0500x1** 1.00 0.05 124 91 b66358g1000x1** fek0044-8 g 16 0,4 _ 10,7+0,6 _ 9,8 0,6 22+1,4 30,6 1,6 _ 9,8 0,6 _ b66358 etd 29/16/10 through etd 59/31/22 core etd 29/16/10
3 09/06 please read cautions and warnings and important notes at the end of this document. calculation factors (for formulas, see ?e cores: general information? ) validity range: k1, k2: 0.10 mm < s < 2.00 mm k3, k4: 70 nh < a l < 680 nh material relationship between air gap ? a l value calculation of saturation current k1 (25 c) k2 (25 c) k3 (25 c) k4 (25 c) k3 (100 c) k4 (100 c) n27 124 ?0.7 195 ?0.847 181 ?0.865 n87 124 ?0.7 192 ?0.796 176 ?0.873 b66358 core etd 29/16/10
4 12 / 0 8 please read cautions and warnings and important notes at the end of this document. coil former (magnetic axis horizontal) material: gfr polyterephthalate, ul 94 v-0, insulation class to iec 60085: b66359a/b: f max. operating temperature 155 c, color code black valox 420-se0 ? [ e45329 (m) ] , ge plastics b v b66359w: h max. operating temperature 180 c, color code black rynite fr 530 ? [ e41938 (m) ] , e i dupont de nemours & co inc solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235 c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 c, 3.5 s winding: see data book 2007, chapter ?processing notes, 2.1? squared pins. yoke material: stainless spring steel (0.4 mm) 1) molded-in pins coil former yoke coil former ordering code sections a n mm 2 l n mm a r value ? pins 1 97 52.8 18.7 13 B66359A1013T001 1) b66359b1013t001 b66359w1013t001 yoke (ordering code per piec e, 2 are required) b66359a2000x000 fek0326-u-e view in mounting direction hole arrangement 10 min. 35.3 max. 21.5 min. 11.8 max. 25 max. 0.53.5 _ 19.4 min. 35.2 max. 21.2 max. 0.7 pin 1 marking 6 x 5.08 = 30.48 25.40.05 ?1.6+0.15 b66359 accessories etd 29/16/10
5 12 / 0 8 please read cautions and warnings and important notes at the end of this document. coil former (magnetic axis vertical) material: gfr polyterephthalate (ul 94 v-0, insulation class to iec 60085: h max. operating temperature 180 c), color code black rynite fr 530 ? [ e41938 (m) ] , e i dupont de nemours & co inc solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235 c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 c, 3.5 s winding: see data book 2007, chapter ?processing notes, 2.1? squared pins. yoke material: stainless spring steel (0.4 mm) coil former yoke coil former ordering code sections a n mm 2 l n mm a r value ? pins 1 97 52.8 18.7 14 b66359x1014t001 yoke (ordering code per piec e, 2 are required) b66359a2000x000 fek0466-u-e 10 min. 21.5 min. 1 13 24 max. 14 2 10+0.2 pin 1 marking 0.11 _ 1 _ 0.1 3.60.2 6 x 5.08 = 30.48 20.32 ?1.6+0.15 3.2 _ 0.2 0.7 21.2 max. 39.75 max. ?11.8 max. 35.2 max. hole arrangement view in mounting direction b66359 accessories etd 29/16/10
6 09/06 ferrites and accessories cautions and warnings mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. since ferrites are ceramic materials one has to be aware of the special behavior under mechanical load. as valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially high cooling rates under ultrasonic cleaning and high static or cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see data book 2007, chapter ?general ? definitions, 8.1?. effects of core combination on a l value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower is the value for the initial permeability. thus the embedding medium should have the greatest possible elasticity. for detailed information see data book 2007, chapter ?general ? definitions, 8.2?. heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can change irreversible in high magnetic fields. processing notes ? the start of the winding process should be soft. else the flanges may be destroid. ? to strong winding forces may blast the flanges or squeeze the tube that the cores can no more be mount. ? to long soldering time at high temperature (>300 c) may effect coplanarity or pin arrangement. ? not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of pollution wi th sn oxyd of the tin bath or burned insulation of the wire. for detailed information see data book 2007, chapter ?processing notes, 2.2?. ? the dimensions of the hole arrangement have fixed values and should be understood as a recommendation for drilling the printed circuit board. for dimensioning the pins, the group of holes can only be seen under certain conditions, as they fit into the given hole arrangement. to avoid problems when mounting the transformer, the manufacturing tolerances for positioning the customers? drilling process must be considered by increasing the hole diameter.
7 12 / 0 8 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the s uitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our produc ts in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our produc ts for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must ther efore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or dam age is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products de scribed in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they a re classed as haz ardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products desc ribed in this publication may cha nge fr om time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the r ight t o discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ge neral terms of delivery for products and services in the e lectrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, cssp, ctvs, dssp, miniblue, mkk, mlsc, motorcap, pcc, phasecap, phasemod, sife rrit, sifi, sikorel, silvercap, simdad, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B66359A1013T001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X