Part Number Hot Search : 
S29GL256 T520C GRM31MR 74HCT08N SD1411 EPA3372S 12003 FSL234R
Product Description
Full Text Search
 

To Download ABM7-15999MHZ-18-R060-D-4-G-F-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  table 1 | | | | | | | | | | | | | | | abm7 applications: ? computers, modems, communication equipment ? thin equipment features: ? low in height (1.3 mm max.) ? ceramic package assures high reliability ? small size smd, suitable for high density applications ? superior heat-resistant glass sealing 6 . 0 x 3 . 3 x 1 . 3m m ceramic smd micro miniature abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified standard specifications: 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 10.21.08 visit www.abracon.com for terms & conditions of sale options and part identification (left blank if standard) : microprocessor crystal (*) frequency above 40mhz based on availability. please contact abracon esr ( ? ? ) 60 50 frequency (mhz) 10.000 - 15.999 16.000 - 50.000 e 0c ~ +70c blan k bulk b -20c ~ +70c t tape & reel c -30c ~ +70c n -30c ~ +85c d -40c ~ +85c j(***) -40c to +105c f fund. at>=33mhz k(***) -40c to +125c fb fund bt* l(***) -55c to +125c u 10 ppm 1 10 ppm (* ) g 15 ppm 7 15 ppm (** ) x 20 ppm m p p 5 2 w m p p 0 2 2 c o 5 8 + o t c o 0 4 - r o f m p p 0 3 y m p p 5 2 3 y l n o m p p 0 0 1 ) * * * ( 4 30 pp m h 35 ppm q 100 ppm packaging operating temp. (*) -10oc to +60oc only. (**) contact abracon availability freq. tolerance abm7 - frequency - - r - - - - - frequency xx.xxxx mhz esr rxxx (value in ) freq. stability please specify cl in pf or s for series load capacitance mode rohs compliant pb in glass (e x empt per rohs 2002/95/ec annex (5)) frequency t olerance at +25c frequency stability over the o p erating temp. (ref to +25c) p arameters 10.00 mhz - 50.00 mhz (*) fundamental at -10c to + 60c (see options) 50 ppm max. (see options) frequency range abracon p/n abm7 series operation mode operating t emperature storage t emperature - 40c to + 85c 50 ppm max. (see options) equivalent series resistance shunt capacitance c 0 load capacitance c l drive level aging at 25c first y ear insulation resistance see t able 1 18pf (see options) 100 w max., 10 w typical 500 mohms min. with 100vdc 7pf max. 5ppm max. ? industrial wide temperature applications ? wide operating temperature available
| | | | | | | | | | | | | | | abm7 6 . 0 x 3 . 3 x 1 . 3m m ceramic smd micro miniature abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 10.21.08 visit www.abracon.com for terms & conditions of sale microprocessor crystal rohs compliant pb in glass (e x empt per rohs 2002/95/ec annex (5)) dimensions: mm tape & reel: tape and reel 1,000pcs/reel dimensions: inch (mm) outline drawing:


▲Up To Search▲   

 
Price & Availability of ABM7-15999MHZ-18-R060-D-4-G-F-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X