Part Number Hot Search : 
BCR133L3 SRL1060 87C405AM PB114024 MALS068X OZ812 SC146 TC4584BF
Product Description
Full Text Search
 

To Download 896-30-004-90-000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miscellaneous connectors universal serial bus sockets www.mill-max.com   516-922-6000 90 series 896, 897 features ? usb receptacles for thru-hole & surface mount. ? plug retention tabs. ? kinked locating legs for secure pcb retention. ? fully compatible with usb 1.0 specification. ? passes 16mhz signal attentuation per astm-d-4566. ? packaged in trays, 150 pieces per tray. ordering information figure 1: type a receptacle, single, surface mount 896-30-004-00-000000 figure 2: type a receptacle, single, thru hole 896-30-004-90-000000 figure 3: type a receptacle, double, thru hole 896-30-008-90-000000 figure 4: type b receptacle, single,thru hole 897-30-004-90-000000 specifications materials: shell & contact material: copper alloy shell finish: tin/lead over copper contact finish: 30 ? selective gold, tin/lead tail housing material: glass filled thermoplastic rated ul94v-0 ratings: voltage: 30vac (rms) current: 1a max. per contact for 30c temperature rise thru-hole housings rated at 130c for wave soldering smt housing rated at 240c for reflow soldering electrical: contact resistance: 30m max. insulation resistance: 1000m min. dielectric withstanding voltage: 750vac at sea level capacitance: 2pf max. mechanical: random vibration: no discontinuity >1 s per eia 364-28, cond. v, letter a physical shock: no discontinuity >1 s per eia 364-27, condition h durability: 1500 cycles min. per eia 364-09 mating force: 35 newtons max. per eia 364-13 unmating force: 10 newtons min. per eia 364-13 environmental: thermal shock per eia 364-32, condition i humidity per eia 364-31, method ii, condition a temperature life per eia 364-17, condition 3, method a .551 .516 .225 .280 .146 .275 .010 .405 .202 .098 .276 .079 .492 .044 typ. (4x) .079 .517 .121 .083 ?.091.003 (2 plc) .098 .113 .079 ?.036.003 (4 plc) .492 .202 .517 .121 .107 .225 .280 ?.091.003 (2 plc) .098 .551 .516 .275 .112 .146 .405 .276 .098 .079 .516 .571 .668 .610 .560 .615 .405 .146 .115 .098 .079 .276 .492 .202 .202 .536 ?.036.003 (8 plc) ?.091.003 (4 plc) .121 .276 .517 .224 .210 .107 .098 .079 ?.091.003 (2 plc) ?.036.003 (4 plc) .474 .630 .418 .015 .405 .115 .146 .098 .306 .333 .188 .474 .098 .107 .185 fig. 1 fig. 2 fig. 3 fig. 4
miscellaneous connectors universal serial bus sockets www.mill-max.com   516-922-6000 90.1 series 896, 897 features ? usb receptacles for thru-hole & surface mount. ? plug retention tabs. ? kinked locating legs for secure pcb retention. ? fully compatible with usb 1.0 & 2.0 specifications. ? passes 16mhz signal attentuation per astm-d-4566. ? packaged in trays, 150 pieces per tray. ordering information figure 1: type a receptacle, single, surface mount 896- 43 -004-00-000000 figure 2: type a receptacle, single, thru hole 896- 43 -004-90-000000 figure 3: type a receptacle, double, thru hole 896- 43 -008-90-000000 figure 4: type b receptacle, single,thru hole 897- 43 -004-90-000000 specifications materials: shell & contact material: copper alloy shell finish: tin over copper contact finish: 30 ? selective gold, tin/copper tail housing material: high temp. thermoplastic rated ul94v-0 ratings: voltage: 30vac (rms) current: 1a max. per contact for 30c temperature rise all housing materials rated for ?lead-free? soldering up to 260oc electrical: contact resistance: 30m max. insulation resistance: 1000m min. dielectric withstanding voltage: 750vac at sea level capacitance: 2pf max. mechanical: random vibration: no discontinuity >1 s per eia 364-28, cond. v, letter a physical shock: no discontinuity >1 s per eia 364-27, condition h durability: 1500 cycles min. per eia 364-09 mating force: 35 newtons max. per eia 364-13 unmating force: 10 newtons min. per eia 364-13 environmental: thermal shock per eia 364-32, condition i humidity per eia 364-31, method ii, condition a temperature life per eia 364-17, condition 3, method a .551 .516 .225 .280 .146 .275 .010 .405 .202 .098 .276 .079 .492 .044 typ. (4x) .079 .517 .121 .083 ?.091.003 (2 plc) .098 .113 .079 ?.036.003 (4 plc) .492 .202 .517 .121 .107 .225 .280 ?.091.003 (2 plc) .098 .551 .516 .275 .112 .146 .405 .276 .098 .079 .516 .571 .668 .610 .560 .615 .405 .146 .115 .098 .079 .276 .492 .202 .202 .536 ?.036.003 (8 plc) ?.091.003 (4 plc) .121 .276 .517 .224 .210 .107 .098 .079 ?.091.003 (2 plc) ?.036.003 (4 plc) .474 .630 .418 .015 .405 .115 .146 .098 .306 .333 .188 .474 .098 .107 .185 fig. 1 fig. 2 fig. 3 fig. 4 2o(3 %#


▲Up To Search▲   

 
Price & Availability of 896-30-004-90-000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X