Part Number Hot Search : 
BD2425 AP450 P172ABCS EMK12G M52325AP P80N03 ST3384E C2000
Product Description
Full Text Search
 

To Download 3314J-2-502E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 1 2 2 3 1 2 3 1 2 1 3 1.0 (.040) 3 plcs. 0.8 0.1 (.031 .004) 2 plcs. 2.35 (.093) 2.3 (.091) 1.3 (.051) 2 plcs. 2.0 (.079) 2.0 (.079) 3 plcs. 3314j-1 0.20 (.008) 4.50 (.177) 4.50 (.177) 2.55 (.100) typ. common dimensions - all pin styles: straight adj. slot 2.45 (.096) .51 (.020) .51 (.020) wide x x deep long common dimensions - all pin styles: straight adj. slot 2.45 (.096) .51 (.020) .51 (.020) wide x x deep long common dimensions - all pin styles: cross adj. slot 2.41 (.095) .51 (.020) .51 (.020) wide x x deep long common dimensions - all pin styles: cross adj. slot 2.41 (.095) .51 (.020) .51 (.020) wide x x deep long 4.00 (.157) 5.00 (.197) 5.00 (.197) 1.30 0.1 (.051 .004) 2 3 1 4.50 (.177) 3 1 2 2.55 (.100) 6.20 (.244) 5.00 (.197) 1.30 0.1 (.051 .004) 0.8 0.1 (.031 .004) 2.35 (.093) 2.3 (.091) 1.3 (.051) 5.5 (.217) 2.0 (.079) 3314g-1 0.20 (.008) 0.6 (.024) 5 max. typ. 4.50 (.177) typ. typ. 2 plcs. 2 plcs. 1.3 (.051) 3 plcs. recommended pcb layout recommended pcb layout 3314j-1, g-1, r-1, h-1 (bourns marking, straight slot) 3314j-2, g-2, r-2, h-2 (bourns marking, cross slot) 3314j-4, g-4, r-4, h-4 (reverse marking, cross slot) 3314j-3, g-3, r-3, h-3 (reverse marking, straight slot) how to order 3314 j - 1 - 502 e model style standard or modi ed product indicator (styles j, g, r, h & s) -1 = single slot -2 = cross slot -3 = single slot w/reverse marking -4 = cross slot w/reverse marking product indicator (style z only) -ga4 = single slot -1 = cross slot -3 = single slot w/reverse marking -4 = cross slot w/reverse marking resistance code embossed tape designator** e = styles j, g and r: 500 pcs./7 ?reel styles s and z: 200 pcs./7 ?reel g = styles j and g: 3000 pcs./13 ?reel style r: 2500 pcs./13 ?reel styles s and z: 1000 pcs./13 ?reel **style h is available in tube packaging only. features surface mount / single turn / cermet industrial / sealed compatible with surface mount manufacturing processes compatible with popular vacuum pick-and-place equipment j-hook, gull-wing and pinned con gurations side adjust available meets eia/eiaj/ipc/veci smd standard trimmer designs rohs compliant* - see processing information on lead free surface mount trimmers for trimmer applications/processing guidelines, click here 3314 - 4 mm square trimpot ? trimming potentiometer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their speci c applications. electrical characteristics standard resistance range .....................10 ohms to 2 megohms (see standard resistance table) resistance tolerance ........... ?0 % std. (tighter tolerance available) end resistance ..... 1 % or 2 ohms max. (whichever is greater) contact resistance variation .................................... 3 % or 3 ohms resolution ................................... in nite insulation resistance ............... 500 vdc. 100 megohms min. dielectric strength sea level............... 500 vac (1 minute) adjustment angle ................. 210 ?nom. environmental characteristics power rating (300 volts max. for style g, j & h; 50 volts max. for style r) 70 ? .................................... 0.25 watt 125 ? ....................................... 0 watt temperature range ... -55 ? to +125 ? temperature coef cient ... ?00 ppm/? humidity ............................90-98 % rh, 10 cycles, 240 hours trs ? %; ir 10 megohms vibration .....20 g trs ? %; vrs ? % shock .......100 g trs ? %; vrs ? % load life ....(@ 70 ? rated power 1000 hours) trs ? % rotational life .......................100 cycles trs ? % thermal shock .........................5 cycles trs ? %; vrs ? % physical characteristics mechanical angle ................. 240 ?nom. torque .............................180 g-cm max. stop strength ..................300 g-cm min. pushover strength (s & z style) ................1.6 kilograms (3.5 lbs.) min. weight ............... approximately 0.01 oz. marking .................manufacturers code, resistance code and date code wiper ............... 50 % (actual tr) ?0 % flammability ..........................u.l. 94v-0 standard packaging j, g and r ................ 500 pcs./7 ?reel s and z ..................... 200 pcs./7 ?reel h ....................................100 pcs./tube adjustment tool ..............................h-90 product dimensions standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 2,000,000 205 tolerances: 0.25 except where noted (.010) dimensions: mm (inches) popular distribution values listed in boldface. special resistances available. *rohs compliant
speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their speci c applications. 3314 - 4 mm square trimpot ? trimming potentiometer product dimensions 3 1 2 0.20 (.008) 3314h-1 0.80 (.031) 6.30 (.248) 5.00 ?0.10 (.197 ?.004) 4.00 (.157) 4.50 (.177) 4.50 (.177) 2.55 (.100) 2.55 (.100) 2.55 (.100) typ. typ. 0.6 ?0.1 (.024 ?.004) 3 plcs. 5.00 (.197) 5.00 (.197) dia. typ. outside when pins are parallel 6.20 (.244) 5.00 (.197) 1.30 ?0.10 (.051 ?.004) 0.80 ?0.10 (.031 ?.004) 2 plcs. 2.35 (.092) 3314r-1 5.00 (.197) 4.50 (.177) 3 1 2 6.20 (.244) 0.20 (.008) 0.51 ?0.13 (.020 ?.005) typ. typ. r 0.13 (.005) 2.3 (.090) 1.3 (.051) 2 plcs. 5.5 (.216) 2.0 (.079) 1.3 (.051) 2 plcs. 3.2 (.126) thru. 0.51 ?0.13 (.020 ?.005) typ. max. typ. dia. 2.55 (.100) recommended pcb layout (j, g styles) tape 3.5 ?0.10 (.138 ?.004) 0.25 ?0.10 (.010 ?.004) 5.52 ?0.05 (.217 ?.002) 1.50 + 0.10/ - 0.00 (.059 + .004 - .00) dia. 4.00 ?0.10 (.157 ?.004) 2.00 ?0.05 (.079 ?.002) 1.75 ?0.10 (.068 ?.004) 12.00 ?0.30 (4.72 ?.012) 5.26 ?0.10 (.207 ?.004) 6.48 ?0.10 (.255 ?.004) 6 ??2 1.50 + 0.10/ - 0.00 (.059 + .004 - .000) dia. (r style) tape 177.8 ?2.03 (7.00 ?.080) 13.0 ?0.51 (.512 ?.020) dia. 1.50 (.059) 20.2 (.795) 18.4 (.724) 50.00 (1.969) 12.4 + 2.01/ -.000 (.488 + .079/ - .000) (measured at hub) reel 2.74 ?0.10 (.108 ?.004) .30 (.012) 5.50 ?0.5 (.217 ?.020) 4.00 ?0.10 (.157 ?.004) 2.00 ?0.05 (.079 ?.020) 8.00 ?0.20 (.315 ?.008) 1.75 ?0.10 (.069 ?.004) 12.00 ?0.30 (.472 ?.012) 5.26 ?0.10 (.207 ?.004) 5.26 ?0.10 (.207 ?.004) 6.45 ?0.10 (.254 ?.004) * embossed tape designator "e" ** embossed tape designator "g" (see how to order chart for further information.) meets eia specification 481. max. dia.* min. dia. min. max. (measured at hub) 330.2 ?2.0 (13.00 ?.079) dia.** (g) (j) equal spaced 3 plcs. min. 177.8 ?2.03 (7.00 ?.080) 13.0 ?0.51 (.512 ?.020) dia. 1.50 (.059) 20.2 (.795) 18.4 (.724) 50.00 (1.969) 12.4 + 2.01/ -.000 (.488 + .079/ - .000) (measured at hub) reel * embossed tape designator "e" ** embossed tape designator "g" (see how to order chart for further information.) meets eia specification 481. dia.* min. dia. min. max. (measured at hub) 330.2 ?2.0 (13.00 ?.079) dia.** equal spaced 3 plcs. min. 1.50 + 0.10/ - 0.00 (.059 + .004/ - .000) dia. 1.50 + 0.10/ - 0.00 (.059 + .004/ - .000) dia. packaging speci cations - j, g and r styles tolerances: 0.25 except where noted (.010) dimensions: mm (inches) 1 3 cw clockwise ccw 2 wiper
speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their speci c applications. 3314 - 4 mm square trimpot ? trimming potentiometer product dimensions rotor positioned as shown within 22 of centerline of terminal 2 orientation feature rotor positioned as shown within 22 of centerline of terminal 2 rotor positioned as shown within 22 of centerline of terminal 2 rotor positioned as shown within 22 of centerline of terminal 2 1 2 3 3314s-1 (bourns marking, straight slot) 3314s common dimensions 1.42 (.056) ref. 0.61 (.024) 5.01 (.197) 3.5 (0.138) 1.27 (0.05) 2.54 (0.10) 1.05 (0.041) 1.42 0.13 (0.056 0.005) 1.2 (0.047) 4.5 (0.177) 4.95 0.13 (0.193 0.005) 5.61 (0.221) 5.81 0.13 (0.229 0.005) 3.13 (0.123) 1.15 (0.045) 5.8 (.228) 1.75 (0.069) 1.75 (0.069) 1.6 (0.063) recommended pcb layout 1.15 (0.045) 1.2 (0.047) 1.1 (0.043) 1 2 3 3314s-2 (bourns marking, cross slot) 1 2 3 3314s-4 (reverse marking, cross slot) 1 2 3 3314s-3 (reverse marking, straight slot) (s style) 16.00 0.3 (.630 0.012) 1.5 + 0.1/-0.0 (0.59 +.004/-0.0) r typ. 0.5 (.020) dia. min. dia. 1.5 (.059) 12.00 ?0.10 (.472 ?.004) 7.50 0.10 (.295 .004) tape 1.75 ?0.10 (.069 ?.004) 5.5 (.217) 8.3 (.327) 0.50 0.05 (.020 .002) 0.50 (.020) 1.78 (0.70) 3.30 (0.130) 177.8 ?2.03 (7.00 ?.080) 13.0 ?0.51 (.512 ?.020) dia. 1.50 (.059) 20.2 (.795) 22.4 (.882) 50.00 (1.969) 16.4 + 2.0/ -.000 (.646 + .079/ - .000) (measured at hub) reel * embossed tape designator "e" ** embossed tape designator "g" (see how to order chart for further information.) meets eia specification 481. dia.* min. dia. min. max. (measured at hub) 330.2 ?2.0 (13.00 ?.079) dia.** equal spaced 3 plcs. min. 2.00 ?0.10 (.079 ?.004) 4.00 ?0.10 (.157 ?.004) 5.30 ?0.10 (.209 ?.004) 7.30 (.287) packaging speci cations tolerances: 0.30 except where noted (.012) dimensions: mm (inches) 1 3 cw clockwise ccw 2 wiper
speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci c applications. 3314 - 4 mm square trimpot ? trimming potentiometer product dimensions packaging speci cations rotor positioned as shown within 22 of centerline of terminal 2 rotor positioned as shown within 22 of centerline of terminal 2 1 2 3 2.54 (0.10) 1.27 (0.50) 1.19 (0.047) 1.29 (0.051) 0.61 (.024) 3.18 (.125) 5.01 (.197) 3.32 (0.131) 0.96 (.038) 5.56 (0.219) 2.54 (0.10) 1.3 (0.051) 3.48 (.137) 2.01 (.079) 2.01 (.079) 2.01 (.079) recommended pcb layout 0.26 (.010) 0.21 (.008) 5.76 (0.227) 3.08 (0.121) 3314z-1-(rc) e (cross slot) rotor positioned as shown within 22 of centerline of terminal 2 1 2 3 3314z-4-(rc) e (reverse marking, cross slot) 1 2 3 3314z-ga4-(rc) e (straight slot) rotor positioned as shown within 22 of centerline of terminal 2 1 2 3 3314z-3 (reverse marking, straight slot) 3314z common dimensions 16.00 (.630) 1.50 + 0.10/-0.0 (0.59 +.004/-.0) dia. min. dia. 1.50 (.059) 12.00 (.472) 7.5 (.295) tape 1.75 (.069) 2.00 ?0.10 (.079 ?.004) 5.50 ?0.10 (.217 ?.004) 5.50 ?0.10 (.217 ?.004) 4.00 ?0.10 (.157 ?.004) 5 ?max. max. 0.40 (.016) (z style) 177.8 ?2.03 (7.00 ?.080) 13.0 ?0.51 (.512 ?.020) dia. 1.50 (.059) 20.2 (.795) 22.4 (.882) 50.00 (1.969) 16.4 + 2.0/ -.000 (.646 + .079/ - .000) (measured at hub) reel * embossed tape designator "e" ** embossed tape designator "g" (see how to order chart for further information.) meets eia specification 481. dia.* min. dia. min. max. (measured at hub) 330.2 ?2.0 (13.00 ?.079) dia.** 5.59 ?0.10 (.220 ?.004) equal spaced 3 plcs. min. tolerances: 0.25 except where noted (.010) dimensions: mm (inches) 1 3 cw clockwise ccw 2 wiper rev. 05/13
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: bourns: ? 3314h-1-104? 3314h-1-101? 3314h-1-105? 3314h-1-102? 3314h-1-103? 3314j-1-754e? 3314h-1-504? 3314h-1-501? 3314h-1-500? 3314h-1-503? 3314h-1-502? 3314g-1-254e? 3314z-ga4-203e? 3314z-ga4-205e? 3314z-ga4-201e? 3314z-ga4-103e? 3314z-ga4-101e? 3314g-1-504e? 3314g-2-503e? 3314j-2-503g? 3314r-2-503g? 3314j-2-501e? 3314j-2-503e? 3314g-2-501e? 3314r-2-503e? 3314j-2-253e? 3314J-2-502E? 3314j-2-500e? 3314g-2-504e? 3314g-2- 502e? 3314j-2-504g? 3314g-2-500e? 3314j-2-504e? 3314j-1-223e? 3314g-1-504g? 3314j-1-504e? 3314r-1-502e? 3314z-1-502g? 3314j-1-502e? 3314j-1-502g? 3314z-1-502e? 3314j-1-500e? 3314j-1-504g? 3314z-1-504e? 3314g-1- 500e? 3314s-1-502e? 3314r-1-500e? 3314r-1-504e? 3314g-1-502e? 3314z-1-500e? 3314j-1-503e? 3314z-1-503g? 3314j-1-503g? 3314z-1-503e? 3314r-1-503e? 3314g-1-205e? 3314j-1-201g? 3314z-1-201e? 3314j-1-201e? 3314s-1- 201e? 3314r-1-201e? 3314z-1-205e? 3314g-1-201e? 3314g-1-201g? 3314j-1-205e? 3314j-1-104e? 3314g-1-100e? 3314s-1-104e? 3314j-1-100e? 3314r-1-104e? 3314j-1-104g? 3314z-1-104e? 3314g-1-104e? 3314g-1-104g? 3314z-1- 100e? 3314h-1-202? 3314h-1-204? 3314h-1-203? 3314h-1-201? 3314z-10-201e? 3314z-10-500e? 3314g-1-203g? 3314j-3-102e? 3314j-3-201e? 3314j-3-202e? 3314j-3-502e? 3314r-1-223e? 3314r-2-502e? 3314s-1-100e? 3314s-1- 105e? 3314s-1-200e? 3314s-1-204e? 3314s-1-205e? 3314s-1-254e? 3314s-1-500e? 3314s-1-504e? 3314s-2-100e? 3314s-2-101e? 3314s-2-102e? 3314s-2-103e


▲Up To Search▲   

 
Price & Availability of 3314J-2-502E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X