Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download 2SC5895 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC5895 d escription with to-220f package high speed switching low collector saturation voltage applications power supply for audio and visual equipments such as tvs and vcrs industrial equipments such as dc-dc converters pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 60 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 6 v i c collector current 2 a i cm collector current-peak 4 a t a =25 2 p c collector power dissipation t c =25 15 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC5895 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =2a; i b =0.25 a 0.5 v v (br)ceo collector-emitter breakdown voltage i c =10ma; i b =0 60 v i cbo collector cut-off current v cb =60v; i e =0 100 a i ceo collector cut-off current v ce =60v; i b =0 100 a h fe-1 dc current gain i c =0.2a ; v ce =4v 60 h fe-2 dc current gain i c =1a ; v ce =4v 80 250 h fe-3 dc current gain i c =2a ; v ce =4v 30 f t transition frequency i c =0.1a ; v cb =10v;f=10mhz 100 mhz switching times t on turn-on time 0.2 s t stg storage time 0.7 s t f fall time i c =1a;i b1 =-i b2 =0.1a v cc =50v 0.15 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC5895 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC5895

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X