Part Number Hot Search : 
3NK60 GL8U30 IU0503SA ELM97 SC3356 LME0315D BA3131FS MC33594
Product Description
Full Text Search
 

To Download 1N914A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n914 1N914A 1n914b page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com silicon epitaxial planar diode 1n914 1N914A 1n914b features z fast switching z small body mechanical data z case glass, do35, dimensions in inches and (millimeters) z leads solderable per mil-std-202, method 208 z polarity cathode indicated by color band z weight 0.13 grams ratings symbol 1n914 1N914A 1n914b units reverse voltage v r 75 v peak reverse voltage v rm 100 v rectified current (average) half wave rectification with resist load at t amb =25 oc and 50hz. i o 75 ma surge forward current at t < 1 s and t j =25 oc i fsm 500 ma power dissipation at t amb =25 oc p tot 500 mw junction temperature t j 200 oc storage temperature range t s - 55 to + 200 oc electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol min typ max units forward voltage at i f =10ma ( 1n914 ) forward voltage at i f =20ma ( 1N914A ) forward voltage at i f =100ma ( 1n914b ) v f - - 1 v leakage current at v r =20v at v r =75v at v r =20v t j =150 oc i r i r i r - - - - - - 25 5 50 na a a reverse breakdown voltage tested with 100 a pulses v r 100 - - v capacitance at v f =v r =0 c tot - - 4 pf voltage rise when switching on tested with 50ma forward pulses tp=0.1 s rise time 30ns f p =50 to 100 khz v fr - - 2.5 v reverse recovery time from i f =10ma to i r =1ma v r =6v r l =100 t rr - - 4 ns thermal resistance function to amblent air r tha - - 0.35 k / mw rectification efficiency at f=100 mhz v rf =2v n v 0.45 - - - 0.52 ? 27.5 min 1.9 ? ?
1n914 1N914A 1n914b page: 1 fig. 1-admissible repetitive peak forw ard current versus pulse duration a 100 5 4 3 2 10 5 4 3 2 1 5 4 3 2 0.1 10 -5 2 5 10 -4 2 5 10 -3 2 5 10 -2 2 5 10 -1 2 5 1 2 5 10 s tp i frm =0 0.1 0.2 0.5 =tp/t t=1/ fp tp i frm i t t fig. 4-admissible power dissipation versus ambient temperature valid provided that leads at a distance of 8mm from case are ke p t at ambient tem p erture mw 1000 900 800 700 600 500 400 300 200 100 0 ptot 0 100 200oc tamb tj=25 o c f=1khz fig. 5-relative capacitance versus reverse voltage 0 2 4 6 8 10 v r 1.1 1.0 0.9 0.8 0.7 ctot(v r ) ctot(0v) 10 -2 10 -1 1 10 10 2 ma i f 10 4 5 2 10 3 5 2 10 2 5 2 10 5 2 1 fig. 3-dynamic forward resistance versus forward curren t tj=25 o c f=1khz r f tj=100 o c fig. 2-forward characteristics 10 3 10 2 10 1 10 -1 10 -2 i f 0 1 2 v f tj=25 o c ma


▲Up To Search▲   

 
Price & Availability of 1N914A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X