|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
features ? & ' & ( ) ? * + ' ? & ma x i m u m rat i n gs ? , ) - ' ". . / . ? ) - ' ". . /. ? % ' - 0 1 # 2 3 4 5 ' - 6 e l e c t ri c al c h ara c t e r i s t i c s @ 2 5 c un l e s s o t h e rwi s e s p e c if i ed 0 7 8 ) 8 . 8 ( 0 7 8 ) 8 !.8 7 ) 0 9 + ' . 0 7 & + 9 : . ; < = #4 % ' 5 ' - ' - . ( $ + ') ' # 9 % ' ' $ + 8 ) 8 8 > 1 - > . ? % ' = 0 7 ' 0 + = * ( ) 8 ) 8 >. 8 - > . - @ 5 ' j 4.0pf ' + ; < 8 > # 8 0 7 0 7 @ - - # > 8 >a8 0 > ? ? ' ' + = ' @ @ b dimensions omp onents 20736 marilla street chatsworth ! " # $ % ! " # mcc revision: b 2012 /01/01 tm micro commercial components marking : cathode band and type number www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? moisture sensitivity level 1 note: 1. lead in glass exemption applied, see eu directive annex 7(c)-i. v e r s u s ! " # $ % & '%( ) * + , - ' . + + + v e r s u s ) / / * v e r s u s * / / 0 + # + + - ' 1- 1' 12 1 1 1- 1 1 1- 1' 1 1 1- 1' / ! .+ ++ 1 1 1- - - 1 1 1' / ' - 1- - 3 1n4454 mcc revision: b 2012 /01/01 tm micro commercial components www. mccsemi .com 2 of 4 - ! 2 4 " 4 " v e r s u s 5 6 & 0 + ' % ( 0 + 0 + ' ' 2 - - ' - 0 + ) # + + * ) , 4 5 v e r s u s . + - ' 5 - ' 2 1 1 1 - 1 ' - ' 3 - ' - 1n4454 mcc revision: b 2012 /01/01 tm micro commercial components www. mccsemi .com 3 of 4 www . mccsemi .com 3 of 4 mcc revision: b 2012 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 10 k p c s / r e e l p a r t n u m b e r- a p a m m o p a c k i n g : 5kpcs/ammobox p a r t n u m b e r - bp b u l k: 10 0 k p c s / c a r t o n *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : |
Price & Availability of 1N4454-TP |