|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 1/9 note: all the technical data and information contained herein are subject to change without prior notice. gaas sp3t switch mmic for 2.4ghz wireless communication ? applications typical applications are 2.4ghz wlan systems and bluetooth systems. ? features positive low control voltage ......+2.6v low insertion loss ......................il=0.5db typ. high isolation .............................iso=36db typ.@wlan rx - bt small / thin package ..................8 pin leadless package (2mm x 2mm x 0.55mm, rohs compliant) msl .............................................3 ? absolute maximum ratings symbol parameter conditions rating unit v ctl(h) control voltage (high) ta = 25c 5.5 v v ctl(l) control voltage (low) ta = 25c 0 v pin rf input power (wlan tx) ta = 25c 2.6 ? v ctl(h) -v ctl(l) ? 5.5v 30 dbm rf input power (bt, wlan rx) 25 dbm top operating temperature - -40 to +85 ? c tstg storage temperature - -55 to +150 ? c ? electrical specifications (ta=25c, v ctl(h) =2.6v, v ctl(l) =0v) symbol parameter conditions min. typ. max. unit v ctl control voltage - 2.6 - - v i ctl control current either state - 0.1 50 ? a f 0 operation frequency - 2.4 - 2.5 ghz il insertion loss ant - wlan rx - 0.5 0.8 db ant - wlan tx - 0.5 0.8 db ant - bt - 0.5 0.8 db iso isolation ant - wlan rx 21 25 - db ant - wlan tx 19 23 - db wlan rx ? bt(rx mode) 31 36 db wlan rx ? bt(bt mode) 21 25 - db p in0.5db input power for 0.5db compression wlan tx - ant 29 31 - dbm
preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 2/9 note: all the technical data and information contained herein are subject to change without prior notice. ? package outline and pin connections ? block diagram top view ant ctl1 rf gnd wlan tx ctl2 ctl3 bt wlan rx 2pf preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 3/9 note: all the technical data and information contained herein are subject to change without prior notice. ? land pattern preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 4/9 note: all the technical data and information contained herein are subject to change without prior notice. ? evaluation board parts list substrate part no. products value material : fr4 ( ? r =4.4) size : 30mm ? 30mm thickness : 0.2mm c1 - c4 grm155 (murata) 47pf c5 - c7 100pf c8 2pf ? truth table path ctl1 ctl2 ctl3 ant - wlan r x h* l* l* ant - wlan t x l* h* l* ant - bt l* l* h* * : h .....2.6v l......0v preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 5/9 note: all the technical data and information contained herein are subject to change without prior notice. ? typical performance data (on evaluation board, fixture?s loss de-embedded) fig.1 ant-wlan rx on-mode fig.2 ant-wlan tx on-mode -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0.0 2.2 2.3 2.4 2.5 2.6 2.7 frequency (ghz) i n s e r t i o n l o s s ( d b ) -40 -35 -30 -25 -20 -15 -10 -5 0 i s o l a t i o n ( d b ) il(ant-wlan rx) iso(wlan rx-bt) iso(ant-wlan tx) -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0.0 2.2 2.3 2.4 2.5 2.6 2.7 frequency (ghz) i n s e r t i o n l o s s ( d b ) -40 -35 -30 -25 -20 -15 -10 -5 0 i s o l a t i o n ( d b ) il(ant-wlan tx) iso(wlan tx-bt) iso(wlan tx-rx) preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 6/9 note: all the technical data and information contained herein are subject to change without prior notice. ? typical performance data (on evaluation board, fixture?s loss de-embedded) fig.3 ant-bt on-mode -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0.0 2.2 2.3 2.4 2.5 2.6 2.7 frequency (ghz) i n s e r t i o n l o s s ( d b ) -40 -35 -30 -25 -20 -15 -10 -5 0 i s o l a t i o n ( d b ) il(ant-bt) iso(bt-wlan tx) iso(bt-wlan rx) iso(ant-wlan rx) preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 7/9 note: all the technical data and information contained herein are subject to change without prior notice. ? taping specification tape dimensions reel dimension preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 8/9 note: all the technical data and information contained herein are subject to change without prior notice. leader and trailer dimensions symbol items ratings (mm) a trailer 160 ~ b leader with empty cavities 100 ~ c leader 400 ~ device dimensions packing unit 2000pcs / reel a devices c b preliminary data sheet XM2400SN-AL0901 ver. 5.00 murata mfg. co., ltd. / jul 12, 2010 9/9 note: all the technical data and information contained herein are subject to change without prior notice. ! caution -limitation of applications- the product is designed and manufactured for consumer application only and is not available for any application listed below which requires especially high reliability for the prevention of such defect as may directly cause damage to the third party's life, body or property. ? aircraft equipment. ? aerospace equipment. ? undersea equipment. ? medical equipment. ? transportation equipment (vehicles, trains, ships, etc.). ? traffic signal equipment. ? disaster prevention / crime prevention equipment. ? application of similar complexity and/ or reliability requirements to the applications listed in the above. |
Price & Availability of XM2400SN-AL0901 |