document number: 84724 for tec hnical questions, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 26-apr-11 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 1 form a solid state relay vo1400aeftr vishay semiconductors description the vo1400aeftr is an optically isolated 1 form a solid-state relay in a surf ace mount 4 pin sop package. features ?maximum r on 5 ? ? load voltage 60 v ? load current 100 ma ? isolation test voltage 1500 v rms ? small 4 pin sop package ? clean bounce free switching ? ttl/cmos compatible input ? high reliability hybrid receptor ? available on tape and reel ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96ec applications ? security systems ? instrumentation ? industrial controls note ? iec 60747-5-2 (vde 0884) capable , consult sales representative for details notes ? stresses in excess of the absolute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mounted devices. for handing electrostatic sensitive observe precaution attention devices (esd) 20050 1 2 a k 4 3 s s 1 ss ' i179066 agency approvals ul: file no. e300068 system code k cul : file no. e300068 ordering information vo1400aeft# part number electrical variation package config. tape and reel package ul, cul sop-4, tape and reel vo1400aeftr sop-4, tape and reel (produ ct rotated in tape) VO1400AEFT2 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input led continous forward current i f 50 ma led reverse voltage v r 5v output dc or peak ac load voltage v l 60 v load current ac peak i l 100 ma peak load current t = 10 ms i lpk 350 ma ssr total power dissipation p diss 400 mw ambient temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 125 c soldering temperature (1) t ? 10 s max. t sld 260 c isolation test voltage t = 1 s v iso 1500 v rms s op
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 84724 2 rev. 1.5, 26-apr-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vo1400aeftr vishay semiconductors 1 form a solid state relay absolute maximum rating curve fig. 1 - i load vs. temperature note ? the thermal model is represented in the th ermal network below. each resistance value given in this model ca n be used to calcul ate the temperatures at each node for a given operating condition. the thermal resistance from board to ambient will be dependent on th e type of pcb, layout and thickness of copper traces. for a detailed explanation of the thermal model, please reference vishay ' s thermal characteristics of optocouplers application note. 100 80 60 40 20 0 50 0 - 40 - 10 25 100 85 temperature (c) i load (ma) 19866 120 thermal characteristics parameter symbol value unit led power dissipation p diss 60 mw output power dissipation p diss 50 mw total power dissipation p tot 110 mw maximum led juncti on temperature t jmax. 125 c maximum output die j unction temperature t jmax. 125 c thermal resistance, junc tion emitter to board ? jeb 114 c/w thermal resistance, junc tion emitter to case ? jec 99 c/w thermal resistance, junction detector to board ? jdb 60 c/w thermal resistance, junction detector to case ? jdc 80 c/w thermal resistance, j unction emitter to junction detector ? jed 115 c/w thermal resistance, case to ambient ? ca 2396 c/w t a ca t c t jd t je t b ec eb dc db ba de t a 19996 package
document number: 84724 for tec hnical questions, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 26-apr-11 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vo1400aeftr 1 form a solid state relay vishay semiconductors note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluations. typical values are for information only and are not part of the testing requirements. electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input led forward current, switch turn-on i l = 100 ma, v l ? 0.5 v, t = 10 ms i fon 0.313.2ma led forward current, switch turn-off v l = 60 v i foff 100 150 a led reverse current v r = 5 v i r 0.001 10 a led forward voltage i f = 5 ma v f 0.8 1.1 1.4 v led reverse voltage i r = 10 a v r 540 v output on-resistance i f = 10 ma, i l = 100 ma r on 2.3 5 ? off-state leakage current i f = 0 ma, v l = 60 v i leak 0.002 1 a switching characteristics parameter test condition symbol min. typ. max. unit turn-on time i f = 10 ma, v l = 20 v, i l = 100 ma t on 52 500 s turn-off time i f = 10 ma, v l = 20 v, i l = 100 ma t off 36 500 s 20991-1 input output 10 % 90 % output v l t on t off 1.25 ms
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 84724 4 rev. 1.5, 26-apr-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vo1400aeftr vishay semiconductors 1 form a solid state relay note ? this ssr is suitable for safe electrical insulation only within the safety ratings. compliance with the safety ratings shall be ensured by means of protective circuits. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 2 - typical led forward voltage vs. current fig. 3 - typical blocking voltage vs. temperature safety and insulation ratings parameter test condition symbol value unit climatic classificati on iec 68 part 1 40/85/21 pollution degree din vde 0109 2 tracking resistance (comparative tracking index) insulation group iiia cti 175 highest allowable overvoltage transient overvoltage v iotm 6000 v peak maximum working insulation voltage recurring peak voltage v iorm 707 v peak insulation resistance at 25 c v io = 500 v r is ? 10 12 ? insulation resistance at t s v io = 500 v r is ? 10 9 ? insulation resistance at 100 c v io = 500 v r is ? 10 11 ? partial discharge test voltage method a, v pd = v iorm x 1.875 v pd 1325 v peak isolation test voltage, 1 s v rms 1800 v rms safety limiting values - maximum values allowed in the event of a failure output power p so 400 mw input current i si 150 ma case temperature t si 165 c minimum external air gap (clearance distance) measured from input terminals to output terminals, shortest distance through air ? 5mm minimum external tracking (creepage distance) measured from input terminals to output terminals, shortest distance path along body ? 5mm led forward voltage (v) led forward current (ma) 50 40 30 20 10 0 1.5 1.2 0.9 0.6 0.3 0 - 40 c 25 c 85 c 19857 60 0 - 40 - 20 20 40 100 80 73 72 71 70 69 68 67 66 temperature (c) blocking voltage (v l ) 19859
document number: 84724 for tec hnical questions, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 26-apr-11 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vo1400aeftr 1 form a solid state relay vishay semiconductors fig. 4 - typical i f for switch operation vs. temperature (load current = 100 ma) fig. 5 - typical leakage vs. temperature (v l = 60 v) fig. 6 - typical on-resistance vs. temperature (load current = 100 ma) fig. 7 - typical turn-off vs. temperature (load current = 100 ma) fig. 8 - typical turn-on vs. led forward current (load current = 100 ma) fig. 9 - typical turn-off vs. led forward current (load current = 100 ma) 60 0 - 40 - 20 20 40 100 80 3.0 2.5 2.0 1.5 1.0 0.5 0.0 temperature (c) led current (ma) 19861 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0.000 60 0 - 40 - 20 20 40 100 80 temperature (c) leakage (a) 19858 6 5 4 3 2 1 60 0 - 40 - 20 20 40 100 80 temperature (c) on-resistance ( ) 19860 i f = 5 ma i f = 10 ma i f = 5 ma i f = 10 ma 0.10 0.08 0.06 0.04 0.02 0.00 60 0 - 40 - 20 20 40 100 80 temperature (c) turn-off (ms) 19862 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0.0 40 10 0203050 led forward current (ma) turn-on (ms) 19863 2.7 3.0 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 40 10 0203050 led forward current (ma) turn-on (ms) 19864
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 84724 6 rev. 1.5, 26-apr-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vo1400aeftr vishay semiconductors 1 form a solid state relay package dimensions in millimeters package marking note ? tape and reel suffix (tr) is not part of the package marking. esd caution this is an esd (elektro static discharge) sensitive device. electrostatic charges accumulate on the human body and test equipment and can discharge without detection, therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. esd withstand voltage of this device is up to 1500 v acc. to jesd22-a114-b. 19410 6.8 4.4 0.5 4.7 4.7 1.14 7.38 5.09 0.4 2.53 2.53 2.3 4.39 0.89 2.34 max. 43 12 21764-140 1400 v yww k 68 20055_1
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|