Part Number Hot Search : 
D5038 48SH1R25 51845 SS4464 MS16200 2SJ60 20N60BD1 89C51RC2
Product Description
Full Text Search
 

To Download VISHAYSILICONIX-SIR840DP-T1-GE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix sir844dp new product document number: 64810 s09-0875-rev. a, 18-may-09 www.vishay.com 1 n-channel 25-v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 definition ? trenchfet ? power mosfet ? new mosfet technology optimized for ringing reduction in switching applications ? 100 % r g tested ? 100 % uis tested ? compliant to rohs directive 2002/95/ec applications ? low-side mosfet - server, v core - dc/dc product summary v ds (v) r ds(on) ( ) i d (a) a q g (typ.) 25 0.0028 at v gs = 10 v 50 a, g 29.5 nc 0.0038 at v gs = 4.5 v 50 a, g ordering information: sir844dp-t1-ge3 (lead (pb)-free and halogen-free) 1 2 3 4 5 6 7 8 s s s g d d d d 6.15 mm 5.15 mm powerpak ? so-8 bottom view n-channel mosfet g d s notes: a. based on t c = 25 c. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. see solder profile ( www.vishay.com/ppg?73257 ). the powerpak so-8 is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the singulatio n process in manufacturing. a solder fill et at the exposed copper tip cannot be guara nteed and is not required to ensure adequate botto m side solder interconnection. e. rework conditions: manual soldering with a sol dering iron is not recommended for leadless components. f. maximum under steady state conditions is 70 c/w. g. package limited. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 25 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) t c = 25 c i d 50 a, g a t c = 70 c 50 g t a = 25 c 30 b, c t a = 70 c 24 b, c pulsed drain current i dm 70 continuous source-drain diode current t c = 25 c i s 50 g t a = 25 c 4.5 b, c single pulse avalanche current l = 0.1 mh i as 40 single pulse avalanche energy e as 80 mj maximum power dissipation t c = 25 c p d 50 w t c = 70 c 32 t a = 25 c 5.0 b, c t a = 70 c 3.2 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) d, e 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b, f t 10 s r thja 20 25 c/w maximum junction-to-case (drain) steady state r thjc 2.0 2.5
vishay siliconix sir844dp www.vishay.com 2 document number: 64810 s09-0875-rev. a, 18-may-09 new product notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 25 v v ds temperature coefficient v ds /t j i d = 250 a 20 mv/c v gs(th) temperature coefficient v gs(th) /t j - 5.6 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.0 2.6 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = 25 v, v gs = 0 v 1 a v ds = 25 v, v gs = 0 v, t j = 55 c 10 on-state drain current a i d(on) v ds 5 v, v gs = 10 v 30 a drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 15 a 0.0022 0.0028 v gs = 4.5 v, i d = 10 a 0.0030 0.0038 forward transconductance a g fs v ds = 10 v, i d = 15 a 50 s dynamic b input capacitance c iss v ds = 10 v, v gs = 0 v, f = 1 mhz 3215 pf output capacitance c oss 800 reverse transfer capacitance c rss 475 total gate charge q g v ds = 10 v, v gs = 10 v, i d = 10 a 60 90 nc v ds = 10 v, v gs = 4.5 v, i d = 10 a 29.5 44 gate-source charge q gs 7.8 gate-drain charge q gd 9.7 gate resistance r g f = 1 mhz 0.15 0.6 1.2 tu r n - o n d e l ay t i m e t d(on) v dd = 10 v, r l = 1 i d ? 10 a, v gen = 10 v, r g = 1 14 28 ns rise time t r 918 turn-off delay time t d(off) 33 60 fall time t f 816 tu r n - o n d e l ay t i m e t d(on) v dd = 10 v, r l = 1 i d ? 10 a, v gen = 4.5 v, r g = 1 30 55 rise time t r 21 40 turn-off delay time t d(off) 39 75 fall time t f 18 35 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 50 a pulse diode forward current a i sm 70 body diode voltage v sd i s = 3 a 0.73 1.1 v body diode reverse recovery time t rr i f = 10 a, di/dt = 100 a/s, t j = 25 c 25 50 ns body diode reverse recovery charge q rr 15 30 nc reverse recovery fall time t a 13 ns reverse recovery rise time t b 12
document number: 64810 s09-0875-rev. a, 18-may-09 www.vishay.com 3 vishay siliconix sir844dp new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current and gate voltage gate charge 0 14 2 8 42 56 70 0.0 0.5 1.0 1.5 2.0 2.5 v gs = 10 v thr u 4 v v gs =3 v v ds - drain-to-so u rce v oltage ( v ) - drain c u rrent (a) i d - on-resistance ( ) r ds(on) i d - drain c u rrent (a) 0.0015 0.0020 0.0025 0.0030 0.0035 0.0040 0 1224364 8 60 v gs =10 v v gs =4.5 v 0 2 4 6 8 10 01326395265 i d =10a v ds =15 v v ds =10 v v ds =5 v - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v gs transfer characteristics capacitance on-resistance vs. junction temperature 0 2 4 6 8 10 012345 t c = 25 c t c = 125 c t c = - 55 c v gs - gate-to-so u rce v oltage ( v ) - drain c u rrent (a) i d c rss 0 8 40 16 8 0 2520 3360 4200 0 5 10 15 20 25 c iss c oss v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) 0.6 0.9 1.2 1.5 1. 8 - 50 - 25 0 25 50 75 100 125 150 i d =15a v gs =4.5 v v gs =10 v t j -j u nction temperat u re (c) ( n ormalized) - on-resistance r ds(on)
vishay siliconix sir844dp www.vishay.com 4 document number: 64810 s09-0875-rev. a, 18-may-09 new product typical characteristics 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1 0.01 0.001 0.1 10 100 t j = 25 c t j = 150 c v sd -so u rce-to-drain v oltage ( v ) - so u rce c u rrent (a) i s - 0. 8 - 0.5 - 0.2 0.1 0.4 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a i d =5ma v ariance ( v ) v gs(th) t j - temperat u re (c) on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.000 0.005 0.010 0.015 0.020 0.025 01234567 8 910 t j =25 c t j = 125 c i d =15a - on-resistance ( ) r ds(on) v gs - gate-to-so u rce v oltage ( v ) 0 40 8 0 120 160 200 0 1 1 1 0 0 . 00.01 time (s) po w er ( w ) 0.1 safe operating area, junction-to-ambient 0.01 100 1 100 0.01 0.1 10 ms 1s 0.1 1 10 10 t a = 25 c single p u lse limited b yr ds(on) * 10 s b v dss limited 100 ms dc v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified - drain c u rrent (a) i d
document number: 64810 s09-0875-rev. a, 18-may-09 www.vishay.com 5 vishay siliconix sir844dp new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determine the current rating, when this rating falls below the package limit. current derating* 0 22 44 66 88 110 0 255075100125150 package limited t c - case temperat u re (c) i d - drain c u rrent (a) power, junction-to-case 0 12 24 36 4 8 60 0 25 50 75 100 125 150 t c - case temperat u re (c) po w er ( w ) power, junction-to-ambient 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 t a -am b ient temperat u re (c) po w er ( w )
vishay siliconix sir844dp www.vishay.com 6 document number: 64810 s09-0875-rev. a, 18-may-09 new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?64810 . normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 1000 10 -1 10 -4 100 0.2 0.1 s qu are w a v ep u lse d u ration (s) n ormalized effecti v e transient thermal impedance 1 0.1 0.01 t 1 t 2 n otes: p dm 1. d u ty cycle, d = 2. per unit base = r thja = 70 c/ w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. s u rface mo u nted d u ty cycle = 0.5 single p u lse 0.02 0.05 normalized thermal transient impedance, junction-to-case 1 0.1 0.01 d u ty cycle = 0.5 s qu are w a v ep u lse d u ration (s) n ormalized effecti v e transient thermal impedance 10 -3 10 -2 1 10 -1 10 -4 0.05 0.02 single p u lse 0.1 0.2
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VISHAYSILICONIX-SIR840DP-T1-GE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X