Part Number Hot Search : 
V56CH8 SL486 MPXQS22K E004997 4ACT1 LMK316B 1N4762A IRF953
Product Description
Full Text Search
 

To Download VISHAYBCCOMPONENTS-KP18302680644 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kp 1830 vishay roederstein ac and pulse film foil capacitors kp radial potted type www.vishay.com for technical ques tions, contact: dc-film@vishay.com document number: 26016 212 revision: 16-jan-09 dimensions in millimeters main applications oscillator, timing and lc/rc f ilter circuits, high frequency coupling of fast digital and analog ic?s. reference standards iec 60384-13 marking c-value; tolerance; rated volt age; sub-class; manufacturer?s type; code for dielectric material; manufacturer?s location; manufacturer?s logo; year and week dielectric polypropylene film electrodes aluminum foil construction mono construction rated dc voltages 63 v, 250 v, 630 v rated ac voltages 40 v, 160 v, 250 v features 5 mm lead pitch, supplied loose in box taped in ammopack or reel rohs compliant encapsulation plastic case, epoxy resin sealed, flame retardant ul-class 94 v-0 climatic testing class acc. to iec 60068-1 55/100/56 capacitance range 100 pf to 0.022 f capacitance tolerance 10 % , 5 %, 2.5 %, 2 %, 1 % leads tinned wire maximum aplication temperature 100 c detail specification for more detailed data and test requirements contact: dc-film@vishay.com w max. marking h max. 0.4 6.0 -1 l max. 0.5 pcm 5.0 0.4 ? 0.5
document number: 26016 for technical questions, contact: dc-film@vishay.com www.vishay.com revision: 16-jan-09 213 kp 1830 ac and pulse film foil capacitors kp radial potted type vishay roederstein composition of catalog number specific reference data kp 1830 2 10 63 4 g capacitance (numerically) example: 110 0.1 nf 100 pf 210 1.0 nf 1.0 nf 310 10 nf 10 nf multiplier (nf) 0.01 1 0.1 2 13 type construction voltage code 06 = 63 vdc 25 = 250 vdc 63 = 630 vdc packaging code bulk g ammo (h = 18.5) w reel (h = 18.5) tolerance code 1 1 % 2 2 % 3 2.5 % 4 5 % 5 10 % description value tangent of loss angle: at 1 khz at 10 khz at 100 khz at 1 mhz c 1000 pf - 5 x 10 -4 - 10 x 10 -4 1000 pf < c 5000 pf - 5 x 10 -4 10 x 10 -4 - 5000 pf < c 20 000 pf - 10 x 10 -4 15 x 10 -4 - 20 000 pf < c < 33 000 pf - 15 x 10 -4 25 x 10 -4 - pitch (mm) maximum pulse rise time (du/dt) r [v/s] 5 > 10 000 r between leads, for c 0.33 f at 100 v, 1 min > 500 000 m r between leads and case, 100 v, 1 min > 30 000 m w ithstanding (dc) voltage (cut off curr ent 10 ma), rise time 100 v/s 1.6 x u rdc, 1 min w ithstanding (dc) voltage between leads and case 2 x u rdc, 1 min maximum application temperature 100 c
kp 1830 vishay roederstein ac and pulse film foil capacitors kp radial potted type www.vishay.com for technical ques tions, contact: dc-film@vishay.com document number: 26016 214 revision: 16-jan-09 note further c-values upon request capacitance capacitance code voltage code 06 63 vdc/40 vac voltage code 25 250 vdc/160 vac voltage code 63 630 vdc/250 vac w h (mm) l (mm) w h (mm) l (mm) w h (mm) l (mm) 100 pf -110 ------4.56.07.2 110 pf -111 ------4.56.07.2 120 pf -112 ------4.56.07.2 130 pf -113 ------4.56.07.2 150 pf -115 ------4.56.07.2 160 pf -116 ------4.56.07.2 180 pf -118 ------4.56.07.2 200 pf -120 ------4.56.07.2 220 pf -122 ------4.56.07.2 240 pf -124 ------4.56.07.2 270 pf -127 ------4.56.07.2 300 pf -130 ------4.56.07.2 330 pf -133 ------4.56.07.2 360 pf -136 ------4.56.07.2 390 pf -139 ------4.56.07.2 430 pf -143 ------4.56.07.2 470 pf -147 ------4.56.07.2 510 pf -151 ------4.56.07.2 560 pf -156 ------4.56.07.2 620 pf -162 ------4.56.07.2 680 pf -168 ------4.56.07.2 750 pf -175 ------4.56.07.2 820 pf -185 ------4.56.07.2 910 pf -191 ------4.56.07.2 1000 pf -210 ------4.56.07.2 1100 pf -211 ------4.56.07.2 1200 pf -212 ------4.56.07.2 1300 pf -213 ------4.56.07.2 1500 pf -215 ------4.56.07.2 1600 pf -216 ------4.56.07.2 1800 pf -218 ------4.56.07.2 2000 pf -220 - - - 4.5 6.0 7.2 5.5 7.0 7.2 2200 pf -222 - - - 4.5 6.0 7.2 5.5 7.0 7.2 2400 pf -224 4.5 6.0 7.2 4.5 6.0 7.2 5.5 7.0 7.2 2700 pf -227 4.5 6.0 7.2 4.5 6.0 7.2 5.5 7.0 7.2 3000 pf -230 4.5 6.0 7.2 5.5 7.0 7.2 5.5 7.0 7.2 3300 pf -233 4.5 6.0 7.2 5.5 7.0 7.2 5.5 7.0 7.2 3600 pf -236 4.5 6.0 7.2 5.5 7.0 7.2 7.5 7.0 7.2 3900 pf -239 4.5 6.0 7.2 5.5 7.0 7.2 7.5 9.0 7.2 4300 pf -243 4.5 6.0 7.2 5.5 7.0 7.2 7.5 9.0 7.2 4700 pf -247 4.5 6.0 7.2 5.5 7.0 7.2 7.5 9.0 7.2 5100 pf -251 4.5 6.0 7.2 7.5 9.0 7.2 7.5 9.0 7.2 5600 pf -256 4.5 6.0 7.2 7.5 9.0 7.2 7.5 9.0 7.2 6200 pf -262 4.5 6.0 7.2 7.5 9.0 7.2 7.5 9.0 7.2 6800 pf -268 4.5 6.0 7.2 7.5 9.0 7.2 7.5 9.0 7.2 7500 pf -275 5.5 7.0 7.2 7.5 9.0 7.2 9.0 10.0 7.2 8200 pf -282 5.5 7.0 7.2 7.5 9.0 7.2 9.0 10.0 7.2 9100 pf -291 5.5 7.0 7.2 7.5 9.0 7.2 9.0 10.0 7.2 0.01 f -310 5.5 7.0 7.2 7.5 9.0 7.2 9.0 10.0 7.2 0.011 f -311 5.5 7.0 7.2 9.0 10.0 7.2 - - - 0.012 f -312 5.5 7.0 7.2 9.0 10.0 7.2 - - - 0.013 f -313 5.5 7.0 7.2 9.0 10.0 7.2 - - - 0.015 f -315 5.5 7.0 7.2 9.0 10.0 7.2 - - - 0.016 f -316 9.0 10.0 7.2 - ----- 0.018 f -318 9.010.07.2------ 0.020 f -320 9.010.07.2------ 0.022 f -322 7.59.07.2------
document number: 26016 for technical questions, contact: dc-film@vishay.com www.vishay.com revision: 16-jan-09 215 kp 1830 ac and pulse film foil capacitors kp radial potted type vishay roederstein recommended packaging note (1) s = box size 55 mm x 210 mm x 340 mm ( w x h x l) example of ordering code note for detailed tape specifications refer to ?packaging information? www.vishay.com/doc?28139 or end of catalog mounting normal use the capacitors are designed for mounting on printed-circuit boards. the capacitors packed in bandoliers are designed for mounting on printed-circuit boards by means of automatic insertion machines . for detailed tape specifications refer to ?packaging information? www.vishay.com/doc?28139 or end of catalog specific method of mounting of withstand vibration and shock in order to withstand vibration and shock tests, it must be ensured that the stand-off pips are in good contact with the printed-circuit board. ? for pitches 15 mm the capacitors shall be mechanically fixed by the leads ? for larger pitches the capacitors shall be mounted in the same way and the body clamped space requirements on printed-circuit board the maximum length and width of film capacitors is shown in the drawing: ? eccentricity as in drawing. the maximum eccentricity is smaller than or equal to the lead diameter of the product concerned ? product height with seating plane as given by ?iec 60717? as reference: h max. h + 0.4 mm or h max. h? + 0.4 mm storage temperature ? storage temperature: t stg = - 25 c to + 40 c with rh maximum 80 % without condensation ratings and characterist ics reference conditions unless otherwise specified, all electrical values apply to an ambi ent free temperature of 23 c 1 c, an atmospheric pressure of 86 kpa to 106 kpa and a relative humidity of 50 % 2 %. for reference testing, a conditioning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %. letter code type of packaging height (h) (mm) reel diameter (mm) ordering code example pitch 5 g ammo 18.5 s (1) kp 1830-310-065-g x w reel 18.5 350 kp 1830-310-065- w x - bulk - - kp 1830-310-065 x type capacitance code voltage code tolerance code packaging code kp 1830 210 63 1 g tolerance codes: 1 = 1 % (f); 2 = 2 % (g); 3 = 2.5 % (h); 4 = 5 % (j); 5 = 10 % (k) eccentricity i max. = i + 0.3 mm b max. = b + 0.3 mm
kp 1830 vishay roederstein ac and pulse film foil capacitors kp radial potted type www.vishay.com for technical ques tions, contact: dc-film@vishay.com document number: 26016 216 revision: 16-jan-09 characteristics capacitance as a function of ambient te mperature (typical curve) impedance as a function of frequency (typical curve) max. dc and ac voltage as a function of temper ature max. rms voltage as a function of frequency max. rms voltage as a function of frequenc y max. rms voltage as a function of frequency - 60 - 40 - 20 0 20 40 60 8 0 100 120 t am b (c) - 4 - 3 - 5 - 6 - 2 - 1 0 3 1 2 4 c/c ( % ) 2200 pf 6 8 0 pf 220 pf 10 1 0.1 0.01 1 10 100 1000 f (mhz) impedance v ers u s fre qu ency z = f (f) (lead length 2.0 mm) 4700 pf 100 pf z ( ) 0.033 f 0.001 f - 60 - 20 20 60 100 t am b (c) factor 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 f (hz) 10 3 10 2 10 4 10 5 ac v oltage ( v ) 10 2 10 1 3300 pf 6 8 00 p f 0.015 f t am b 100 c, 63 v dc f (hz) 10 3 10 2 10 4 10 5 10 6 ac v oltage ( v ) 10 3 10 1 10 2 t am b 100 c, 250 v dc 2200 pf 4700 pf 0.01 f f (hz) 10 3 10 2 10 4 10 5 10 6 10 7 ac v oltage ( v ) 10 3 10 1 10 2 100 pf 220 pf 470 pf 1000 pf t am b 100 c, 630 v dc
document number: 26016 for technical questions, contact: dc-film@vishay.com www.vishay.com revision: 16-jan-09 217 kp 1830 ac and pulse film foil capacitors kp radial potted type vishay roederstein heat conductivity (g) as a function of original pitch and capacitor body thickness in mw/c power dissipation and maximum component temperature rise the power dissipation must be limited in order not to exceed the maximum allowed component tem perature rise as a function of the free air ambient temperature. the power dissipation can be calculated according type detail specification ?hqn-384-01/101: technical information film capacitors? with the typi cal tgd of the curves. the component temperature rise ( t) can be measured (see section ?measuring the component temperature? for more details) or calculated by t = p/g: t = component temperature rise (c) ? p = power dissipation of the component (m w ) ? g = heat conductivity of the component (m w /c) measuring the component temperature a thermocouple must be attached to the capacitor body as in: the temperature is m easured in unloaded (t amb ) and maximum loaded condition (t c ). the temperature rise is given by t = t c - t amb . to avoid radiation or convection, the capacitor should be tested in a wind-free box. application note and limiting conditions to select the capacitor for a certain application, the following conditions must be checked: 1. the peak voltage (u p ) shall not be greater than the rated dc voltage (u rdc ) 2. the peak-to-peak voltage (u p-p ) shall not be greater than the maximum (u p-p ) to avoid the ionisation inception level 3. the maximum component surface temperature rise must be lower than the limits 4. the maximum application temperature must be lower than 105 c 5. there is no limit for the voltage pulse slope in the application w max. (mm) heat conductivity (mw/c) pitch 5 mm 4.5 3 5.5 4 7.5 6 9.0 7 thermoco u ple
kp 1830 vishay roederstein ac and pulse film foil capacitors kp radial potted type www.vishay.com for technical ques tions, contact: dc-film@vishay.com document number: 26016 218 revision: 16-jan-09 inspection requirements general notes: sub-clause numbers of tests and performanc e requirements refer to the ?sectional s pecification, publication iec 60384-13 and specific reference data?. group c inspection requirements sub-clause number and test conditions performance requirements sub-group c1a part of sample of sub-group c1 4.1 dimensions (detail) as specif ied in chapters ?general data? of this specification 4.3.1 initial measurements capacitance at 1 khz tangent of loss angle at 100 khz 4.3 robustness of terminations tensile: load 10 n; 10 s bending: load 5 n; 4 x 90 no visible damage 4.4 resistance to soldering heat no predrying method: 1a solder bath: 280 c 5 c duration: 5 s 4.14 component solvent resistance isopr opylalcohol at room temperature method: 2 immersion time: 5.0 min 0.5 min recovery time: min. 1 h, max. 2 h 4.4.2 final measurements visual examination no visible damage legible marking capacitance | c/c| 2 % of the value measured in 4.3.1 sub-group c1b part of sample of sub-group c1 4.6.1 initial measurements capacitance at 1 khz tangent of loss angle at 100 khz 4.14 solvent resistance of the marking isopropylalcohol at room temperature method: 1 rubbing material: cotton wool immersion time: 5.0 min 0.5 min no visible damage legible marking 4.6 rapid change of temperature a = - 55 c b = + 105 c 5 cycles duration t = 30 min 4.7 vibration visual examination mounting: see section ?mounting? of this specification procedure b4 frequency range: 10 hz to 55 hz amplitude: 0.75 mm or acceleration 98 m/s2 (whichever is less severe) total duration 6 h no visible damage
document number: 26016 for technical questions, contact: dc-film@vishay.com www.vishay.com revision: 16-jan-09 219 kp 1830 ac and pulse film foil capacitors kp radial potted type vishay roederstein 4.7.2 final inspection visual examination capacitance no visible damage | c/c| 2 % of the value measured in 4.6.1 tangent of loss angle as specified in section ?tangent of loss angle? of this specification 4.9 shock mounting: see section ?mounting? of this specification pulse shape: half sine acceleration: 490 m/s2 duration of pulse: 11 ms 4.9.3 final measurements visual examination no visible damage capacitance | c/c| 2 % of the value measured in 4.6.1. sub-group c1 combined sample of specimens of sub-groups c1a and c1b 4.10 climatic sequence 4.10.2 dry heat temperature: + 100 c duration: 16 h 4.10.3 damp heat cyclic test db, first cycle 4.10.4 cold temperature: - 55 c duration: 2 h 4.10.6 damp heat cyclic test db, remaining cycles recovery 1 h to 2 h 4.10.6.2 final measurements voltage proof = u rdc for 1 min within 15 min after removal from testchamber no breakdown of flash-over visual examination no visible damage legible marking capacitance | c/c| 2 % of the value measured in 4.10.2 tangent of loss angle as specified in section ?tangent of loss angle? of this specification or 1.4 times the value measured in 4.3.1 whichever is greater insulation resistance 50 % of values specified in section ?insulation resistance? of this specification sub-group c2 4.11 damp heat steady state 4.11.1 initial measurements capacitance at 1 khz tangent of loss angle at 1 khz voltage proof = u rdc for 1 min within 15 min after removal from testchamber no breakdown of flash-over 4.11.3 final measurements visual examination no visible damage legible marking capacitance | c/c| 1 % of the value measured in 4.11.1. tangent of loss angle as specified in section ?tangent of loss angle? of this specification or 1.4 times the value measured in 4.11.1whichever is greater insulation resistance 50 % of values specified in section ?insulation resistance? of this specification sub-clause number and test conditions performance requirements
kp 1830 vishay roederstein ac and pulse film foil capacitors kp radial potted type www.vishay.com for technical ques tions, contact: dc-film@vishay.com document number: 26016 220 revision: 16-jan-09 sub group c3 4.12 endurance duration: 2000 h 1.5 x u rdc at 85 c 1.05 x u rdc at 100 c 4.12.1 initial measurements capacitance at 1 khz tangent of loss angle at 100 khz 4.12.5 final measurements visual examination no visible damage legible marking capacitance | c/c| 2 % of the value measured in 4.12.1 tangent of loss angle as specified in section ?tangent of loss angle? of this specification or 1.4 times the value measured in 4.12.1 whichever is greater insulation resistance as specif ied in section ?insulation resistance? of this specification sub-clause number and test conditions performance requirements
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VISHAYBCCOMPONENTS-KP18302680644

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X