Part Number Hot Search : 
CJND8804 3D25UM 0S102 0CEEVAE2 BAV99 SN74L 0S102 0CEEVAE2
Product Description
Full Text Search
 

To Download TACL155006TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tacmicrochip ? standard microchip ? the worlds smallest surface mount tantalum capacitor ? cv range: 0.10-150f / 2-25v ? 5 case sizes available ? low profile options available ? industrial and hi-rel medical applications l slt w h polarity band not to exceed center line tac type tacmicrochip ? l case size see table above 226 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance k=10% m=20% ta alternative characters may be used for special requirements how to order r packaging r, p = 7" standard tin termination plastic tape x, q = 4 1 ? 4 " standard tin termination plastic tape a = 7" gold termination plastic tape f = 4 1 ? 4 " gold termination plastic tape technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.10 f to 150 f capacitance tolerance: 10%; 20% leakage current dcl: 0.01cv or 0.5a whichever is the greater rated voltage (v r ) +85c: 2 3 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 1.3 2 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85c: 2.7 3.9 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125c: 1.7 2.6 3.2 5 8 12 16 20 28 40 temperature range: -55c to +125c reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level termination finish: nickel and tin plating (standard), nickel and gold plating option available upon request technical specifications 004 rated dc voltage 002=2vdc 003=3vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc 050=50vdc % % % case dimensions: millimeters (inches) minimum code eia eia length (l) width (w) height (h) termination termination average code metric spacing(s) length (lt) mass a 1206 3216-18 3.20 0.20 1.60 0.20 1.60 0.20 1.80 min. 0.15 44.6mg (0.126 0.008) (0.063 0.008) (0.063 0.008) (0.071 min.) (0.006) b 1210 3528-15 3.50 2.80 1.50 max. 2.00 min. 0.15 min. 90.0mg (0.138 ) (0.110 ) k 0402 1005-07 1.00 0.50 0.50 0.40 min. 0.10 2.8mg (0.039 ) (0.020 ) (0.020 ) (0.016 min.) (0.004) l 0603 1608-10 1.60 0.85 0.85 0.55 min. 0.15 8.6mg (0.063 ) (0.033 ) (0.033 ) (0.022 min.) (0.006) r 0805 2012-15 2.00 1.35 1.35 0.70 min. 0.15 29.9mg (0.079 ) (0.053 ) (0.053 ) (0.027 min.) (0.006) +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.20 +0.008 -0.008 +0.20 -0.10 +0.008 -0.004 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 +0.15 -0.00 +0.006 -0.000 11 lead-free compatible component
capacitance voltage rating dc (v r ) at 85c f code 2.0v 3.0v 4.0v 6.3v 10v 16v 20v 25v 35v 50v 0.10 104 k (m) k* l* 0.15 154 k (m) k (m) 0.22 224 k (m) k (m) l* 0.33 334 k (m) k (m) 0.47 474 k(15) (m) /k(25) (m) /l l 0.68 684 k (m) /l l 1.0 105 k/l k/l l r a* 1.5 155 l l l 2.2 225 k (m) /l l k (m) /l l l 3.3 335 k (m) /l k (m) /l l l l/r r* r (m) 4.7 475 k (m) /l k (m) /l l l l/r r (m) a* 6.8 685 k (m) /l l l l/r l/r 10 106 k (m) /l l l/r l (m) /r l/r r 15 156 r l (m) /r l (m) /r r 22 226 r l (m) /r l (m) /r r r 33 336 r r r r a (m) /b*/r (m) 47 476 r r r a/r (m) b 68 686 r (m) r (m) a (m) a (m) * 100 107 a (m) /r (m) a (m) /r (m) a (m) 150 157 a (m) 220 227 standard commercial range (eia sizes) (letter denotes case size) tacmicrochip ? standard microchip esr limits quoted in brackets (ohms) released codes (m tolerance only) engineering samples - please contact manufacturer *codes under development - subject to change. standard height profile: a, b, k, l, r case low pr ofile: h, j, t, u, v case note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same reliability standards. 12
tacmicrochip ? standard microchip rated dcl df esr avx eia eia case cap voltage (a) % max. () msl part no. code metric size (f) (v) max. max. @100khz 2 volt @ 85oc (1.3 volt @ 125oc) tack335 m 002#ta 0402 1005-07 k 3.3 2 0.5 8 15 1 tacl335*002#ta 0603 1608-10 l 3.3 2 0.5 6 7.5 1 tack475 m 002#ta 0402 1005-07 k 4.7 2 0.5 12 15 1 tacl475*002#ta 0603 1608-10 l 4.7 2 0.5 6 7.5 1 tack685 m 002#ta 0402 1005-07 k 6.8 2 0.5 20 15 1 tacl685*002#ta 0603 1608-10 l 6.8 2 0.5 6 7.5 1 tack106 m 002#ta 0402 1005-07 k 10 2 0.5 15 15 1 tacl106*002#ta 0603 1608-10 l 10 2 0.5 10 7.5 1 tacr226*002#ta 0805 2012-15 r 22 2 0.5 8 5 1 tacr336*002#ta 0805 2012-15 r 33 2 0.7 10 5 1 tacr476*002#ta 0805 2012-15 r 47 2 0.9 10 5 1 tacr686 m 002#ta 0805 2012-15 r 68 2 1.4 14 5 1 taca157 m 002#ta 1206 3216-18 a 150 2 3 20 1 1 3 volt @ 85oc (2 volt @ 125oc) tack225 m 003#ta 0402 1005-07 k 2.2 3 0.5 6 15 1 tacl225*003#ta 0603 1608-10 l 2.2 3 0.5 6 7.5 1 tack335 m 003#ta 0402 1005-07 k 3.3 3 0.5 8 15 1 tacl335*003#ta 0603 1608-10 l 3.3 3 0.5 6 7.5 1 tack475 m 003#ta 0402 1005-07 k 4.7 3 0.5 12 15 1 tacl475*003#ta 0603 1608-10 l 4.7 3 0.5 6 7.5 1 tacl685*003#ta 0603 1608-10 l 6.8 3 0.5 6 7.5 1 tacl106*003#ta 0603 1608-10 l 10 3 0.5 10 7.5 1 tacr156*003#ta 0805 2012-15 r 15 3 0.5 8 5 1 tacl226 m 003#ta 0603 1608-10 l 22 3 0.7 20 7.5 1 tacr226*003#ta 0805 2012-15 r 22 3 0.7 8 5 1 tacr336*003#ta 0805 2012-15 r 33 3 1 10 5 1 tacr476*003#ta 0805 2012-15 r 47 3 1.5 10 5 1 tacr686 m 003#ta 0805 2012-15 r 68 3 2 14 5 1 taca107 m 003#ta 1206 3216-18 a 100 3 3 15 1 1 tacr107 m 003#ta 0805 2012-15 r 100 3 3 30 5 1 4 volt @ 85oc (2.7 volt @ 125oc) tacl155*004#ta 0603 1608-10 l 1.5 4 0.5 6 7.5 1 tacl225*004#ta 0603 1608-10 l 2.2 4 0.5 6 7.5 1 tacl335*004#ta 0603 1608-10 l 3.3 4 0.5 6 7.5 1 tacl475*004#ta 0603 1608-10 l 4.7 4 0.5 6 7.5 1 tacl685*004#ta 0603 1608-10 l 6.8 4 0.5 8 7.5 1 tacl106*004#ta 0603 1608-10 l 10 4 0.5 10 7.5 1 tacr106*004#ta 0805 2012-15 r 10 4 0.5 8 5 1 tacl156 m 004#ta 0603 1608-10 l 15 4 0.6 20 7.5 1 tacr156*004#ta 0805 2012-15 r 15 4 0.6 8 5 1 tacl226 m 004#ta 0603 1608-10 l 22 4 0.9 20 7.5 1 tacr226*004#ta 0805 2012-15 r 22 4 0.9 8 5 1 tacr336*004#ta 0805 2012-15 r 33 4 1.3 10 5 1 tacr476*004#ta 0805 2012-15 r 47 4 1.9 14 5 1 taca686 m 004#ta 1206 3216-18 a 68 4 2.7 15 1 1 taca107 m 004#ta 1206 3216-18 a 100 4 4 20 1 1 tacr107 m 004#ta 0805 2012-15 r 100 4 4 30 5 1 6.3 volt @ 85oc (4 volt @ 125oc) tack105*006#ta 0402 1005-07 k 1 6.3 0.5 6 15 1 tacl105*006#ta 0603 1608-10 l 1 6.3 0.5 6 7.5 1 tacl155*006#ta 0603 1608-10 l 1.5 6.3 0.5 6 7.5 1 tack225 m 006#ta 0402 1005-07 k 2.2 6.3 0.5 8 15 1 tacl225*006#ta 0603 1608-10 l 2.2 6.3 0.5 6 7.5 1 tacl335*006#ta 0603 1608-10 l 3.3 6.3 0.5 6 7.5 1 tacl475*006#ta 0603 1608-10 l 4.7 6.3 0.5 8 7.5 1 tacl685*006#ta 0603 1608-10 l 6.8 6.3 0.5 10 7.5 1 tacr685*006#ta 0805 2012-15 r 6.8 6.3 0.5 8 5 1 rated dcl df esr avx eia eia case cap voltage (a) % max. () msl part no. code metric size (f) (v) max. max. @100khz tacl106 m 006#ta 0603 1608-10 l 10 6.3 0.6 10 6 1 tacr106*006#ta 0805 2012-15 r 10 6.3 0.6 8 5 1 tacl156 m 006#ta 0603 1608-10 l 15 6.3 0.9 20 7.5 1 tacr156*006#ta 0805 2012-15 r 15 6.3 0.9 8 5 1 tacr226*006#ta 0805 2012-15 r 22 6.3 1.4 10 5 1 tacr336*006#ta 0805 2012-15 r 33 6.3 2.1 12 5 1 taca476*006#ta 1206 3216-18 a 47 6.3 3 15 1 1 tacr476 m 006#ta 0805 2012-15 r 47 6.3 3 20 5 1 taca686m006#ta 1206 3216-18 a 68 6.3 4.3 15 1 1 taca107 m 006#ta 1206 3216-18 a 100 6.3 6.3 20 1 1 10 volt @ 85oc (7 volt @ 125oc) tack154 m 010#ta 0402 1005-07 k 0.15 10 0.5 6 40 1 tack224 m 010#ta 0402 1005-07 k 0.22 10 0.5 6 30 1 tack334 m 010#ta 0402 1005-07 k 0.33 10 0.5 6 20 1 tack474 m 010#ta 0402 1005-07 k 0.47 10 0.5 6 15 1 tack474 m 010#fm 0402 1005-07 k 0.47 10 0.5 6 25 1 tacl474*010#ta 0603 1608-10 l 0.47 10 0.5 6 7.5 1 tack684 m 010#ta 0402 1005-07 k 0.68 10 0.5 8 15 1 tacl684*010#ta 0603 1608-10 l 0.68 10 0.5 6 7.5 1 tack105*010#ta 0402 1005-07 k 1 10 0.5 6 15 1 tacl105*010#ta 0603 1608-10 l 1 10 0.5 6 7.5 1 tacl155*010#ta 0603 1608-10 l 1.5 10 0.5 6 7.5 1 tacl225*010#ta 0603 1608-10 l 2.2 10 0.5 6 7.5 1 tacl335*010#ta 0603 1608-10 l 3.3 10 0.5 8 7.5 1 tacr335*010#ta 0805 2012-15 r 3.3 10 0.5 8 5 1 tacl475*010#ta 0603 1608-10 l 4.7 10 0.5 10 6 1 tacr475*010#ta 0805 2012-15 r 4.7 10 0.5 8 6 1 tacl685*010#ta 0603 1608-10 l 6.8 10 0.7 20 7.5 1 tacr685*010#ta 0805 2012-15 r 6.8 10 0.7 8 5 1 tacl106*010#ta 0603 1608-10 l 10 10 1 20 7.5 1 tacr106*010#ta 0805 2012-15 r 10 10 1 8 5 1 tacr156*010#ta 0805 2012-15 r 15 10 1.5 10 5 1 tacr226*010#ta 0805 2012-15 r 22 10 2.2 14 5 1 taca336 m 010#ta 1206 3216-18 a 33 10 3.3 12 1 1 tacb336*010#ta 1210 3528-15 b 33 10 3.3 15 1 1 tacr336 m 010#ta 0805 2012-15 r 33 10 3.3 20 5 1 tacb476*010#ta 1210 3528-15 b 47 10 4.7 15 1 1 16 volt @ 85oc (10 volt @ 125oc) tack104 m 016#ta 0402 1005-07 k 0.1 16 0.5 6 40 1 tack154 m 016#ta 0402 1005-07 k 0.15 16 0.5 6 30 1 tack224 m 016#ta 0402 1005-07 k 0.22 16 0.5 6 20 1 tack334 m 016#ta 0402 1005-07 k 0.33 16 0.5 6 20 1 tacl474*016#ta 0603 1608-10 l 0.47 16 0.5 6 7.5 1 tacl684*016#ta 0603 1608-10 l 0.68 16 0.5 6 7.5 1 tacl105*016#ta 0603 1608-10 l 1 16 0.5 6 7.5 1 tacl225*016#ta 0603 1608-10 l 2.2 16 0.5 10 7.5 1 tacr335*016#ta 0805 2012-15 r 3.3 16 0.5 8 5 1 tacr106*016#ta 0805 2012-15 r 10 16 1.6 10 5 1 20 volt @ 85oc (13 volt @ 125oc) tack104*020#ta 0402 1005-07 k 0.10 20 0.5 6 40 1 tacr335 m 020#ta 0805 2012-15 r 3.3 20 0.7 8 5 1 tacr475 m 020#ta 0805 2012-15 r 4.7 20 0.9 8 5 1 25 volt @ 85oc (17 volt @ 125oc) tacr105*025#ta 0805 2012-15 r 1 25 0.5 8 5 1 taca475*025#ta 1206 3216-18 a 4.7 25 1.2 8 1 1 50 volt @ 85oc (33 volt @ 125oc) taca105*050#ta 1206 3216-18 a 1.0 50 0.5 6 1 1 ratings & part number reference moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 123. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 13


▲Up To Search▲   

 
Price & Availability of TACL155006TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X