Part Number Hot Search : 
28F320S3 MAX23 MC79L FAN2501 MOC30 DS1204V ACTZTB ELECTRON
Product Description
Full Text Search
 

To Download STD7NM60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2010 doc id 16472 rev 4 1/17 17 STD7NM60N, stf7nm60n stp7nm60n, stu7nm60n n-channel 600 v, 5 a, 0.84 , dpak, to-220fp, to-220, ipak second generation mdmesh? power mosfet features 100% avalanche tested low input capacitance and gate charge low gate input resistance application switching applications description these devices are n-channel power mosfets realized using the second generation of mdmesh tm technology. it applies the benefits of the multiple drain process to stmicroelectronics? well-known powermesh? horizontal layout structure. the resulting product offers improved on-resistance, low gate charge, high dv/dt capability and excellent av alanche characteristics. figure 1. internal schematic diagram order codes v dss @ t jmax r ds(on) max. i d STD7NM60N stf7nm60n stp7nm60n stu7nm60n 650 v < 0.9 5 a dpak ipak 3 2 1 1 3 1 2 3 to-220 1 2 3 to-220fp !-v $ ' 3 table 1. device summary order codes marking package packaging STD7NM60N 7nm60n dpak tape and reel stf7nm60n to-220fp tube stp7nm60n to-220 tube stu7nm60n ipak tube www.st.com
contents STD7NM60N, stf7nm60 n, stp7nm60n, stu7nm60n 2/17 doc id 16472 rev 4 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
STD7NM60N, stf7nm60n, stp7nm60 n, stu7nm60n electrical ratings doc id 16472 rev 4 3/17 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit to-220, ipak, dpak to-220fp v ds drain-source voltage (v gs = 0) 600 v v gs gate-source voltage 25 v i d drain current (continuous) at t c = 25 c 5 5 (1) 1. limited only by maximu m temperature allowed a i d drain current (continuous) at t c = 100 c 3 3 (1) a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 20 20 (1) a p tot total dissipation at t c = 25 c 45 20 w dv/dt (3) 3. i sd 5 a, di/dt 400 a/s, v peak < v (br)dss peak diode recovery voltage slope 15 v/ns v iso insulation withstand voltage (rms) from all three leads to external heat sink (t = 1 s; t c = 25 c) 2500 v t stg storage temperature - 55 to 150 c t j max. operating junction temperature 150 c table 3. thermal data symbol parameter value unit dpak ipak to-220 to-220fp r thj-case thermal resistance junction-case max 2.78 6.25 c/w r thj-amb thermal resistance junction-ambient max 100 62.5 c/w r thj-pcb thermal resistance junction-pcb max 50 c/w t l maximum lead temperature for soldering purpose 300 c table 4. thermal data symbol parameter value unit i ar avalanche current, repetitive or not- repetitive (pulse width limited by t j max) 2a e as single pulse avalanche energy (starting t j = 25c, i d = i ar , v dd = 50 v) 119 mj
electrical characteristics STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n 4/17 doc id 16472 rev 4 2 electrical characteristics (t c = 25 c unless otherwise specified) table 5. on /off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c =125 c 1 100 a a i gss gate-body leakage current (v ds = 0) v gs = 20 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2 3 4 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 2.5 a 0.84 0.9 table 6. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 50 v, f = 1 mhz, v gs = 0 - 363 24.6 1.1 - pf pf pf c oss eq. (1) 1. c oss eq. is defined as a constant equi valent capacitance giving t he same charging time as c oss when v ds increases from 0 to 80% v ds . output equivalent capacitance v ds = 0 to 480 v, v gs = 0 - 130 - pf r g intrinsic gate resistance f = 1 mhz open drain - 5.4 - q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 480 v, i d = 5 a, v gs = 10 v (see figure 18 ) - 14 2.7 7.7 - nc nc nc
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n ele ctrical characteristics doc id 16472 rev 4 5/17 table 7. switching times symbol parameter test conditions min. typ. max unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off-delay time fall time v dd = 300 v, i d = 2.5 a, r g = 4.7 , v gs = 10 v (see figure 19 ) - 7 10 26 12 - ns ns ns ns table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) - 5 20 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 5 a, v gs = 0 - 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 5 a, di/dt = 100 a/s v dd = 60 v (see figure 22 ) - 213 1.5 14 ns nc a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 5 a, di/dt = 100 a/s v dd = 60 v, t j = 150 c (see figure 22 ) - 265 1.8 14 ns nc a
electrical characteristics STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n 6/17 doc id 16472 rev 4 2.1 electrical characteristi cs (curves) figure 2. safe operating area for dpak, ipak figure 3. thermal impedance for dpak, ipak figure 4. safe operating area for to-220fp figure 5. thermal impedance for to-220fp figure 6. safe operating area for to-220 figure 7. thermal impedance for to-220 i d 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e 0.01 100 am06474v1 i d 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e 0.01 100 am06475v1 i d 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e 0.01 100 am06476v1
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n ele ctrical characteristics doc id 16472 rev 4 7/17 figure 8. output characteristics figure 9. transfer characteristics figure 10. gate charge vs gate-source voltage figure 11. static drain-source on resistance figure 12. capacitance variations figure 13. output capacitance stored energy i d 5 3 1 0 0 10 v d s (v) 20 (a) 40 7 8 5v 6v v g s =10v 2 4 6 9 am06477v1 i d 6 4 2 0 0 4 v g s (v) 8 (a) 2 6 10 8 1 3 5 7 9 10 v d s =20v am0647 8 v1 v g s 6 4 2 0 0 4 q g (nc) (v) 12 8 6 8 10 v dd =4 8 0v i d =5a 14 12 3 00 200 100 0 400 500 v d s v g s 2 10 16 v d s (v) am06479v1 r d s (on) 0.7 8 0.76 0.74 0 2 i d (a) ( ohm ) 1 3 0. 8 0 0. 8 2 v g s =10v 4 5 0. 8 4 0. 8 6 0. 88 am064 8 0v1 c 1000 100 10 1 0.1 10 v d s (v) (pf) 1 100 ci ss co ss cr ss am064 8 1v1 e o ss 1.0 0.5 0 0 100 v d s (v) ( j) 400 200 3 00 1.5 500 600 2.0 2.5 am064 8 2v1
electrical characteristics STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n 8/17 doc id 16472 rev 4 figure 14. normalized gate threshold voltage vs temperature figure 15. normalized on resistance vs temperature figure 16. normalized b vdss vs temperature v g s (th) 1.00 0.90 0. 8 0 0.70 -50 0 t j (c) (norm) -25 1.10 75 25 50 100 i d =250 a am064 83 v1 r d s (on) 1.9 1. 3 0.9 0.5 -50 0 t j (c) (norm) -25 75 25 50 100 0.7 1.1 1.5 1.7 2.1 am064 8 4v1 i d =2.5a bv d ss -50 0 t j (c) (norm) -25 75 25 50 100 0.9 3 0.95 0.97 0.99 1.01 1.0 3 1.05 1.07 am064 8 5v1 i d =1ma
STD7NM60N, stf7nm60n, stp7nm 60n, stu7nm60n test circuits doc id 16472 rev 4 9/17 3 test circuits figure 17. switching times test circuit for resistive load figure 18. gate charge test circuit figure 19. test circuit for inductive load switching and diode recovery times figure 20. unclamped inductive load test circuit figure 21. unclamped inductive wavefor m figure 22. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k 1k 47k 2.7k 1k 12v v i =20v=v gmax 2200 f p w i g =con s t 100 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
package mechanical data STD7NM60N, stf7nm60n, stp7nm 60n, stu7nm60n 10/17 doc id 16472 rev 4 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n pac kage mechanical data doc id 16472 rev 4 11/17 table 9. to-220fp mechanical data dim. mm min. typ. max. a4.4 4.6 b2.5 2.7 d 2.5 2.75 e0.45 0.7 f0.75 1 f1 1.15 1.70 f2 1.15 1.70 g4.95 5.2 g1 2.4 2.7 h 10 10.4 l2 16 l3 28.6 30.6 l4 9.8 10.6 l5 2.9 3.6 l6 15.9 16.4 l7 9 9.3 dia 3 3.2 figure 23. to-220fp drawing mechanical data 7012510_rev_k a b h di a l7 d e l6 l5 l2 l 3 l4 f1 f2 f g g1
package mechanical data STD7NM60N, stf7nm60n, stp7nm 60n, stu7nm60n 12/17 doc id 16472 rev 4 dim. mm. min. typ max. a 2.20 2.40 a1 0. 9 01.10 b 0.64 0. 9 0 b 2 0. 9 5 b 4 5.20 5.40 c 0.45 0.60 c2 0.4 8 0.60 d 6.00 6.20 e 6.40 6.60 e2.2 8 e1 4.40 4.60 h 16.10 l 9 .00 9 .40 (l1) 0. 8 01.20 l2 0. 8 0 v1 10 o to-251 (ipak) mechanical data 006 8 771_h
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n pac kage mechanical data doc id 16472 rev 4 13/17 dim. mm. min. typ max. a 2.20 2.40 a1 0. 9 01.10 a2 0.0 3 0.2 3 b 0.64 0. 9 0 b 4 5.20 5.40 c 0.45 0.60 c2 0.4 8 0.60 d 6.00 6.20 d1 5.10 e 6.40 6.60 e1 4.70 e2.2 8 e1 4.40 4.60 h 9 . 3 5 10.10 l1 l1 2. 8 0 l2 0. 8 0 l4 0.60 1 r0.20 v2 0 o 8 o to-252 (dpak) mechanical data 006 8 772_g
package mechanical data STD7NM60N, stf7nm60n, stp7nm 60n, stu7nm60n 14/17 doc id 16472 rev 4 to-220 type a mechanical data dim mm min typ max a 4.40 4.60 b 0.61 0. 88 b 1 1.14 1.70 c0.4 8 0.70 d 15.25 15.75 d1 1.27 e10 10.40 e 2.40 2.70 e1 4. 9 5 5.15 f1.2 3 1. 3 2 h1 6.20 6.60 j1 2.40 2.72 l1 3 14 l1 3 .50 3 . 93 l20 16.40 l 3 02 8 . 9 0 ? p 3 .75 3 . 8 5 q 2.65 2. 9 5 0015 988 _rev_s
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n pa ckaging mechanical data doc id 16472 rev 4 15/17 5 packaging mechanical data tape and reel shipment dpak footprint dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters
revision history STD7NM60N, stf7 nm60n, stp7nm60 n, stu7nm60n 16/17 doc id 16472 rev 4 6 revision history table 10. document revision history date revision changes 29-oct-2009 1 first release. 19-jul-2010 2 corrected values in table 3: thermal data . 11-oct-2010 3 inserted new value in ta b l e 6 : d y n a m i c 04-nov-2010 4 changed r ds(on) typical value.
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n doc id 16472 rev 4 17/17 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STD7NM60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X