![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
issue 5 500 44172 sensing and control general information trustability? high accuracy silicon ceramic ( hsc ) series and standard accuracy silicon ceramic (ssc) series s are piezoresistive silicon pressure sensors offering a ratiometric analog output for reading pressure over the specified full scale pressure span and temperature range. they are available in standard pressure ranges from 1 psi to 150 psi (60 mbar to 10 bar) and are intended for use with non - corrosive, non - ionic gases, such as air and other dry gases. the liquid media option exten ds the performance of these sensors to con - corrosive, non - ionic liquids. liquid media option caution product damage ensure liquid media is applied to port 1 only; port 2 is not compatible with liquids. ensure liquid media contains no particulates. all tru stability ? sensors are dead - ended devices. particulates can accumulate inside the sensor, causing damage or affecting sensor output. recommend that the sensor be positioned with port 1 facing downwards; any particulates in the system are less likely to ent er and settle within the pressure sensor if it is in this position. ensure liquid media does not create a residue when dried; build - up inside the sensor may affect sensor output. rinsing of a dead - ended sensor is difficult and has limited effectiveness for removing residue. ensure liquid media are compatible with wetted materials. non - compatible liquid media will degrade sensor performance and may lead to sensor failure. failure to comply with these instructions may result in product damage. soldering see soldering times and temperatures in table 2. cleaning caution improper cleaning ensure cleaning fluids , such as appropriate alcohols or fluorinated solvents , are used based on the type of contaminants to be removed. do not immerse the sensor. failure to comply with these instructions may result in product damage. t able 1. environmental specifications parameter characteristic humidity: dry gases only l iquid media option 0% to 95% rh, non - condensing 100% condensing or direct liquid media on port 1 vib ration mil - std - 202f, curve ak (20.7 g random) shock mil - std - 202f, method 213b, condition f life 1 1 million cycles minimum solder reflow j - std - 020 - c table 2. absolute maximum ratings 2 parameter min. max. unit supply voltage - 0.3 6.0 v voltage on ou tput pin - 0.3 vsupply + 0.3 v esd susceptibility (human body model) 3 - kv storage temperature range - 40 [ - 40] 85 [185] c [f] soldering times and temperature : lead solder (sip, dip) peak reflow (smt) 4 s max. at 250 c [482 f] 15 s max. at 250 c [4 82 f]
issue 5 50044172 table 3. operating specifications parameter min. typ. max. unit supply voltage (vsupply) 3 : 3.3 v 5.0 v 3.0 4.75 3.3 4 5.0 4 3. 6 5.25 vdc supply current : 3.3 v supply 5.0 v supply - - 1.6 2 2.1 3 ma compensated temperature r ange 5 : hsc series ssc series 0 [32] - 20 [ - 4] - - 50 [122] 85 [185] c [f] operating temperature range 6 : hsc series ssc series - 20 [ - 4] - 40 [ - 40] - - 85 [185] 85 [185] c [f] startup time (power up to data ready) - - 5 ms response tim e - 1 - ms upper output clipping limit - - 97.5 %vsupply lower output clipping limit 2.5 - - %vsupply accuracy 7 - - 0.25 %fss bfsl total e rror b and 8 : hsc series ssc series - - - - 1 2 %fss 9 output resolution 0.03 - - %fss 9 table 4. w ette d materials 10 parameter port 1 (pressure port) port 2 (reference port) covers high temperature polyamide high temperature polyamide substrate alumina ceramic alumina ceramic adhesives epoxy, silicone epoxy, silicone electronic components ceramic, glass , solder, silicon silicon, glass, gold, solder notes: 1. life may vary depending on specific application in which sensor is utilized. 2. absolute maximum ratings are the extreme limits the device will withstand without damage. 3. ratiometricity of the sensor (the ability of the device to scale to the supply voltage) is achieved within the specified operating voltage for each option. other custom supply voltages are available, please contact honeywell customer service. 4. the sensor is not reverse polarity protected. i ncorrect application of supply voltage or ground to the wrong pin may cause electrical failure. 5. the compensated temperature range is the temperature range over which the sensor will produce an output proportional to press ure within the specified performanc e limits. 6. the operating temperature range is the temperature range over which the sensor will produce an output proportional to pressur e but may not remain within the specified performance limits. 7. accuracy: the maximum deviation in output from a best fit s traight line (bfsl) fitted to the output measured over the pressure range at 25 c [77 f]. includes all errors due to pressure non - linearity, pressure hysteresis, and non - repeatability. 8. total error band: the maximum deviation from the ideal transfer funct ion over the entire compensated temperature and pressure range. includes all errors due to offset, full scale span, pressure non - linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal effect on span, and thermal hysteresis. 9. full s cale span (fss) is the algebraic difference between the output signal measured at the maximum (pmax . ) and minimum (pmin . ) limits of the pressure range. 10. contact honeywell customer service for detailed material information. table 5 . pinout for dip and smt p ackages output type pin 1 pin 2 pin 3 pin 4 pin 5 pin 6 pin 7 pin 8 analog nc vsupply output+ gnd nc nc nc nc table 6 . pinout for sip package output type pin 1 pin 2 pin 3 pin 4 analog nc vsupply output+ gnd issue 5 50044172 figure 1 . dip pressure port dimensional drawings (for reference only: mm [in]) dip nn: no ports dip an: single axial barbed port dip ln: single axial barbless port dip rn: single radial barbed port dip rr: dual radial barbed ports, same side dip dr: dual radial barbed ports, opposite sides recommended pcb pad layout 1 3 , 3 5 [ 0 . 5 2 5 ] 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 1 0 , 8 5 [ 0 . 4 2 7 ] 9 , 2 4 [ 0 . 3 6 4 ] 5 , 4 4 [ 0 . 2 1 4 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 0 , 2 5 [ 0 . 0 1 0 ] p o r t 1 p o r t 2 1 2 3 4 1 0 , 0 [ 0 . 3 9 ] 1 3 , 3 5 [ 0 . 5 2 5 ] p o r t 1 8 7 6 5 6 , 2 [ 0 . 2 4 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 9 , 2 4 [ 0 . 3 6 4 ] 1 1 , 2 1 [ 0 . 4 4 1 ] 7 , 9 5 [ 0 . 3 1 3 ] 1 3 , 7 5 [ 0 . 5 4 1 ] 4 , 9 3 d i a . [ 0 . 1 9 4 ] p o r t 2 6 , 9 9 [ 0 . 2 7 5 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 0 , 2 5 [ 0 . 0 1 0 ] p o r t 1 p o r t 2 1 0 , 0 [ 0 . 3 9 ] 1 3 , 3 5 [ 0 . 5 2 5 ] 6 , 9 9 [ 0 . 2 7 5 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 6 , 9 5 [ 0 . 2 7 4 ] 1 , 0 0 [ 0 . 0 3 9 ] 9 , 2 4 [ 0 . 3 6 4 ] 1 1 , 2 1 [ 0 . 4 4 1 ] 1 3 , 7 5 [ 0 . 5 4 1 ] 5 , 8 0 [ 0 . 2 2 8 ] 1 2 3 4 8 7 6 5 8 x 0 , 4 6 [ 0 . 0 1 8 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 4 7 d i a . [ 0 . 0 9 7 ] p o r t 1 1 3 , 3 5 [ 0 . 5 2 5 ] 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 1 1 , 2 1 [ 0 . 4 4 1 ] 9 , 2 4 [ 0 . 3 6 4 ] 5 , 8 0 [ 0 . 2 2 8 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 0 , 2 5 [ 0 . 0 1 0 ] 1 , 9 3 d i a . [ 0 . 0 7 6 ] 4 , 2 [ 0 . 1 7 ] p o r t 2 8 x 0 , 4 6 [ 0 . 0 1 8 ] 1 3 , 3 5 [ 0 . 5 2 5 ] 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 6 , 1 6 [ 0 . 2 4 2 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 1 , 2 1 [ 0 . 4 4 1 ] 9 , 2 4 [ 0 . 3 6 4 ] 2 x 1 , 9 3 d i a . [ 0 . 0 7 6 ] 4 , 6 5 [ 0 . 1 8 3 ] , 2 5 [ 0 . 0 1 0 ] p o r t 1 p o r t 2 p o r t 1 p o r t 2 4 , 0 [ 0 . 1 6 ] 3 , 7 8 [ 0 . 1 4 9 ] 1 0 , 0 [ 0 . 3 9 ] 1 3 , 3 5 [ 0 . 5 2 5 ] p o r t 1 p o r t 2 1 2 3 4 8 7 6 5 6 , 1 6 [ 0 . 2 4 2 ] 9 , 2 4 [ 0 . 3 6 4 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 5 , 7 6 [ 0 . 6 2 0 ] 1 1 , 2 1 [ 0 . 4 4 1 ] 2 x 1 , 9 3 d i a . [ 0 . 0 7 6 ] 6 , 9 9 [ 0 . 2 7 5 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 0 , 2 5 [ 0 . 0 1 0 ] p o r t 1 p o r t 2 3 , 7 8 [ 0 . 1 4 9 ] 1 3 , 0 8 [ 0 . 5 1 5 ] 0 , 8 1 3 d i a . [ 0 . 0 3 2 ] 2 , 5 4 [ 0 . 1 0 0 ] issue 5 50044172 figure 2 . smt pre ssure port dimensional drawings (for reference only: mm [in]) smt nn: no ports smt an: single axial barbed port smt ln: single axial barbless port smt rn: singl e radial barbed port smt rr: dual radial barbed ports, same side smt dr: dual radial barbed ports, opposite sides recommended pcb pad layout 1 3 , 4 [ 0 . 5 3 ] 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 5 , 4 4 [ 0 . 2 1 4 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 6 , 4 1 [ 0 . 2 5 2 ] 4 , 8 0 [ 0 . 1 8 9 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] p o r t 1 p o r t 2 1 2 3 4 8 7 6 5 1 0 , 0 [ 0 . 3 9 ] 1 3 , 4 [ 0 . 5 3 ] 7 , 9 5 [ 0 . 3 1 3 ] 1 3 , 7 5 [ 0 . 5 4 1 ] 4 , 9 3 d i a . [ 0 . 1 9 4 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 p o r t 2 6 , 7 7 [ 0 . 2 6 6 ] 4 , 8 0 [ 0 . 1 8 9 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 0 , 0 [ 0 . 3 9 4 ] 1 3 , 3 5 [ 0 . 5 2 5 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 2 , 5 4 t y p . [ 0 . 1 0 0 ] 6 , 7 7 [ 0 . 2 6 6 ] 4 , 8 0 [ 0 . 1 8 9 ] 5 , 8 0 [ 0 . 2 2 8 ] 1 3 , 7 5 [ 0 . 5 4 1 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] p o r t 1 p o r t 2 2 , 4 7 d i a . [ 0 . 0 9 7 ] 1 3 , 3 [ 0 . 5 3 ] 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 5 , 8 0 [ 0 . 2 2 8 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 6 , 7 7 [ 0 . 2 6 6 ] 4 , 8 0 [ 0 . 1 8 9 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] p o r t 1 1 , 9 3 d i a . [ 0 . 0 7 6 ] 4 , 2 [ 0 . 1 7 ] p o r t 1 p o r t 2 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 1 2 3 4 8 7 6 5 6 , 1 6 [ 0 . 2 4 2 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 6 , 7 7 [ 0 . 2 6 6 ] 4 , 8 0 [ 0 . 1 8 9 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 1 3 , 3 5 [ 0 . 5 2 5 ] 4 , 6 [ 0 . 1 8 ] p o r t 1 p o r t 2 2 x 1 , 9 3 d i a . [ 0 . 0 7 6 ] p o r t 1 p o r t 2 4 , 0 [ 0 . 1 6 ] 3 , 7 8 [ 0 . 1 4 9 ] 1 2 3 4 8 7 6 5 1 3 , 4 [ 0 . 5 3 ] p o r t 2 p o r t 1 1 0 , 0 [ 0 . 3 9 ] 6 , 9 9 [ 0 . 2 7 5 ] 2 x 2 , 9 3 [ 0 . 1 1 5 ] 1 5 , 8 [ 0 . 6 2 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 2 x 1 , 9 3 d i a . [ 0 . 0 7 6 ] 6 , 7 7 [ 0 . 2 6 6 ] 4 , 8 0 [ 0 . 1 8 9 ] 6 , 1 6 [ 0 . 2 4 2 ] 3 , 7 8 [ 0 . 1 4 9 ] 8 x 0 , 4 6 [ 0 . 0 1 8 ] 2 , 5 4 [ 0 . 1 0 0 ] 9 , 4 0 [ 0 . 3 7 0 ] 2 , 0 3 2 [ 0 . 0 8 0 ] 1 , 1 4 3 [ 0 . 0 4 5 ] issue 5 50044172 figure 3 . sip package dimensional drawings (for reference only: mm [in]) sip nn: no ports sip aa: dual axial barbed ports, opposite sides sip an: single axial barbed port sip ln: single barbless port sip ff: fastener mount, dual axial barbed ports, opposite sides sip fn: fastener mount, single axial barbed port 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 0 , 0 [ 0 . 3 9 ] 1 5 , 2 [ 0 . 6 0 ] 1 0 , 0 [ 0 . 3 9 ] 1 2 3 4 4 x 0 , 5 1 [ 0 . 0 2 0 ] 4 , 8 7 [ 0 . 1 9 2 ] p o r t 1 p o r t 2 0 , 2 5 [ 0 . 0 1 0 ] p o r t 1 p o r t 2 0 , 2 5 [ 0 . 0 1 0 ] 1 2 3 4 1 0 , 0 [ 0 . 3 9 ] 1 0 , 0 [ 0 . 3 9 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 5 , 2 [ 0 . 6 0 ] 2 2 , 0 6 [ 0 . 8 6 9 ] 2 x 4 . 9 3 d i a . [ 0 . 1 9 4 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 1 2 3 4 1 0 , 0 [ 0 . 3 9 ] 4 . 9 3 d i a . [ 0 . 1 9 4 ] 1 0 , 0 [ 0 . 3 9 ] 1 3 , 7 5 [ 0 . 5 4 1 ] 1 5 , 2 [ 0 . 6 0 ] p o r t 2 4 x 0 , 5 1 [ 0 . 0 2 0 ] 1 0 , 0 [ 0 . 3 9 ] 1 5 , 2 [ 0 . 6 0 ] 1 0 , 0 [ 0 . 3 9 ] 1 2 3 4 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 p o r t 2 0 , 2 5 [ 0 . 0 1 0 ] 1 3 , 7 5 [ 0 . 5 4 1 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] 2 , 4 7 d i a . [ 0 . 0 9 7 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 2 9 , 4 8 [ 1 . 1 6 1 ] 1 2 3 4 2 7 , 2 0 [ 1 . 0 7 1 ] 2 3 , 1 2 [ 0 . 9 1 0 ] 1 0 , 4 4 [ 0 . 4 1 1 ] p o r t 1 p o r t 2 1 7 , 7 8 [ 0 . 7 0 0 ] 2 0 , 1 6 [ 0 . 7 9 4 ] 2 x 4 , 7 8 d i a . [ 0 . 1 8 8 ] 2 x 3 . 9 4 d i a . [ 0 . 1 5 5 ] 4 x 0 , 5 1 [ . 0 2 0 ] 1 2 3 4 1 7 , 7 8 [ 0 . 7 0 0 ] 2 0 , 1 6 [ 0 . 7 9 4 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 9 , 4 8 [ 1 . 1 6 1 ] 2 3 , 1 2 [ 0 . 9 1 0 ] p o r t 1 p o r t 2 1 6 , 3 8 [ 0 . 6 4 5 ] 2 x 3 . 9 4 d i a . [ 0 . 1 5 5 ] 4 . 7 8 d i a . [ 0 . 1 8 8 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] issue 5 50044172 figure 3 . sip package dimensional drawings (continued) sip gn: ribbed fastener mount, single axial barbed port sip nb: fastener mount, dual axial ports, same side sip rn: single radial barbed port sip rr: dual radial barbed ports, same side 2 , 5 4 t y p . [ 0 . 1 0 0 ] 2 1 , 6 0 [ 0 . 8 5 0 ] p o r t 1 p o r t 2 1 2 3 4 4 . 7 8 d i a . [ 0 . 1 8 8 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 x 3 , 9 4 d i a . [ 0 . 1 5 5 ] 2 7 , 9 6 [ 1 . 1 0 1 ] 1 6 , 5 1 [ 0 . 6 5 0 ] 1 9 , 0 6 [ 0 . 7 5 0 ] 1 0 , 6 3 [ 0 . 4 1 8 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 2 2 , 8 7 [ 0 . 9 0 0 ] 1 3 [ 0 . 5 2 ] 2 x 3 . 5 0 d i a . [ 0 . 1 3 8 ] 2 1 , 6 0 [ 0 . 8 5 0 ] 2 7 , 3 1 [ 1 . 0 7 5 ] 2 5 , 3 [ 0 . 9 9 6 ] p o r t 1 p o r t 2 4 3 2 1 4 x 0 , 5 1 [ 0 . 0 2 0 ] 2 x 4 , 8 0 d i a . [ 0 . 1 8 9 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 p o r t 2 1 0 , 0 [ 0 . 3 9 ] 1 5 , 2 [ 0 . 6 0 ] 1 0 , 0 [ 0 . 3 9 ] 1 2 3 4 5 , 8 0 [ 0 . 2 2 8 ] 1 , 9 2 d i a . [ 0 . 0 7 6 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 p o r t 2 1 2 3 4 1 0 , 0 [ 0 . 3 9 ] 1 5 , 2 [ 0 . 6 0 ] 1 0 , 0 [ 0 . 3 9 ] 2 x 1 , 9 2 d i a . [ 0 . 0 7 6 ] 6 , 1 6 [ 0 . 2 4 3 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] issue 5 50044172 figure 3 . sip package dimensional drawings (continued) sip dr: dual radial barbed ports, opposite side sip hh: fastener mount, dual radial barbed ports, same side sip hn: fastener mount, single radial barbed port sip mn: manifold mount, outer diameter seal sip sn: m anifold mount, inner diameter seal recommended pcb pad layout 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 p o r t 2 1 2 3 4 1 0 , 0 [ 0 . 3 9 ] 1 0 , 0 [ 0 . 3 9 ] 1 5 , 2 [ 0 . 6 0 ] 6 , 1 6 [ 0 . 2 4 3 ] 2 x 4 . 9 3 d i a . [ 0 . 1 9 4 ] 1 5 , 8 [ 0 . 6 2 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 1 2 3 4 2 8 , 9 6 [ 1 . 1 4 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] p o r t 1 p o r t 2 2 9 , 6 2 [ 1 . 1 6 6 ] 2 3 , 1 2 [ 0 . 9 1 0 ] 1 1 , 2 7 [ 0 . 4 4 4 ] 6 , 6 4 [ 0 . 2 6 1 ] 1 0 , 5 8 [ 0 . 4 1 6 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] p o r t 1 p o r t 2 2 8 , 9 6 [ 1 . 1 4 0 ] 1 1 , 2 7 [ 0 . 4 4 4 ] 2 3 , 1 2 [ 0 . 9 1 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 2 3 4 2 x 3 , 9 4 d i a . [ 0 . 1 5 5 ] 7 , 9 7 [ 0 . 3 1 4 ] 4 , 7 8 d i a . [ 0 . 1 8 8 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] p o r t 1 p o r t 2 2 , 5 4 t y p . [ 0 . 1 0 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 1 2 3 4 p o r t 1 p o r t 2 1 5 , 2 4 d i a . [ 0 . 6 0 0 ] 1 2 , 5 [ 0 . 4 9 ] 5 , 3 6 [ 0 . 2 1 1 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 2 3 4 1 3 , 1 1 [ 0 . 5 1 6 ] 1 2 , 5 7 [ 0 . 4 9 5 ] 1 5 , 6 [ 0 . 6 1 ] 5 , 1 [ 0 . 2 0 ] 4 x 0 , 5 1 [ 0 . 0 2 0 ] p o r t 1 p o r t 2 0 , 9 1 4 d i a . [ 0 . 0 3 6 ] 2 , 5 4 [ 0 . 1 0 0 ] issue 5 50044172 sensing and control honeywell 1985 douglas drive north golden valley, mn 55422 http://sensing. honeywell.com 500 44172 - 5 - en a ugust 2012 copyright ? 2012 honeywell international inc . all rights reserved. personal injury do not use these products as safety or emergency stop devices or in any other application where failu re of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell dur ing the period of coverage, honeywell will repair or replace, at its option, without charge those items it finds defective. the foregoing is buyers sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantabilit y and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application . specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. sales and s ervice honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact your local sales office or: e - mail: info.sc@honeywell.com internet: http://sensing. honeywell.com phone and fax: asia pacific +65 6355 - 2828 +65 6445 - 3033 fax europe +44 (0) 1698 481481 +44 (0) 1698 481676 fax latin america +1 - 305 - 805 - 8188 +1 - 305 - 883 - 8257 fax usa/canada +1 - 800 - 537 - 6945 +1 - 815 - 235 - 6847 +1 - 815 - 235 - 6545 fax |
Price & Availability of SSCSNBN001BDAA3
![]() |