Part Number Hot Search : 
BR1501 TS487IDT BD825 WP13GD TCZM8V2C 50N10 M38020E5 OP43RP
Product Description
Full Text Search
 

To Download SPZTA42T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 november, 2011 ? rev. 9 1 publication order number: pzta42t1/d pzta42t1g, SPZTA42T1G high voltage transistor surface mount npn silicon features ? aec ? q101 qualified and ppap capable ? s prefix for automotive and other applications requiring unique site and control change requirements ? these devices are pb ? free, halogen free/bfr free and are rohs compliant* maximum ratings (t c = 25 ? c unless otherwise noted) rating symbol value unit collector-emitter voltage (open base) v ceo 300 vdc collector-base voltage (open emitter) v cbo 300 vdc emitter-base voltage (open collector) v ebo 6.0 vdc collector current (dc) i c 500 madc total power dissipation @ t a = 25 ? c (note 1) p d 1.5 w storage temperature range t stg ? 65 to 150 ? c junction temperature t j 150 ? c thermal characteristics characteristic symbol max unit thermal resistance, junction ? to ? ambient (note 1) r  ja 83.3 ? c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. device mounted on a fr-4 glass epoxy printed circuit board 1.575 in x 1.575 in x 0.0625 in; mounting pa d for the collector lead = 0.93 sq in. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. sot ? 223 case 318e style 1 marking diagram collector 2, 4 base 1 emitter 3 sot ? 223 package npn silicon high voltage transistor surface mount 1 ayw p1d   p1d = specific device code a = assembly location y = year w = work week  = pb ? free package (note: microdot may be in either location) http://onsemi.com ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. device package shipping ? ordering information pzta42t1g sot ? 223 (pb ? free) 1,000 / tape & reel SPZTA42T1G sot ? 223 (pb ? free) 1,000 / tape & reel
pzta42t1g, SPZTA42T1G http://onsemi.com 2 electrical characteristics (t a = 25 ? c unless otherwise noted) characteristics symbol min max unit off characteristics collector-emitter breakdown voltage (note 2) (i c = 1.0 madc, i b = 0) v (br)ceo 300 ? vdc collector-base breakdown voltage (i c = 100  adc, i e = 0) v (br)cbo 300 ? vdc emitter-base breakdown voltage (i e = 100  adc, i c = 0) v (br)ebo 6.0 ? vdc collector-base cutoff current (v cb = 200 vdc, i e = 0) i cbo ? 0.1  adc emitter-base cutoff current (v be = 6.0 vdc, i c = 0) i ebo ? 0.1  adc on characteristics dc current gain (i c = 1.0 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc) (i c = 30 madc, v ce = 10 vdc) h fe 25 40 40 ? ? ? ? dynamic characteristics current-gain ? bandwidth product (i c = 10 madc, v ce = 20 vdc, f = 100 mhz) f t 50 ? mhz feedback capacitance (v cb = 20 vdc, i e = 0, f = 1.0 mhz) c re ? 3.0 pf collector-emitter saturation voltage (i c = 20 madc, i b = 2.0 madc) v ce(sat) ? 0.5 vdc base-emitter saturation voltage (i c = 20 madc, i b = 2.0 madc) v be(sat) ? 0.9 vdc 2. pulse test conditions, t p = 300  s,  0.02. figure 1. dc current gain i c , collector current (ma) 120 0.1 1.0 10 100 80 60 0 h fe , dc current gain t j = +125 ? c 25 ? c -55 ? c v ce = 10 vdc 100 20 40
pzta42t1g, SPZTA42T1G http://onsemi.com 3 c, capacitance (pf) v r , reverse voltage (v) 0.1 100 0.1 10 1.0 10 1000 c eb @ 1mhz figure 2. capacitance i c , collector current (ma) v, voltage (v) 1.4 0.0 1.2 1.0 0.8 0.6 0.4 0.2 100 10 0.1 1.0 100 1.0 c cb @ 1mhz v be(on) @ 25 ? c, v ce = 10 v v ce(sat) @ 25 ? c, i c /i b = 10 v be(sat) @ 25 ? c, i c /i b = 10 v ce(sat) @ 125 ? c, i c /i b = 10 v ce(sat) @ -55 ? c, i c /i b = 10 v be(sat) @ 125 ? c, i c /i b = 10 v be(sat) @ -55 ? c, i c /i b = 10 v be(on) @ 125 ? c, v ce = 10 v v be(on) @ -55 ? c, v ce = 10 v figure 3. ?on? voltages figure 4. current gain bandwidth product figure 5. safe operating area v ce , collector ? emitter voltage (v) 1000 10 1 0.001 0.01 0.1 i c , collector current (a) 10 ms 1.0 s 1 100 i c , collector current (ma) f , current ? gain ? bandwidth (mhz) t 100 1 0.1 10 100 10
pzta42t1g, SPZTA42T1G http://onsemi.com 4 package dimensions sot ? 223 (to ? 261) case 318e ? 04 issue n *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.5 0.059  mm inches  scale 6:1 3.8 0.15 2.0 0.079 6.3 0.248 2.3 0.091 2.3 0.091 2.0 0.079 style 1: pin 1. base 2. collector 3. emitter 4. collector a1 b1 d e b e e1 4 123 0.08 (0003) a l1 c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inch. h e dim a min nom max min millimeters 1.50 1.63 1.75 0.060 inches a1 0.02 0.06 0.10 0.001 b 0.60 0.75 0.89 0.024 b1 2.90 3.06 3.20 0.115 c 0.24 0.29 0.35 0.009 d 6.30 6.50 6.70 0.249 e 3.30 3.50 3.70 0.130 e 2.20 2.30 2.40 0.087 0.85 0.94 1.05 0.033 0.064 0.068 0.002 0.004 0.030 0.035 0.121 0.126 0.012 0.014 0.256 0.263 0.138 0.145 0.091 0.094 0.037 0.041 nom max l1 1.50 1.75 2.00 0.060 6.70 7.00 7.30 0.264 0.069 0.078 0.276 0.287 h e ? ? e1 0 ? 1 0 ? 0 ? 1 0 ?   l l 0.20 ??? ??? 0.008 ??? ??? on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 pzta42t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of SPZTA42T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X