Part Number Hot Search : 
F08A30PT CO55CC LM3S8 S0400 BZX84C11 BU2508A 3AV2C BU306
Product Description
Full Text Search
 

To Download SOMC16012K20GEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 31508 for technical questions, contact: ff2aresistors @vishay.com www.vishay.com revision: 20-may-10 413 thick film resistor networks, dual-in-line, medium body, small outline, molded dip, surface mount somc vishay dale features ? isolated, bussed and dual terminator schematics available ? 14, 16 or 20 terminal package ? molded case construction ? thick film resistive elements ? reflow solderable ? compatible with automatic surface mounting equipment ? reduces total assembly costs ? for wave flow solder ing contact factory ? compliant to rohs directive 2002/95/ec notes ? dscc has created series of drawings to support the need for a surface mount gull wing resistor network product. vishay dale is listed as a resource on this drawing as follows: these drawings can be viewed at: www.dscc.dla.mil/programs/mils pec/listdwgs.asp?doctype=dsccdwg . ? power rating depends on the max. temperature at the solder point,the component placement densi ty and the substrate material. ? jumper: 0 -resistor on request (100 m ). ? packaging: according to eia; see appropriate catalog or web page. (1) temperature range: - 55 c to + 125 c. (2) continuous working voltage shall be or maximum working volt age, whichever is less. (3) 2 % standard, 1 % and 5 % available. note (4) rated voltage: . * pb containing terminations are not rohs compliant, exemptions may apply standard electrical specifications global model power rating circuit maximum working voltage (2) v dc temperature coefficient (1) ppm/c tolerance (3) % resistance range e-series element p 70 c w package p 70 c w 14 16 20 somc 0.08 0.16 0.08 1.05 1.125 1.05 1.20 1.28 1.20 1.52 1.60 1.52 01 03 05 50 100 1, 2, 5 1, 2, 5 1, 2, 5 10 to 1m 24 dscc drawing number vishay dale model circuit power rating resistance range tolerance % temperature coefficient (0 c to 70 c) ppm/c maximum working voltage (2) v dc element p 70 c w package p 70 c w 87012 somc1601..16 somc1603..17 somc1605..48 01 (b) 03 (a) 05 (j) 0.08 0.16 0.08 1.20 10 to 2.2m 1, 2, 5 100, 300 50 87013 somc1401..6 somc1403..13 somc1405..22 01 (b) 03 (a) 05 (j) 0.08 0.16 0.08 1.00 10 to 2.2m 1, 2, 5 100, 300 50 technical specifications parameter unit 01 circuit 03 circuit 05 circuit rated dissipation at 70 c per element w0.08 0.16 0.08 limiting element voltage (4) v dc 50 voltage coefficient ppm/v < 50 insulation voltage (1 min) v dc/ac peak 200 category temperature range c - 55/+ 150 insulation resistance > 10 10 tc tracking (- 55 c to + 125 c) ppm/c 50 p x r p x r
somc vishay dale thick film resistor networks , dual-in-line, medium body, small outline, molded dip, surface mount www.vishay.com for technical questions, contact: ff2aresistors@vishay.com document number: 31508 414 revision: 20-may-10 circuit schematics global part number information new global part numbering: somc16011k00gdc (preferred part numbering format) global model pin count schematic resistance value tolerance code pac k ag i n g special somc 14 16 20 01 = bussed 03 = isolated 00 = special r = k = k m = m 10r0 = 10 680k = 680 k 1m00 = 1.0 m f = 1 % g = 2 % j = 5 % s = special ej = lead (pb)-free, tube ea = lead (pb)-free, tape and reel dc = tin/lead, tube rz = tin/lead, tape and reel blank = standard (dash number) (up to 3 digits) from 1 to 999 as applicable historical part number example: somc1601102g (will continue to be accepted) somc 16 01 102 g d02 historical model pin count schematic resistance value tolerance code packaging new global part numbering: somc2005500bgrz (preferred part numbering format) global model pin count schematic resistance value tolerance code pac k ag i n g special somc 14 16 20 05 = dual terminator 3 digit impedance code, followed by alpha modifier (see impedance table) f = 1 % g = 2 % j = 5 % ej = lead (pb)-free, tube ea = lead (pb)-free, tape and reel dc = tin/lead, tube rz = tin/lead, tape and reel blank = standard (dash number) up to 3 digits from 1 to 999 as applicable historical part number example: so mc2005820131g (will continue to be accepted) somc 20 05 820 131 g r61 historical model pin count schematic resistance value 1 resistance value 2 tolerance code packaging r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r1 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 r2 05 circuit 14 pin pin 1 03 circuit 14 pin 16 pin 20 pin 01 circuit 14 pin 16 20 pin pin pin 1 c d g 0 0 k 1 1 0 6 1 c m o s z r g b 0 0 5 5 0 0 2 c m o s
document number: 31508 for technical questions, contact: ff2aresistors@vishay.com www.vishay.com revision: 20-may-10 415 somc thick film resistor networks , dual-in-line, medium body, small outline, molded dip, surface mount vishay dale dimensions notes ? the dimension shown are for a 16 pin part. for parts with different pi n numbers use the same pitch and add or subtract pads as required. ? maximum solder reflow temperature + 255 c. pin 1 solder pad dimensions in millimeters abc l pw wave 0.64 1.91 5.34 9.53 1.27 9.15 reflow 0.64 1.91 5.34 9.53 1.27 9.15 dimensions in millimeters pin no# l w b e f g h k r s t 14 9.91 7.62 7.62 6.20 5.59 2.16 2.03 0.914 0.457 1.27 1.14 16 11.18 7.62 8.89 6.20 5.59 2.16 2.03 0.914 0.457 1.27 1.14 20 13.72 7.62 11.43 6.20 5.59 2.16 2.03 0.914 0.457 1.27 1.14 tol. 0.254 0.381 0.254 0.381 0.127 0.127 0.127 0.254 impedance codes code r 1 ( )r 2 ( )coder 1 ( )r 2 ( ) 500b 82 130 141a 270 270 750b 120 200 181a 330 390 800c 130 210 191a 330 470 990a 160 260 221b 330 680 101c 180 240 281b 560 560 111c 180 270 381b 560 1.2k 121b 180 390 501c 620 2.7k 121c 220 270 102a 1.5k 3.3k 131a 220 330 202b 3k 6.2k performance test conditions of test test results (typical test lots) power conditioning mil-std-202 0.5 % load life at 70 c mil-std-202 0.5 % short time overload mil-std-202 0.25 % thermal shock mil-std-202 0.5 % moisure resistance mil-std-202 0.5 % resistance to soldering heat mil-std-202 0.25 % low temperature operation mil-std-202 0.25 % vibration mil-std-202 0.25 % shock mil-std-202 0.25 % terminal strength mil-std-202 0.25 %
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SOMC16012K20GEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X