Part Number Hot Search : 
AX863 CDBA320 MT16D232 1DQ05 BGR405 IONAL 00150 M317LZ
Product Description
Full Text Search
 

To Download SM16LC08C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 1 05051 sm16lc03 - sm16lc36c 500 watt multi-line low capacitance tvs array d escription the sm16lcxx and sm16lcxxc series are low capacitance mult-line transient voltage suppressor arrays that provides board level protecton for standard ttl and mos bus line applicatons against the damaging efects of esd, tertary lightning and switching transients. this series has a peak pulse power ratng of 500 wats for an 8/20s waveshape. this device series meets the iec 61000-4-2, iec 61000-4-4 and iec 61000-4-5 requirements. f eatures ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? compatble with iec 61000-4-5 (surge): 12a, 8/20s - level 1(line- gnd) & level 2(line-line) ? 500 wats peak pulse power per line (tp = 8/20s) ? unidirectonal and bidirectonal confguratons ? esd protecton > 25 kilovolts ? available in multple voltages ranging from 3.3v to 36v ? protects up to 8 lines ? low capacitance: 15pf ? rohs compliant ? reach compliant applications ? wireless communicaton circuits ? rs-422, rs-432 & rs-485 ? low voltage asics ? ethernet interfaces m ec h anical c h aracteristics ? molded jedec so-16 package ? approximate weight: 0.15 grams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 16mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 pin configurations so-16 pac k age 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 unidirectional bidirectional
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 2 05051 sm16lc03 - sm16lc36c typical device c h aracteristics maximum ratings @ 25c unless otherwise specifed parameter symbol value units operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 500 wats forward voltage @ 50ma, 300s - square wave (see note 1) v f 1.5 volts soldering temperature for 10 seconds t ii 260 c n otes 1. only applies to unidirectonal devices. electrical c h aracteristics per line @ 25c unless otherwise specifed part number (note 1) rated stand-off voltage v wm volts minimum brea k down voltage @1 m a v (br) volts maximum clamping voltage (fig. 2) @i p = 1a v c volts maximum clamping voltage (fig. 2) @ 8/20 s v c @ i pp maximum lea k age current @v wm i d a maximum capacitance @0v, 1m h z c p f temperature coefficient of v (br) qv (br) mv/c sm16lc03 3.3 4.5 7.0 20.0v @ 35a 125 15 -3 sm16lc03c 3.3 4.5 7.0 20.0v @ 35a 125 15 -3 sm16lc05 5.0 6.0 9.8 24.0v @ 42a 20 15 3 sm16lc05c 5.0 6.0 9.8 24.0v @ 42a 20 15 3 sm16lc08 8.0 8.5 13.4 26.0v @ 30a 10 15 9 SM16LC08C 8.0 8.5 13.4 26.0v @ 30a 10 15 9 sm16lc12 12.0 13.3 19.0 33.0v @ 21a 2 15 16 sm16lc12c 12.0 13.3 19.0 33.0v @ 21a 2 15 16 sm16lc15 15.0 16.7 25.5 39.0v @ 15a 2 15 17 sm16lc15c 15.0 16.7 25.5 39.0v @ 15a 2 15 17 sm16lc24 24.0 26.7 40.0 57.0v @ 10a 2 15 26 sm16lc24c 24.0 26.7 40.0 57.0v @ 10a 2 15 26 sm16lc36 36.0 40.0 53.0 72.0v @ 7a 2 15 36 sm16lc36c 36.0 40.0 53.0 72.0v @ 7a 2 15 36 n otes 1. part numbers with a c sufx are bidirectonal devices, i.e., sm16lc05 c.
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 3 05051 sm16lc03 - sm16lc36c typical device c h aracteristics figure 1 pea k pulse power vs pulse time t d - pulse duraton - s 500w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 peak pulse power 8/20s average power figure 3 power derating curve t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) figure 2 pulse wave form t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 4 05051 sm16lc03 - sm16lc36c typical device c h aracteristics figure 4 overs h oot & clamping voltage for sm16 lc 05 esd test pulse - 25 kilovolt, 1/30ns (waveshape) 5 volts per division 0 10 20 30 40 figure 5 insertion loss - sm16lc12 figure 5 return loss - sm16lc12 10 db per division 10 db per division -50 -50 -20 -20 ref 0 ref 0 20 20 100 mhz per division 100 mhz per division
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 5 05051 sm16lc03 - sm16lc36c spice model figure 1 spice model table 1 - spice parameters parameter unit abd ( tvs ) lcrd bv v see table 2 200 ibv a 1 0.01 c jo pf see table 2 5 i s a see table 2 1e-13 vj v 0.6 0.6 m - 0.33 0.33 n - 1 1 r s ohms see table 2 0.31 tt s 1e-8 1e-9 eg ev 1.11 1.11 table 2 - abd specific spice parameters part number b v ( volts ) c jo ( p f) i s ( amps ) r s ( o h ms ) sm16lc03 4.5 438 1e-11 0.21 sm16lc05 6.0 284 1e-11 0.14 sm16lc08 8.5 146 1e-11 0.28 sm16lc12 13.3 123 1e-13 0.40 sm16lc15 16.7 102 1e-13 0.52 sm16lc24 26.7 61 1e-13 1.54 sm16lc03c 4.5 438 1e-11 0.21 sm16lc05c 6.0 284 1e-11 0.14 SM16LC08C 8.5 146 1e-11 0.28 sm16lc12c 13.3 123 1e-13 0.40 sm16lc15c 16.7 102 1e-13 0.52 sm16lc24c 26.7 61 1e-13 1.54 abd - avalanche breakdown diode (tvs) lcrd: low capacitance rectfer diode lg - lead inductance abd lg 0.8nh unidirectional bidirectional lcrd lcrd i/o abd lg 0.8nh lcrd lcrd i/o abd
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 6 05051 sm16lc03 - sm16lc36c application information figure 1 - bidirectional common-mode protection circuit connectvity is as follows: ? line 1 connected to pin 9. ? line 2 connected to pin 10. ? line 3 connected to pin 11. ? line 4 connected to pin 12. ? line 5 connected to pin 13. ? line 6 connected to pin 14. ? line 7 connected to pin 15. ? line 8 connected to pin 16. ? pins 1 - 8 connected to ground. circuit board recommendations circuit board layout is critcal for electromagnetc compatbility protecton. the following guidelines are recommended: ? the protecton device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. ? the path length between the tvs device and the protected line should be minimized. ? all conductve loops including power and ground loops should be minimized. ? the transient current return path to ground should be kept as short as possible to reduce parasitc inductance. ? ground planes should be used whenever possible. for multlayer pcbs, use ground vias. 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 line 3 line 4 line 5 line 6 line 7 line 8 line 2 line 1 d d r r transceiver
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 7 05051 sm16lc03 - sm16lc36c so-16 pac k age information outline dimensions dim millimeters inc h es min max min max a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.05 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.008 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 notes 1. -t- = seatng plane and datum surface. 2. dimensions a and b are datum. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion is 0.015 (0.380mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold fash and metal burrs. pad layout dimensions dim millimeters inc h es min max min max a 1.14 1.40 0.045 0.055 b 0.64 0.89 0.025 0.035 c 6.22 - 0.245 - d 3.94 4.17 0.155 0.165 e 1.02 1.27 0.040 0.050 notes 1. controlling dimension: inches. -a- 16 9 8 1 -b- p 8 pl 0.010 (0.25mm) m m b + g d c k -t- 16 pl 0.010 (0.25mm) m s b + s a t r x 45 j 0 - 10 f a b c d e
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 8 05051 sm16lc03 - sm16lc36c tape and reel ordering information base part number (xx = voltage) leadfree suffix tape suffix qty/reel reel size tube qty sm16lcxx/sm16lcxxc -lf -t7 1,000 7 48 sm16lcxx/sm16lcxxc -lf -t13 2,500 13 48 specifications r eel d ia . t ape w idt h a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 16mm 6.50 0.10 10.30 0.10 2.10 0.10 1.50 0.10 1.75 0.10 3.50 0.05 16.00 0.30 4.00 0.12 2.00 0.10 4.00 0.10 0.25 n otes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 1,000 pieces per 16mm tape. 4. sufx - t13 = 13 reel - 2,500 pieces per 16mm tape. 5. bulk product shipped in tubes of 48 pieces per tube. 6. marking on part - part number, date code, logo and pin one defned by dot on top of package. package outline per document number 06007.r3 1/11. user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2 pin 1
only one name means protektion? www.protekdevices.com 05051.r13 1/11 page 9 05051 sm16lc03 - sm16lc36c company information company profile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2000 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. contact us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of SM16LC08C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X