Part Number Hot Search : 
BC456 LVC1G MAPC104 A1264 0B001 2SC51 ST72F32 2SB817P
Product Description
Full Text Search
 

To Download SC1602H1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SC1602H1 ( 16 characters x 2 lines ) features electrical characteristics 5 x 7 dots with cursor symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power supply voltage v dd -v o t=25 - 4.5 - v 1/16 duty cycle t=50 - 4.2 - v 4.2 v led forward voltage supply voltage v dd -v ss - 4.7 5 5.3 v supply current i dd - -24ma input "high" level v ih - 2.2 - v dd v voltage "low" level v il - 0 - 0.6 v mechanical data output "high" level v oh - 2.4 - - v unit voltage "low" level v ol - - - 0.4 v module size (w x h x t) 84.0 x 44.0 x 8.8 ( 12.7 led ) mm viewing area ( w x h ) 65.0 x 16.0 mm block diagram character size ( w x h ) 2.96 x 5.56 mm character pitch (w x h) 3.55 x 5.94 mm dot size ( w x h ) 0.56 x 0.66 mm dot pitch ( w x h ) 0.60 x 0.70 mm interface pin connections no. symbol no. symbol function 1v ss supply ground 9 db2 data bit 2 2v dd supply voltage 10 db3 data bit 3 3v o contrast adj. 11 db4 data bit 4 4 rs register select 12 db5 data bit 5 5 r/w read/write 13 db6 data bit 6 6 e enable signal 14 db7 data bit 7 7 db0 data bit 0 15 a led power 8 db1 data bit 1 16 k led power external dimensions item item dimensions function lcd controller lcd panel lcd segment driver led backlight com16 seg40 4 seg40 db0 db7 rs r/w e vo vdd vss a k


▲Up To Search▲   

 
Price & Availability of SC1602H1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X