Part Number Hot Search : 
MAX11135 SDA20 BYT51A 90635 H21UA RF8736 2SC181 AP2309N
Product Description
Full Text Search
 

To Download RCH10S68000FS06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rch www.vishay.com vishay sfernice revision: 23-may-13 1 document number: 50006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power resistor, for mounting onto a heatsink thick film technology manufactured in cermet thick film technology, these power resistors exhibit remarkable ch aracteristics and the series includes 4 types ranging from 5 w to 50 w. ? designed to be mounted onto a heatsink, the resistors can bear high short time overload s and 3 types of terminations are available. ? the resistors are non inductive and are particularly suitable for high frequency operation and cut-out circuits. features ? 5 w to 50 w ? high power rating ? high overload capabilities up to 2500 v rms ? wide resistance range from 0.24 m ? to 1 m ? ? high thermal capacity up to 0.8 c/w ? easy mounting ? reduced size and weight ? high insulation: 10 6 m ? ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 ? ? note ? tolerances unless stated: 0.3 mm dimensions in millimeters model rch5 rch10 rch25 rch50 l 16.6 19 28 47.8 w 9 11 14 15.5 h 16.4 20.6 27.5 29.5 p leads pitch 10.2 12.7 18.3 30.5 f connection pitch 11.3 14.3 18.3 39.7 t 12.5 15.9 19.8 21.4 s 5.357.78 ? d 2.4 2.4 3.2 3.2 weight (g) 45712 ? 2 6 rch...r m2 6 rch...v w h f s l ? d p 6 4.8 6 3 ? 2.1 t 9 rch...s
rch www.vishay.com vishay sfernice revision: 23-may-13 2 document number: 50006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ? standard electrical specifications model resistance range ? rated power p 25 c w tolerance % temperature coefficient ppm/c rch 0.24 to 1 m e24 range 5 to 50 1, 2, 5, 10 150, 250 mechanical specifications mechanical protection insulated case resistive element cermet substrate alumina connections tinned copper alloy environmental specifications temperature range - 55 c to + 125 c climatic category 55/125/56 flammability iec 60695-11-5 2 applications 30 s separated by 60 s technical specifications dissipation and associated onto a heatsink power rating: ? chassis mounted ? unmounted 5 w to 50 w 2 w to 5.5 w temperature coefficient 150 ppm/c insulation resistance 10 6 m ? total inductance ? 0.1 h performance tests conditions requirements momentary overload nf en140000 cei 115_1 2 pr/5 s u s < 1.5 u l < (0.25 % + 0.05 ? ) rapid temperature change nf en140000 125 c cei 68215 test na 5 cycles - 55 c to + 125 c < (0.25 % + 0.05 ? ) load life nf en140000 cei 115_1 1000 h pr at + 25 c < (0.5 % + 0.05 ? ) humidity (steady state) 56 days rh 95 % mil-std-202 method 103 b and c < (0.5 % + 0.05 ? ) resistance value in relation to tolerance and tcr resistance values < 1 ? > 1 ? standard tolerances 5 % 10 % standard tcr 250 ppm/c 150 ppm/c tolerance on request 1 % to 2 % special features model rch 5 rch 10 rch 25 rch 50 power rating-cha ssis mounted 5 w 10 w 25 w 50 w power rating-unmounted 2 w 2.5 w 4 w 5.5 w thermal resistance r th (j - c) 4.8 c/w 3.2 c/w 1.4 c/w 0.8 c/w limiting element voltage (v rms ) 160 v 250 v 550 v 1285 v max. overload voltage (v rms ) 320 v 500 v 1100 v 2500 v dielectric strength (v rms ) 50 hz, 1 min mil-std-202 method 301 10 ma max. 2000 v 2000 v 3500 v 3500 v critical resistance 5120 ? 6250 ? 12 100 ? 33 024 ?
rch www.vishay.com vishay sfernice revision: 23-may-13 3 document number: 50006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommendations for mounting onto a heatsink ? surfaces in contact must be carefully cleaned. ? the heatsink must have an acceptable flatness: from 0.05 mm to 0.1 mm/100 mm. ? roughness of the heatsink must be around 6.3 m. in order to improve the rmal conductivity, surface s in contact (alumina, heatsink) are coated with a silicone grease (type sl 340 from rh?ne-poulenc or dow 340 from dow corning). ? the fastening of the resistor to the heatsink is under pressure control of tw o screws (not supplied). ? in order to improve the dissipation, either for ced-air cooling or liquid cooling may be used. ? a low thermal radiation of the ca se allows several resistors to be mounted onto the same heatsink. ? do not forget to respect an insula tion value between two resistors (die lectric strength in dry air 1 kv/mm). ? in any case the hot spot temperature, measured locally on the case must not exceed 125 c. ? tests should be performed by the user. choice of the heatsink the user must choose according to the working condit ions of the component (pow er, room temperature). ? maximum working temperature must not exceed 125 c. the dissipated power is simply calculated by the following ratio: p: expressed in w ? t: difference between maxi mum working temperature and room temp erature or fluid c ooling temperature. r th (j - c) : thermal resistance value measured betw een resistive layer and outer side of the resistor. it is the thermal resistance of the component. r th (c - h) : thermal resistance value measured between outer side of the resistor and upper side of the heatsink. this is the thermal resistance of the interface (grease, the rmal pad), and the quality of the fastening device. r th (h - a) : thermal resistance of the heatsink. ? example: ? r th (c - a) for rch 25 power rating 20 w at ambient tempera ture + 50 c ? thermal resistance r th (j - c) : 2.5 c/w ? considering equation (1) we have: ? t = ? 125 c - 50 c ? 75 c ? r th (j - c) = 1.4 c/w (special features) ? r th (j - c) + r th (c - h) + r th (h - a) = = = 3.75 c/w ? r th (c - h) + r th (h - a) ? 3.75 c/w - 1.4 c/w ? 2.35 c/w ? with a thermal grease r th (c - h) = 1 c/w, we need a heatsink with r th (h - a) = 1.35 c/w tightening torque on heatsink rch 5 rch 10 rch 25 rch 50 0.5 nm 0.6 nm 0.7 nm 1 nm p ? t r th (j - c) r th (c - h) r th (h - a) ++ ------------------------------------------------------------------------------------------- 1 ?? = ? t p ------- 75 20 ---- -
rch www.vishay.com vishay sfernice revision: 23-may-13 4 document number: 50006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 overloads the applied voltage must always be lower than the maximum overload voltage as shown in the special features table. ? the values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink. energy curve power curve power rating for resistors mounted onto heat sink and thermal resistance of 1 c/w. ? to improve the thermal conductivity, surfaces in contact should be coated with a silicone grease. marking model, style, resistance value (in ? ), tolerance (in %), manufacturing date, vishay sfernice trademark. 0.01 0.1 1 10 100 ener g y in joule s overload duration in s rch50 rch25 rch10 rch5 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 100 1000 10 000 100 000 1 000 000 power in w overload duration in s rch50 rch25 rch10 rch5 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 0 25 50 75 100 rated power in % 0 ambient temperature in c 20 40 60 80 100 120 140 rch 5 rch 10 rch 25 rch 50
rch www.vishay.com vishay sfernice revision: 23-may-13 5 document number: 50006 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information rch 25 3.3 k ? 5 % r xxx model style resistance value tolerance optional 1 % 2 % 5 % 10 % connections optional s: flat with hole r: round lead v: m2 screw custom design optional global part number information global model size leads ohmic value tolerance packaging special rch 05 10 25 50 r = round lead v = m2 screw s = flat with hole the first four digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 4r700 = 4.7 ? 48701 = 48 700 ? r0100 = 0.01 ? r6800 = 0.68 ? 27000 = 2700 ? = 2.7 k ? f = 1 % g = 2 % j = 5 % k = 10 % s06 = bag 25 pieces as applicable ex = xxx 10s3300j03 c h r 0s6
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RCH10S68000FS06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X