Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download PMV50UPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PMV50UPE 20 v, single p-channel trench mosfet 20 july 2012 product data sheet 1. product profile 1.1 general description p-channel enhancement mode field-effect transistor (fet) in a small sot23 (to-236ab) surface-mounted device (smd) plastic package using trench mosfet technology. 1.2 features and benefits ? 3 kv esd protected ? trench mosfet technology ? low threshold voltage 1.3 applications ? relay driver ? high-side loadswitch ? switching circuits 1.4 quick reference data table 1. quick reference data symbol parameter conditions min typ max unit v ds drain-source voltage - - -20 v v gs gate-source voltage t j = 25 c -8 - 8 v i d drain current v gs = -4.5 v; t amb = 25 c; t 5 s [1] - - -3.7 a static characteristics r dson drain-source on-state resistance v gs = -4.5 v; i d = -3.2 a; t j = 25 c - 50 66 m [1] device mounted on an fr4 printed-circuit board (pcb), single-sided copper, tin-plated, mounting pad for drain 6 cm 2 . product specification sales@twtysemi.com 1 of 4 http://www.twtysemi.com
PMV50UPE 20 v, single p-channel trench mosfet 2. pinning information table 2. pinning information pin symbol description simplified outline graphic symbol 1 g gate 2 s source 3 d drain 1 2 3 to-236ab (sot23) 017aaa259 g d s 3. ordering information table 3. ordering information package type number name description version PMV50UPE to-236ab plastic surface-mounted package; 3 leads sot23 4. marking table 4. marking codes type number marking code [1] PMV50UPE %cz [1] % = placeholder for manufacturing site code 5. limiting values table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage - -20 v v gs gate-source voltage t j = 25 c -8 8 v v gs = -4.5 v; t amb = 25 c; t 5 s [1] - -3.7 a v gs = -4.5 v; t amb = 25 c [1] - -3.2 a i d drain current v gs = -4.5 v; t amb = 100 c [1] - -2 a i dm peak drain current t amb = 25 c; single pulse; t p 10 s - -12.8 a p tot total power dissipation t amb = 25 c [2] - 500 mw product specification sales@twtysemi.com 2 of 4 http://www.twtysemi.com
PMV50UPE 20 v, single p-channel trench mosfet symbol parameter conditions min max unit [1] - 955 mw t sp = 25 c - 3570 mw t j junction temperature -55 150 c t amb ambient temperature -55 150 c t stg storage temperature -65 150 c source-drain diode i s source current t amb = 25 c [1] - -1 a esd maximum rating v esd electrostatic discharge voltage hbm [3] - 3000 v [1] device mounted on an fr4 printed-circuit board (pcb), single-sided copper, tin-plated, mounting pad for drain 6 cm 2 . [2] device mounted on an fr4 printed-circuit board (pcb), single-sided copper, tin-plated and standard footprint. [3] measured between all pins. 6. thermal characteristics table 6. thermal characteristics symbol parameter conditions min typ max unit [1] - 218 250 k/w [2] - 114 130 k/w r th(j-a) thermal resistance from junction to ambient in free air [3] - 80 92 k/w r th(j-sp) thermal resistance from junction to solder point - 30 35 k/w [1] device mounted on an fr4 pcb, single-sided copper, tin-plated and standard footprint. [2] device mounted on an fr4 pcb, single-sided copper, tin-plated, mounting pad for drain 6 cm 2 . [3] device mounted on an fr4 pcb, single-sided copper, tin-plated, mounting pad for drain 6 cm 2 , t 5 s. 7. characteristics table 7. characteristics symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d = -250 a; v gs = 0 v; t j = 25 c -20 - - v v gsth gate-source threshold voltage i d = -250 a; v ds = v gs ; t j = 25 c -0.47 -0.6 -0.9 v v ds = -20 v; v gs = 0 v; t j = 25 c - - -1 a i dss drain leakage current v ds = -20 v; v gs = 0 v; t j = 150 c - - -10 a product specification sales@twtysemi.com 3 of 4 http://www.twtysemi.com
PMV50UPE 20 v, single p-channel trench mosfet symbol parameter conditions min typ max unit v gs = -8 v; v ds = 0 v; t j = 25 c - - 10 a i gss gate leakage current v gs = 8 v; v ds = 0 v; t j = 25 c - - 10 a v gs = -4.5 v; i d = -3.2 a; t j = 25 c - 50 66 m v gs = -4.5 v; i d = -3.2 a; t j = 150 c - 73 96 m v gs = -2.5 v; i d = -2.1 a; t j = 25 c - 57 81 m r dson drain-source on-state resistance v gs = -1.8 v; i d = -2.1 a; t j = 25 c - 70 110 m g fs forward transconductance v ds = -5 v; i d = -3.2 a; t j = 25 c - 18 - s dynamic characteristics q g(tot) total gate charge - 10.5 15.7 nc q gs gate-source charge - 2.2 - nc q gd gate-drain charge v ds = -10 v; i d = -3.2 a; v gs = -4.5 v; t j = 25 c - 2.7 - nc c iss input capacitance - 24 - pf c oss output capacitance - 106 - pf c rss reverse transfer capacitance v ds = -10 v; f = 1 mhz; v gs = 0 v; t j = 25 c - 14.6 - pf t d(on) turn-on delay time - 400 - ns t r rise time - 700 - ns t d(off) turn-off delay time - 2180 - ns t f fall time v ds = -10 v; i d = -3.2 a; v gs = -4.5 v; r g(ext) = 6 ; t j = 25 c - 8800 - ns source-drain diode v sd source-drain voltage i s = -1 a; v gs = 0 v; t j = 25 c - -0.8 -1.2 v product specification sales@twtysemi.com 4 of 4 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of PMV50UPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X