Part Number Hot Search : 
5AA04 5933B 120EC BUZ74A DSS71A12 MM3Z22VC DBF60 AES1A
Product Description
Full Text Search
 

To Download PCR1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 07/13 type pcr0603 pcr0805 PCR1206 pcr1210 pcr2010 pcr2512 power rating (w) at 70c 0.125 0.25 0.33 0.50 0.75 1.5 resistance range ( w) (e24) 10 to 1m 1 to 20m max operating voltage 1 50v 150v 200v 200v 400v 500v tolerances 5% / 10% / 20% tcr 10w - 270w: 200ppm 300w - 1m: 100ppm 1w - 270w: 200ppm 300w - 20m: 100ppm 1w - 20w:200ppm 22w - 20m:100ppm dimensions (lxwxt) mm [inches] 1.60 x 0.80 x 0.45 [0.06 x 0.03 x 0.018] 2.00 x 1.25 x 0.50 [0.08 x 0.05 x 0.020] 3.10 x 1.55 x 0.55 [0.12 x 0.06 x 0.022] 3.10 x 2.60 x 0.55 [0.12 x 0.10 x 0.022] 5.00 x 2.50 x 0.55 [0.20 x 0.10 x 0.022] 6.35 x 3.10 x 0.55 [0.25 x 0.12 x 0.022] pcr series ? resistances from 1 ohm to 20mohms ? power rating 0.125 to 1.5 watt ? resistance tolerances to 5% ? excellent pulse withstanding performance ? tcrs to 100 ppm/c ? sizes: 0603 / 0805 / 1206 / 1210 / 2010 / 2512 specifications pulse withstanding chip resistor ordering information part description: part type - resistance - tolerance - tcr - packaging example: pcr0603 10ohms 5% 200ppm (note: if no tcr is specifed: the highest value will be supplied) pow er derating curve 0 20 40 60 80 100 0 20 40 60 70 80 100 120 140 155 ambient temperature (c) power (%) ( p * r ) 1 operating voltage = or max listed, whichever is lower. type quantity / tape diameter pcr0603 paper 5k / 7 10k / 10 20k / 13 pcr0805 PCR1206 pcr1210 pcr2010 embossed 4k / 7 8k / 10 pcr2512
riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 07/13 test specifcation test method tcr see above -55c~+125c, 25c is the reference temperature short time overload (1.0%+0.05) rcwv*2.5 or max. overload voltage for 5 seconds insulation resistance 10g max. overload voltage for 1 minute load life (3.0%+0.05) 702c, max. working voltage for 1000 hrs with 1.5 hrs on and 0.5 hrs off damp heat with load (3.0%+0.05) 402c, 90~95% r.h. max. working voltage for 1000 hrs with 1.5 hrs on and 0.5 hrs off dry heat (3.0%+0.05) at +155c for 1000 hrs bending strength (1.0%+0.05) bending once for 5 seconds 2010, 2512 sizes: 2mm other sizes: 3mm solderability 95% min. coverage 2455c for 3 seconds resistance to soldering heat (1.0%+0.05) 2605c for 10 seconds voltage proof no breakdown or fashover 1.42 times rcwv (rms) for 1 minute leaching individual leaching area <5% total leaching area <10% 2605c for 30 seconds rapid change of temperature (1.0%+0.05) -55c to +155c, 5 cycles specifcations pulse graphs 2512 2010 1210 1206 0805 1 10 100 1000 10000 0.0001 0.001 0.01 0.1 1 pulse duration time(sec.) pulse power(watts) 2512 2010 1210 1206 0805 1 10 100 1000 10000 0.0001 0.001 0.01 0.1 1 pulse duration time(sec.) pulse power(watts) pcr series pulse withstanding chip resistor single pulse 1 result of 50 rectangular pulses at 1 min intervals 2 <1% deviation from initial value
riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 07/13 pcr series pulse withstanding chip resistor pulse graphs 2512 2010 1210 1206 0805 1 10 100 1000 10000 0.0001 0.001 0.01 0.1 1 pulse duration time(sec.) pulse power(watts) 2512 2010 1210 1206 0805 1 10 100 1000 10000 0.0001 0.001 0.01 0.1 1 pulse duration time(sec.) pulse power(watts) continuous pulse 1 result of rectangular pulses at intervals causing max power rating at 70c 2 <1% deviation from initial value


▲Up To Search▲   

 
Price & Availability of PCR1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X