Part Number Hot Search : 
APT100 ALVCH16 SC2383 HN2S04FU ISD1020 ISD1020 HN2S04FU 1W005M
Product Description
Full Text Search
 

To Download NRF51422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features ? multi-protocol 2.4ghz radio ? 32-bit arm cortex m0 processor ? 256kb flash/16kb ram ? software stacks available as downloads ? pin compatible with other nrf51xxx series devices ? application development independent from protocol stack ? fully on-air compatible with nrf24l-series ? programmable output power from +4dbm to -20dbm ? rssi ? ram mapped fifos using easydma ? dynamic on air payload length up to 256 bytes ? flexible and configurable 31 pin gpio ? programmable peripheral interface C ppi ? simple on/off global power modes ? full set of digital interfaces including: spi/2-wire/uart ? 10-bit adc ? 128-bit aes ecb/ccm/aar co-processor ? quadrature demodulator ? low cost external crystal 16mhz 40ppm ? low power 16mhz crystal and rc oscillators ? ultra low-power 32khz crystal and rc oscillators ? wide supply voltage range (1.8 v to 3.6 v) ? on-chip dc/dc buck converter ? individual power management for all peripherals ? package options: 48-pin 6x6 qfn applications ? bluetooth smart applications ? mobile phone accessories ? computer peripherals ? ce remote controls for tv, stb and media systems ? proximity and security alert tags ? sports- and fitness sensors ? healthcare and lifestyle sensors ? game controllers for computers ? toys and electronic games ? domestic/industrial control and data-acquisition ? smart rf tags for tracking and social interaction ? audience response system ? intelligent domestic appliances ulp wireless system-on-chip the nrf51822 is a powerful multi-protocol single chip solution for ulp wireless applications. it incorporates nordics latest best-in-class performance radio transceiver, an arm cortex m0 cpu and 256kb flash + 16kb ram memory. the nrf51822 supports bluetooth ? low energy and 2.4 ghz protocol stacks. lower power and higher performance the nrf51822 uses the 32-bit arm cortex m0 mcu, together with extensive flash availability, 256kb in total, with 128kb available for application development. code density and execution speed are considerably greater than for 8/16-bit platforms. the programmable peripheral interconnect (ppi) system provides a 16-channel bus for direct and autonomous system peripheral communication without cpu intervention. this brings predictable latency times for peripheral to peripheral interaction and power saving benefits associated with leaving the cpu idle. the device has 2 global power modes on/off, but all system blocks and peripherals have individual power management control which allows for an automatic switching run/idle for system blocks based only on those required/not required to achieve particular tasks. the new radio forms the basis of the nrf51822s performance. the radio supports bluetooth low energy and is on air compatible with the nrf24l-series products from nordic semiconductor. output power is now scalable from a maximum of +4dbm down to -20dbm in 4db steps. sensitivity is increased at every level and offers sensitivity ranges (dependent on data rate) from -96 to -85dbm, with -92.5dbm for bluetooth low energy. nrf51822 multi-protocol bluetooth low energy and 2.4ghz proprietary system-on-chip 256kb flash ahb lit e bus apb bus t imers / c ount ers analog i/ o digital i/ o s y s t em p eripher als 16kb ram gpio radio mul ti-pr o t o c ol 2.4ghz pr oc es sor 1 6 mhz 3 2-bi t a rm c o r t ex- m0 cp u p o w er supply oscilla t ors
s110 protocol stack the nrf51822 is complemented by the s110 software stack. the s110 is a complete bluetooth low energy stack supporting the peripheral and broadcaster gap roles. it offers gatt/gap and l2cap apis to the application. the s110 protocol stack can be downloaded along with adopted bluetooth low energy profiles from nordic semiconductor. development tools nordic semiconductor provides a complete range of hardware and software development tools for the nrf51 series devices. for more information contact us. specifications related products frequency band 2.4ghz ism ( 2.40000 C 2.4835ghz) on-air data rate 250 kbps, 1 mbps or 2 mbps modulation gfsk output power programmable: +4 to -20dbm in 4db steps sensitivity -92.5dbm bluetooth low energy -96dbm at 250kb -90dbm at 1mbs -85dbm at 2mbs radio current consumption ldo at 1.8v 16ma C tx at +4dbm output power 10.5ma C tx at 0dbm output power 13ma C rx at 1mbs radio current consumption dc-dc at 3v 10.5ma C tx at +4dbm output power 8.1ma C tx at 0dbm output power 9.5ma C rx at 1mbs microcontroller 32-bit arm cortex m0 program memory 256kb flash ram 16kb oscillators 16mhz crystal oscillator 16mhz rc oscillator 32khz crystal oscillator 32khz rc oscillator (250 ppm) system current consumption 420na C no ram retention 530na - 8k ram retention 2a C all peripherals in idle mode hardware security 128-bit aes ecb/ccm/aar co-processor gpio 31 configurable digital i/o x2 hardware spi master 2x 2-wire master uart quadrature demodulator peripherals 10-bit adc rng temperature sensor rtc ppi 16-channel voltage regulator ldo (1.8 to 3.6v), ldo bypass (1.75 to 1.95v) buck dc/dc (2.1 to 3.6v) timers/counters 2 x 16 bit, 1 x 24bit, 2 x 24bit, rtc package options rohs compliant 48-pin 6x6 qfn nrf6700 nrfgo starter kit nrf51822-dk nrf51822 develop kit NRF51422 ant multi-protocol soc easy, fast and safe code development the nrf51822 offers developers a clean separation between application code development and embedded protocol stacks. this means compile, link and run-time dependencies with the embedded stack and associated de-bugging challenges are removed. the bluetooth low energy stack is a pre-compiled binary available from nordic semiconductor, leaving application code to be compiled stand-alone. the embedded stack interface uses an asynchronous and event-driven model removing the need for rtos frameworks. developers can concentrate with confidence on what they do best - developing applications. maximum re-use and easy migration the devices in the nrf51 series are pin compatible enabling migration between technologies such as bluetooth low energy and ant with no layout changes. the common hw architecture ensures that one codebase can be re-used effortlessly between nrf51 series devices. variants in the nrf51 series enable simple choices tailoring device selection to desired wireless protocol and feature requirements with little or no changes. application code bluetooth low energy protocol stack soc gazell protocol stack trondheim, norway seoul, korea oslo, norway tokyo, japan hong kong, china san jose, usa headquarters: trondheim, norway tel: +47 72 89 89 00 for more information visit www.nordicsemi.com for the complete prod - uct specification about this and any other wireless ulp products. about nordic semiconductor nordic semiconductor is a fabless semiconductor company specializing in ulp short-range wireless communication. nordic is a public company listed on the norwegian stock exchange. world wide office locations laguna, philippines taipei, taiwan


▲Up To Search▲   

 
Price & Availability of NRF51422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X