Part Number Hot Search : 
MTEZ320A 02550 SGM8042 03N60C3 CLAMP 000KHB 3PMT58C AD2026
Product Description
Full Text Search
 

To Download MUR460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power rectifiers features ? ultrafast 25, 50 and 75 nanosecond recovery times ? 175c operating junction temperature ? low forward voltage ? low leakage current ? high temperature glass passivated junction ? reverse voltage to 600 volts high temperature soldering : 260 ? o c / 10 seconds at terminals ? pb free product at available : 99% sn above meet rohs environment substance directive request mechanical characteristics ? case: epoxy, molded ? weight: 1.1 gram (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 220c max. for 10 seconds, 1/16, from case ? shipped in plastic bags, 5,000 per bag ? available tape and reeled, 1500 per reel, by adding a ?rl?? suffix to the part number ? polarity: cathode indicated by polarity band ? marking: mur405, mur410, mur415, mur420, mur440,MUR460 maximum ratings mur rati ng symbol 405 410 415 420 440 460 uni t peak repet itive reverse voltage working peak reverse voltage dc bl ocki ng voltage v rrm v rwm v r 50 100 150 200 400 600 volts average rectified forward current (square wave ) (mounting method #3 per note 2 ) i f(av) 4.0 @ t a = 80c 4.0 @ t a = 40c amps nonrepetitive peak surge current (surge applied at rated load conditions, half wave, single phase , 60 hz) i fsm 150 amps operat ing junction temperature & storage temperature t j , t stg -65 to +150 c thermal characteristics maximum thermal resistance , juncti on to ambi ent r ja see note 2 c/w electrical characteristics maximum instantaneous forward vol tage (note 1) (i f = 4.0 amps, t j = 25c) vf 1.0 1.3 volts maximum instantaneous reverse current (note 1 ) (rated dc voltage, t j = 150c) (rated dc voltage, t j = 25c) ir 150 10 250 10 a maximum reverse recovery time (i f = 0.5 amp, i r = 1.0 amp, i rec = 0.25 amp) trr 50 ns maximum forward recovery time (i f = 1.0 a, di/dt = 100 a/ms , recovery to 1.0 v ) tfr 25 50 ns 1. pulse test: pulse width = 300 ms, duty cycle _2.0%. .375 (9.5) .285 (7.2) .210 (5.3) .188 (4.8) .052 (1.3) .048 (1.2) dia. dia. do-201ad unit:inch(mm) 1.0 (25.4) min. 1.0 (25.4) min. data sheet mur405 / 410 / 415 / 420 / 440 / 460 semiconductor http://www.yeashin.com 1 rev.02 20110725
figure 1. typical forward voltage v f, instantaneous voltage (v) 0.3 0.6 0.4 0.8 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f v r , reverse voltage (v) 0 6040 100 120 40 80 0.008 0.004 0.002 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 175 i r 002 08 02 figure 2. typical reverse current t a , ambient temperature ( figure 3. current derating (mounting method #3 per note 2) figure 4. power dissipation 0 2.0 1.0 2.0 3.0 4.0 0 4.0 6.0 8.0 i f(av) , average forward current (a) p f(av) figure 5. typical capacitance 0.7 10 70 1.0 1.1 1.2 100 t j = 175 25 160 180 140 0.08 0.04 0.02 , reverse current ( a) 100 25 , average power dissipation (watts) dc squarewave i 1.0 3.0 5.0 7.0 5.0 6.0 7.0 8.0 0.2 0.5 0.7 0.9 200 20 30 40 10 v r , reverse voltage (v) c, capacitance (pf) 50 60 70 80 90 100 20 30 50 40 0 t j = 25 9.0 10 5.0 10 i pk i av (capacitive load) =20 0 1 2 3 4 5 6 7 8 0 20 40 60 80 100 120 140 160 180 200 rated v r r ja = 28 squarewave dc i f(av) , average forward current (a) mur405 / 410 / 415 / 420 / 440 / 460 http://www.yeashin.com 2 rev.02 20110725 c c/w c c c c ) c c c
figure 6. typical forward voltage v f, instantaneous voltage (volts) 0.5 1.1 0.7 1.5 0.03 0.1 0.3 0.2 2.0 1.0 0.02 20 7.0 3.0 0.5 5.0 0.05 , instantaneous forward current (amps) f v r , reverse voltage (volts) 0 200 100 400 40 80 0.008 0.004 200 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 175 i r 007 003 figure 7. typical reverse current t a , ambient temperature ( ) figure 8. current derating (mounting method #3 per note 2) figure 9. power dissipation 0 2.0 2.0 4.0 6.0 8.0 0 4.0 6.0 8.0 i f(av) , average forward current (a) p f(av) figure 10. typical capacitance 0.7 10 0.07 1.9 2.1 2.3 100 t j = 175 25 600 500 0.08 0.04 0.02 , reverse current ( a) 100 25 , average power dissipation (watts) i pk i av dc squarewave i 1.0 3.0 5.0 7.0 10 12 14 0.3 0.9 1.3 1.7 40 20 30 4.0 10 v r , reverse voltage (volts) c, capacitance (pf) 5.0 6.0 7.0 8.0 9.0 10 20 30 50 40 0 t j = 25 400 9.0 10 5.0 10 (capacitive load) =20 0 20 40 60 80 100 120 140 160 180 200 0 1 2 3 4 5 6 7 8 rated v r r ja = 28 5 c/w squarewave dc i f(av) , average forward current (a) mur405 / 410 / 415 / 420 / 440 / 460 http://www.yeashin.com 3 rev.02 20110725 c c c c c c c c


▲Up To Search▲   

 
Price & Availability of MUR460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X