Part Number Hot Search : 
2SD1884 144868 CXTA2710 USD210 TEA1111A SRGP30 LBS70A03 BZT52B75
Product Description
Full Text Search
 

To Download MM3Z33VB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20110725 h mm3zxxvb series 200mw sod-323 surface mount small outline flat lead plastic package zener voltage regulators absolute maximum ratings t a = 25c unless otherwise noted symbol parameter value units p d power dissipation 200 mw t stg storage temperature range -65 to +150 c t opr operating temperature range -65 to +150 c these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? wide zener voltage range selection, 2.4v to 75v ? vz tolerance selection of 2% (b series) ? flat lead sod-323 small outline plastic package ? surface device type mounting ? moisture sensitivity level 1 ? clip bonding construction, good thermal capability ? pb free version and rohs compliant ? matte tin(sn) lead finish with nickel(ni) underplate ? band indicates cathode electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min nom max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) mm3z2v4b 0z 2.35 2.4 2.45 5 94 1 564 45 1 mm3z2v7b 1z 2.65 2.7 2.75 5 94 1 564 18 1 mm3z3v0b 2z 2.94 3.0 3.06 5 89 1 564 9 1 mm3z3v3b 3z 3.23 3.3 3.37 5 89 1 564 4.5 1 mm3z3v6b 4z 3.53 3.6 3.67 5 84 1 564 4.5 1 mm3z3v9b 5z 3.82 3.9 3.98 5 84 1 564 2.7 1 mm3z4v3b 6z 4.21 4.3 4.39 5 84 1 564 2.7 1 mm3z4v7b 7z 4.61 4.7 4.79 5 75 1 470 2.7 2 mm3z5v1b 8z 5.00 5.1 5.20 5 56 1 451 1.8 2 mm3z5v6b 9z 5.49 5.6 5.71 5 37 1 376 0.9 2 mm3z6v2b az 6.08 6.2 6.32 5 9 1 141 2.7 4 mm3z6v8b bz 6.66 6.8 6.94 5 14 1 75 1.8 4 mm3z7v5b cz 7.35 7.5 7.65 5 14 1 75 0.9 5 mm3z8v2b dz 8.04 8.2 8.36 5 14 1 75 0.63 5 mm3z9v1b ez 8.92 9.1 9.28 5 14 1 94 0.45 6 mm3z10vb fz 9.80 10 10.20 5 18 1 141 0.18 7 mm3z11vb gz 10.78 11 11.22 5 18 1 141 0.09 8 mm3z12vb hz 11.76 12 12.24 5 23 1 141 0.09 8 mm3z13vb jz 12.74 13 13.26 5 28 1 160 0.09 8 mm3z15vb kz 14.70 15 15.30 5 28 1 188 0.045 10.5 mm3z16vb lz 15.68 16 16.32 5 37 1 188 0.045 11.2 mm3z18vb mz 17.64 18 18.36 5 42 1 212 0.045 12.6 mm3z20vb nz 19.60 20 20.40 5 51 1 212 0.045 14.0 electrical symbol cathode anode sod-323 flat lead
http://www.yeashin.com 2 rev.02 20110725 mm3zxxvb series electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min nom max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) mm3z22vb pz 21.56 22 22.44 5 51 1 235 0.045 15.4 mm3z24vb rz 23.52 24 24.48 5 65 1 235 0.045 16.8 mm3z27vb sz 26.46 27 27.54 5 75 0.5 282 0.045 18.9 mm3z30vb tz 29.40 30 30.60 5 75 0.5 282 0.045 21.0 MM3Z33VB uz 32.34 33 33.66 5 75 0.5 306 0.045 23.0 mm3z36vb vz 35.28 36 36.72 5 84 0.5 329 0.045 25.2 mm3z39vb wz 38.22 39 39.78 5 122 0.5 329 0.045 27.3 mm3z43vb xz 42.14 43 43.86 5 141 0.5 353 0.045 30.1 mm3z47vb yz 46.06 47 47.94 5 160 0.5 353 0.045 33.0 mm3z51vb ? z 49.98 51 52.02 5 169 0.5 376 0.045 35.7 mm3z56vb =z 54.88 56 57.12 5 188 0.5 400 0.045 39.2 mm3z62vb z 60.76 62 63.24 5 202 0.5 423 0.045 43.4 mm3z68vb >z 66.64 68 69.36 5 226 0.5 447 0.045 47.6 mm3z75vb http://www.yeashin.com 3 rev.02 20110725 mm3zxxvb series device characteristics fig.1 typical forward voltage fig.2 effect of zener voltage on zener impedance 0 50 100 150 200 250 0 25 50 75 100 125 150 175 200 temperature [ ] power passipation, mw fig.3 power dissipation vs. ambient temp. fig.4 typical capacitance fig.5 zener breakdown characteristics fig.6 zener breakdown characteristics
http://www.yeashin.com 4 rev.02 20110725 mm3zxxvb series package outline & dimensions sod-323 package outline notes: 1. the above package outline is similar to jeita sc-90. 2. dimensions are exclusive of burrs, mold flash & tie bar extrusions. fig.7 typical leakge current


▲Up To Search▲   

 
Price & Availability of MM3Z33VB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X