Part Number Hot Search : 
SR800 660CT 2SK304 105M2 SMBJ10 2SK34 BZG4733 1017A
Product Description
Full Text Search
 

To Download MCT9001S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mct9001 ?dual phototransistor optocouplers ?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 f ebruary 2010 mct9001 dual phototransistor optocouplers features two isolated channels per package two packages fit into a 16 lead dip socket underwriters laboratory (u.l.) recognized file e90700 vde approved for iec60747-5-2 applications ac line/digital logic ?isolate high voltage transients digital logic/digital logic ?eliminate spurious grounds digital logic/ac triac control ?isolate high voltage transients twisted pair line receiver ?eliminate ground loop feedthrough telephone/telegraph line receiver ?isolate high voltage transients high frequency power supply feedback control ? maintain floating grounds and transients relay contact monitor ?isolate floating grounds and transients power supply monitor ?isolate transients description the mct9001 optocoupler has two channels for density applications. for four channel applications, two-packages fit into a standard 16-pin dip socket. each channel is an npn silicon planar phototransistor optically coupled to a gallium arsenide infrared emitting diode. schematic package outlines 8 1 8 1 8 1 collector emitter anode cathode 1 2 3 4 5 6 7 8 emitter collector cathode anode equivalent circuit
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 2 mct9001 ?dual phototransistor optocouplers absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. symbol rating value unit tot al device t stg storage temperature -55 to +150 ? t opr operating temperature -55 to +100 ? t sol lead solder temperature (refer to re?w temperature pro?e) 260 for 10 sec ? p d t otal device power dissipation @ t a = 25? 400 mw derate above 25? 4.83 mw/? emitter (each channel) i f f orward current ?continuous 60 ma i f (pk) forward current ?peak (pw = 1?, 300pps) 3 a v r reverse voltage 5.0 v p d led power dissipation @ t a = 25? 100 mw derate above 25? (total input) 1.1 mw/? detector (each channel) i c collector current ?continuous 30 ma p d detector power dissipation @ t a = 25? 150 mw derate above 25? 1.67 mw/?
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 3 mct9001 ?dual phototransistor optocouplers electrical characteristics (t a = 25? unless otherwise speci?d) individual component characteristics t ransfer characteristics isolation characteristics *all typicals at t a = 25? symbol parameter test conditions min. typ.* max. unit emitter v f input forward voltage i f = 10ma 1.0 1.3 v i r reverse current v r = 5v 10 ? c j j unction capacitance v f = 0 v, f = 1mhz 50 pf detector bv ceo collector-emitter breakdown voltage i c = 0.5ma, i f = 0 55 v bv eco emitter-collector breakdown voltage i e = 100?, i f = 0 7 v i ceo collector-emitter dark current v ce = 24v, i f = 0 5 100 na v ce = 24v, t a = 85? 50 ? c ce capacitance v ce = 0v, f = 1mhz 8 pf symbol parameter test conditions min. typ.* max. units switching times (ac) non-saturated t on turn-on time r l = 100 ? , i c = 2ma, v cc = 10v 3 s t off turn-off time 3 s t r rise time 2.4 ? t f fall time 2.4 ? saturated t on turn-on time i f = 16ma, r l = 1.9k ? , v ce = 5v 2.4 ? t off turn-off time 25.0 ? dc characteristics ctr current transfer ratio, collector-emitter i f = 5ma, v ce = 5v 50 600 % ctr (sat) i f = 8ma, v ce = 0.4v 30 % v ce(sat) saturation voltage i f = 8ma, i c = 2.4ma 0.40 v symbol characteristic test conditions min. typ.* max. units v iso input-output isolation voltage i i-o 10?, t = 1min. 5000 vac(rms) r iso isolation resistance v i-o = 500vdc 10 11 ? c iso isolation capacitance f = 1mhz 0.5 pf
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 4 mct9001 ?dual phototransistor optocouplers typical performance curves fig. 1 normalized ctr vs. forward current i f - forward current (ma) 0510 15 20 normalized ctr 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 v ce = 5.0v t a = 25 c normalized to i f = 10ma fig. 2 normalized ctr vs. ambient temperature -75 -50 -25 0 25 50 75 100 125 normalize d ctr 0.4 0.6 0.8 1.0 1.2 1.4 1.6 normalized to i f = 10ma t a = 25 c i f = 10ma i f = 20ma t a - ambient temperature ( c) t a - ambient temperature ( c) i f = 5ma fig. 3 dark current vs. ambient temperature 025507 5 100 125 i ceo - collect or-emitter d ark curre nt ( a) 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 v ce = 10v fig. 4 switching speed vs. load resistor r - load resistor (k ? ) 0.1 1 10 100 switching speed ( s) v f - forward voltatge (v) 0.1 1 10 100 1000 t off t on t f i f = 10ma v cc = 10v t a = 25 c fig. 6 collector-emitter saturation voltage vs. collector current v ce (sat) - collector-emitter 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 i f = 20ma i f = 2.5ma i f = 10ma i f = 5ma t a = 25 c i f - led forward current (ma) i c - collector current (ma) fig. 5 led forward voltage vs. forward current 110 100 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 t a = 25 c t a = 55 c t a = 100 c t r saturation voltage (v)
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 5 mct9001 ?dual phototransistor optocouplers package dimensions pa c kage drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/ 9.18~10.18 6.00~7.00 (0.405) pin 1 (1.50) (1.30) (7.90) (10.50) (1.04) (2.54) note: all dimensions are in millimeters. through hole surface mount 0.4" lead spacing 1.15~1.35 3.00~4.00 0.35 typ. 3.85 typ. 0.26 typ. 9.86~10.46 8.15 (typ.) 0.75~1.25 (both sides 0.40~0.60 2.29~2.79 pin 1 (0.405) 9.18~10.18 6.00~7.00 1.15~1.35 2.30~3.30 0.26 (typ.) 10.16 (typ.) 15 (max.) 0.40~0.60 2.29~2.79 1.10 (typ.) 4.60 (typ.) 3.00~4.00 9.18~10.18 1.15~1.35 3.00~4.00 1.00 (typ.) 2.30~3.30 4.50 (typ.) 6.00~7.00 (0.405) pin 1 2.29~2.79 0.26 (typ.) 7.62 (typ.) 15 (max.) 0.40~0.60 recommend pad layout for surface mount leadform
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 6 mct9001 ?dual phototransistor optocouplers ordering information marking information option example part number description no option mtc9001 standard through hole s mtc9001s surface mount lead bend sd mtc9001sd surface mount; tape and reel 300 mtc9001300 vde approved 3s mtc90013s surface mount lead bend; vde approved 3sd mtc90013sd surface mount; tape and reel; vde approved 300w mtc9001300w 0.4" lead spacing; vde approved 1 2 6 4 3 5 de?itions 1f airchild logo 2d e vice number 3 vde mark (note: only appears on parts ordered with vde option ?see order entry table) 4t wo digit year code, e.g., ?3 5t wo digit work week ranging from ?1 to ?3 6 assembly package code mct9001 t1 yy xx v
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 7 mct9001 ?dual phototransistor optocouplers carrier tape specifications note: all dimensions are in inches (millimeters) 4.0 0.1 1.55 0.05 user direction of feed 4.0 0.1 1.75 0.10 7.5 0.1 16.0 0.3 12.0 0.1 0.30 0.05 13.2 0.2 4.90 0.20 0.1 max 10.30 0.20 10.30 0.20 1.6 0.1
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 8 mct9001 ?dual phototransistor optocouplers re?w pro?e pro?e feature pb-free assembly pro?e t emperature min. (tsmin) 150? t emperature max. (tsmax) 200? time (t s ) from (tsmin to tsmax) 60?20 seconds ramp-up rate (t l to t p ) 3?/second max. liquidous temperature (t l ) 217? time (t l ) maintained above (t l ) 60?50 seconds p eak body package temperature 260? +0? / ?? time (t p ) within 5? of 260? 30 seconds ramp-down rate (t p to t l ) 6?/second max. time 25? to peak temperature 8 minutes max. time (seconds) te mperature ( c) ti me 25? to peak 260 240 220 200 180 160 140 120 100 80 60 40 20 0 t l t s t l t p t p ts m a x ts m i n 120 preheat area max. ramp-up rate = 3?/s max. ramp-down rate = 6?/s 240 360
?003 fairchild semiconductor corporation www.fairchildsemi.com mct9001 rev. 1.0.7 9 trademarks th e following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its global subsidiaries , and is not intended to be an exhaustive list of all such trademarks. accupower auto-spm build it now coreplus corepower crossvolt ctl current transfer logic deuxpeed dual cool ecospark efficientmax fairchild fairchild semiconductor fact quiet series fact fast fastvcore fetbench flashwriter * fps f-pfs frfet global power resource sm green fps green fps e-series g max gto in tellimax isopla nar m egabuck mi crocoupler mi crofet micr opak micr opak2 m illerdrive moti onmax mot ion-spm optohit optologic optoplanar pdp spm power-spm powert rench powerxs programmable active droop qfet qs quiet series rapidconfigure saving our world, 1mw/w/kw at a time signalwise smartmax smart start spm stealth superfet s upersot -3 supersot -6 supersot -8 supremos syncfet sy nc-lock * the power franchise tinyboost tinybuck tinycalc tinyl ogic tinyopto tinypower tinypwm tinywire tr ifault detect truecurrent * serdes uhc ultra frfet unifet vcx visualmax xs *t ra demarks of system general corporation, used under license by fairchild semiconductor. disclaimer fa ir child semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild? worldwide terms and conditions, specifically the warranty therein, wh ic hc overs these products. life support policy fa i rchild? products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance wi th instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. an ti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external websi te, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are experiencing counterf eiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, faile d applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselves and our customers from the proli feration of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fairchild or from authorized fairchi ld distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or from authorized fairchild distributors are ge nuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fairchild's full range of up-to-date technica landprod uct information. fairchild and our authorized distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. fairc hild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is committed to combat this global problem and encou rage our customers to do their part in stopping this practice by buying direct or from authorized distributors. product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no i dentification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i47 mct9001 ?dual phototransistor optocouplers


▲Up To Search▲   

 
Price & Availability of MCT9001S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X